Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MAX13037 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part No. MAX13037
Description  Automotive Contact Monitor and Level Shifters with LDO Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX13037 Datasheet(HTML) 5 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Automotive Contact Monitor and
Level Shifters with LDO Regulator
_______________________________________________________________________________________
5
TIMING CHARACTERISTICS (continued)
(BAT = +6V to +26V, TA = -40°C to +125°C, unless otherwise noted. Typical values are at BAT = +14V, TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SDI to Falling Edge of CLK
Required Setup Time
tSI(SU)
Input rise/fall time < 2ns, Figure 1
30
ns
Falling Edge of CLK to SDI
Required Hold Time
tSI(HOLD)
Input rise/fall time < 2ns, Figure 1
20
ns
Time from Falling Edge of
CS to
SDO Low Impedance
tSO(EN)
Input rise/fall time < 2ns, Figure 1
55
ns
Time from Rising Edge of
CS to
SDO High Impedance
tSO(DIS)
Figures 1 and 2
55
ns
Time from Rising Edge of CLK to
SDO Data Valid
tVALID
CSDO =15pF, Figure 1
70
ms
CTDEB = 500pF
3.18
5.9
9.42
ms
Debounce Time
tDEB
CTDEB = 10nF
63
120
188
ms
Scanning Time Pulse
tSCAN
130
250
400
µs
Scanning Time Period
tSCAN-P
SC0 = 0, SC1 = 1, SC2 = 1
4
8
14
ms
Wetting Time Pulse
tWETT
WTOFF = 0
10
21
35
ms
Time from Shutdown to Normal
Operation
tSD
SD low-to-high transition to input monitoring
enabled
200
µs
Time from SCAN Mode to Normal
Operation
tSM
(Note 8)
500
µs
Reset Output Pulse Width
tRST
CTD = 10nF (Figure 3)
10
21
36
ms
Watchdog Timeout Period 1
tWD1
CTD = 10nF, time before INT goes low
(Figure 3)
40
84
144
ms
Watchdog Timeout Period 2
tWD2
CTD = 10nF, time before RST goes low
(Figure 3)
2 x tWD1
ms
Minimum Watchdog Timeout
Reset on WDI
tWDI
300
ns
Note 2: All units are 100% production tested at TA = 125°C. Limits over the operating temperature range are guaranteed by design and
not production tested.
Note 3: VTH_C = (VTH_HIGH + VTH_LOW) / 2.
Note 4: VTH_HYS = (VTH_HIGH - VTH_LOW).
Note 5: Wetting current rise/fall time is measured as the time it takes to go from 20% to 80% of the maximum wetting current.
Note 6: TSHDN is the temperature at which the wetting currents and LDO are disabled.
Note 7: TWARN is the temperature at which only the wetting currents are disabled.
Note 8: When exiting SCAN mode to enter Normal Mode (through SPI) any input change is ignored for 500µs (typ) to allow correct
wake-up of input comparators. After this time elapses, the inputs are monitored in continuous mode.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn