Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX13037 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part No. MAX13037
Description  Automotive Contact Monitor and Level Shifters with LDO Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo MAXIM - Maxim Integrated Products

MAX13037 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX13037 Datasheet HTML 1Page - Maxim Integrated Products MAX13037 Datasheet HTML 2Page - Maxim Integrated Products MAX13037 Datasheet HTML 3Page - Maxim Integrated Products MAX13037 Datasheet HTML 4Page - Maxim Integrated Products MAX13037 Datasheet HTML 5Page - Maxim Integrated Products MAX13037 Datasheet HTML 6Page - Maxim Integrated Products MAX13037 Datasheet HTML 7Page - Maxim Integrated Products MAX13037 Datasheet HTML 8Page - Maxim Integrated Products MAX13037 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Automotive Contact Monitor and
Level Shifters with LDO Regulator
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(BAT = +6V to +26V, TA = -40°C to +125°C, unless otherwise noted. Typical values are at BAT = +14V, TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LINEAR REGULATOR
MAX13037, VBAT = +14V, ILOAD = 1mA
4.92
5.00
5.08
Output Voltage
VLO
MAX13038, VBAT = +14V, ILOAD = 1mA
3.234
3.300
3.366
V
VLO = +5V
(MAX13037)
0.53
1
ILOAD = 1mA to 50mA,
VBAT = +14V
VLO = +3.3V
(MAX13038)
0.53
1
VLO = +5V
(MAX13037)
1
1.85
Load Regulation
LOAD_REG
ILOAD = 1mA to 150mA,
VBAT = +14V
VLO = +3.3V
(MAX13038)
1
1.85
%
Line Regulation
LINE_REG
VBAT = +6V to +26V
-0.9
+0.9
mV/V
VLO = +5V, ILO = 50mA (MAX13037)
330
VLO = +5V, ILO = 150mA (MAX13037)
1000
Dropout Voltage
VDROP
VLO = +3.3V, ILO = 150mA (MAX13038)
1300
mV
Output Current Limit
ILIM
VBAT = +14V
150
mA
Power-Supply Rejection Ratio
PSRR
ILO = 10mA, f = 100Hz, 500mVP-P,
AC-coupled into VBAT
68
dB
Start-Up Time
tSTART
1ms
RESET, WATCHDOG
Reset Reference Voltage
VRST
THRESH from high to low
1.20
1.24
1.28
V
THERMAL SHUTDOWN
Thermal Shutdown Temperature
TSHDN
(Note 6)
165
°C
Thermal Shutdown Temperature
for Wetting Currents Only
TWARN
(Note 7)
135
°C
Thermal Shutdown Hysteresis
THYST
15
°C
TIMING CHARACTERISTICS
(BAT = +6V to +26V, TA = -40°C to +125°C, unless otherwise noted. Typical values are at BAT = +14V, TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VBAT = +6V
22
35
IN0 to DO0 Propagation Delay,
IN1 to DO1 Propagation Delay
tPROP
VBAT = +14V
22
µs
CLK Frequency
fCLK
Input rise/fall time < 2ns
5
MHz
Falling Edge of
CS to Rising
Edge of CLK
Required Setup Time
tLEAD
Input rise/fall time < 2ns, Figure 1
110
ns
Falling Edge of CLK to Rising
Edge of
CS
Required Setup Time
tLAG
Input rise/fall time < 2ns, Figure 1
50
ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn