Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS21953SPBF Datasheet(PDF) 12 Page - International Rectifier

Part # IRS21953SPBF
Description  HIGH SIDE & DUAL LOW SIDE DRIVER IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS21953SPBF Datasheet(HTML) 12 Page - International Rectifier

Back Button IRS21953SPBF Datasheet HTML 8Page - International Rectifier IRS21953SPBF Datasheet HTML 9Page - International Rectifier IRS21953SPBF Datasheet HTML 10Page - International Rectifier IRS21953SPBF Datasheet HTML 11Page - International Rectifier IRS21953SPBF Datasheet HTML 12Page - International Rectifier IRS21953SPBF Datasheet HTML 13Page - International Rectifier IRS21953SPBF Datasheet HTML 14Page - International Rectifier IRS21953SPBF Datasheet HTML 15Page - International Rectifier IRS21953SPBF Datasheet HTML 16Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
IRS21953SPBF
12
0
10
20
30
40
-50
-25
0
25
50
75
100
125
Temperature (oC)
Figure 14A. Logic "1" Input Current
vs. Tem perature
Max.
Typ.
0
10
20
30
40
10
12
14
16
18
20
V
cc Supply Voltage (V)
Figure 14B. Logic "1" Input Current
vs. Supply Voltage
Max.
Typ.
0
2
4
6
8
10
-50
-25
0
25
50
75
100
125
Temperature (oC)
Figure 15A. Logic "0" Input Current
vs. Tem perature
Max.
0
2
4
6
8
10
10
12
14
16
18
20
V
cc Supply Voltage (V)
Figure 15B. Logic "0" Input Current
vs. Supply Voltage
Max.
6
7
8
9
10
11
12
-50
-25
0
25
50
75
100
125
Temperature (oC)
Figure 16. Vcc Undervoltage Threshold (+)
vs. Tem perature
Max.
Typ.
Min.
6
7
8
9
10
11
12
-50
-25
0
25
50
75
100
125
Temperature (oC)
Figure 17. V
CC Unde r voltage Thr e s hold (-)
vs. Tem perature
Max
Typ.
Min.


Similar Part No. - IRS21953SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS21953SPBF IRF-IRS21953SPBF Datasheet
188Kb / 17P
   HIGH SIDE & DUAL LOW SIDE DRIVER IC
IRS21953SPBF IRF-IRS21953SPBF_15 Datasheet
188Kb / 17P
   HIGH SIDE & DUAL LOW SIDE DRIVER IC
More results

Similar Description - IRS21953SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS21952SPBF IRF-IRS21952SPBF_15 Datasheet
209Kb / 17P
   HIGH SIDE & DUAL LOW SIDE DRIVER IC
IRS21953SPBF IRF-IRS21953SPBF_15 Datasheet
188Kb / 17P
   HIGH SIDE & DUAL LOW SIDE DRIVER IC
IRS21952SPBF IRF-IRS21952SPBF Datasheet
194Kb / 17P
   HIGH SIDE & DUAL LOW SIDE DRIVER IC
IRS21853SPBF IRF-IRS21853SPBF Datasheet
176Kb / 17P
   DUAL HIGH SIDE DRIVER IC
IRS21853SPBF IRF-IRS21853SPBF_15 Datasheet
191Kb / 17P
   DUAL HIGH SIDE DRIVER IC
logo
ON Semiconductor
FAN8811 ONSEMI-FAN8811 Datasheet
341Kb / 14P
   High-Frequency, High Side and Low Side Gate Driver IC
April, 2019 ??Rev. 3
FAN8811T ONSEMI-FAN8811T Datasheet
901Kb / 17P
   High-Frequency, High Side and Low Side Gate Driver IC
April 2017- Rev. 0
logo
Tripath Technology Inc.
TP2150B TRIPATH-TP2150B Datasheet
377Kb / 18P
   DUAL HIGH SIDE AND LOW SIDE MOSFET DRIVER
logo
Texas Instruments
DRV8803 TI-DRV8803_15 Datasheet
933Kb / 20P
[Old version datasheet]   QUAD LOW-SIDE DRIVER IC
DRV8803 TI1-DRV8803_16 Datasheet
1Mb / 26P
[Old version datasheet]   Quad Low-Side Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com