Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS21952STRPBF Datasheet(PDF) 8 Page - International Rectifier

Part # IRS21952STRPBF
Description  HIGH SIDE & DUAL LOW SIDE DRIVER IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS21952STRPBF Datasheet(HTML) 8 Page - International Rectifier

Back Button IRS21952STRPBF Datasheet HTML 4Page - International Rectifier IRS21952STRPBF Datasheet HTML 5Page - International Rectifier IRS21952STRPBF Datasheet HTML 6Page - International Rectifier IRS21952STRPBF Datasheet HTML 7Page - International Rectifier IRS21952STRPBF Datasheet HTML 8Page - International Rectifier IRS21952STRPBF Datasheet HTML 9Page - International Rectifier IRS21952STRPBF Datasheet HTML 10Page - International Rectifier IRS21952STRPBF Datasheet HTML 11Page - International Rectifier IRS21952STRPBF Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
IRS21952SPBF
8
0
100
200
300
400
500
600
700
800
-50
-25
0
25
50
75
100
125
Temperature (oC)
Figure 2A. Turn-On Tim e
vs. Tem perature
Typ.
0
100
200
300
400
500
600
700
800
10
12
14
16
18
20
V
BIAS Supply Voltage (V)
Figure 2B. Turn-On Tim e
vs. Supply Voltage
Typ.
0
100
200
300
400
500
-50
-25
0
25
50
75
100
125
Temperature (oC)
Figure 3A. Turn-Off Tim e
vs. Tem perature
Typ.
0
100
200
300
400
500
10
12
14
16
18
20
V
BIAS Supply Voltage (V)
Figure 3B. Turn-Off Tim e
vs. Supply Voltage
Typ.
0
20
40
60
80
-50
-25
0
25
50
75
100
125
Temperature (oC)
Fiure 4A. Turn-On Rise Tim e
vs.Tem perature
Typ.
0
20
40
60
80
10
12
14
16
18
20
V
BIAS Supply Voltage (V)
Figure 4B. Turn-On Rise Tim e
vs. Supply Voltage
Typ.


Similar Part No. - IRS21952STRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS21952SPBF IRF-IRS21952SPBF Datasheet
209Kb / 17P
   HIGH SIDE & DUAL LOW SIDE DRIVER IC
IRS21952SPBF IRF-IRS21952SPBF_15 Datasheet
209Kb / 17P
   HIGH SIDE & DUAL LOW SIDE DRIVER IC
More results

Similar Description - IRS21952STRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS21952SPBF IRF-IRS21952SPBF_15 Datasheet
209Kb / 17P
   HIGH SIDE & DUAL LOW SIDE DRIVER IC
IRS21953SPBF IRF-IRS21953SPBF_15 Datasheet
188Kb / 17P
   HIGH SIDE & DUAL LOW SIDE DRIVER IC
IRS21953SPBF IRF-IRS21953SPBF Datasheet
173Kb / 17P
   HIGH SIDE & DUAL LOW SIDE DRIVER IC
IRS21853SPBF IRF-IRS21853SPBF Datasheet
176Kb / 17P
   DUAL HIGH SIDE DRIVER IC
IRS21853SPBF IRF-IRS21853SPBF_15 Datasheet
191Kb / 17P
   DUAL HIGH SIDE DRIVER IC
logo
ON Semiconductor
FAN8811 ONSEMI-FAN8811 Datasheet
341Kb / 14P
   High-Frequency, High Side and Low Side Gate Driver IC
April, 2019 ??Rev. 3
FAN8811T ONSEMI-FAN8811T Datasheet
901Kb / 17P
   High-Frequency, High Side and Low Side Gate Driver IC
April 2017- Rev. 0
logo
Tripath Technology Inc.
TP2150B TRIPATH-TP2150B Datasheet
377Kb / 18P
   DUAL HIGH SIDE AND LOW SIDE MOSFET DRIVER
logo
Texas Instruments
DRV8803 TI-DRV8803_15 Datasheet
933Kb / 20P
[Old version datasheet]   QUAD LOW-SIDE DRIVER IC
DRV8803 TI1-DRV8803_16 Datasheet
1Mb / 26P
[Old version datasheet]   Quad Low-Side Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com