Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS2308PBF Datasheet(PDF) 8 Page - International Rectifier

Part # IRS2308PBF
Description  HALF-BRIDGE DRIVER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2308PBF Datasheet(HTML) 8 Page - International Rectifier

Back Button IRS2308PBF Datasheet HTML 4Page - International Rectifier IRS2308PBF Datasheet HTML 5Page - International Rectifier IRS2308PBF Datasheet HTML 6Page - International Rectifier IRS2308PBF Datasheet HTML 7Page - International Rectifier IRS2308PBF Datasheet HTML 8Page - International Rectifier IRS2308PBF Datasheet HTML 9Page - International Rectifier IRS2308PBF Datasheet HTML 10Page - International Rectifier IRS2308PBF Datasheet HTML 11Page - International Rectifier IRS2308PBF Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
IRS2308(S)PbF
www.irf.com
8
Temperature (oC)
VBIAS Supply Voltage (V)
0
100
200
300
400
500
-50
-25
0
25
50
75
100
125
Temperature(oC)
Figure 6A .Tu rn -O n Rise Time
vs .Te m pe rature
0
10 0
20 0
30 0
40 0
50 0
10
12
14
16
18
20
VBIAS Supply Voltage (V)
Figu re 6B .Tu rn -O n Rise Time
vs .Sup ply Vo ltag e
0
50
100
150
200
-50
-25
0
25
50
75
100
125
Temperature(oC)
Figure 7A .Tu rn -O ff FallTime
vs .Te m p eratu re
0
50
10 0
15 0
20 0
10
12
14
16
18
20
Input Voltage (V)
Figu re 7B .Tu rn -O ff FallTime
vs .In put vo ltag e
Figure 6B. Turn-On Rise Time
vs. Supply Voltage
Figure 6A. Turn-On Rise Time
vs. Temperature
Figure 7B. Turn-Off Fall Time
vs. Supply Voltage
Figure 7A. Turn-Off Fall Time
vs. Temperature
Max.
Typ.
Typ.
Max.
Max.
Typ.
Max.
Typ.


Similar Part No. - IRS2308PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2308 IRF-IRS2308 Datasheet
301Kb / 21P
   HALF-BRIDGE DRIVER
logo
Infineon Technologies A...
IRS2308 INFINEON-IRS2308 Datasheet
289Kb / 21P
   HALF-BRIDGE DRIVER
DS No.PD60266 Rev A
IRS2308S INFINEON-IRS2308S Datasheet
289Kb / 21P
   HALF-BRIDGE DRIVER
DS No.PD60266 Rev A
logo
International Rectifier
IRS2308 IRF-IRS2308_15 Datasheet
301Kb / 21P
   HALF-BRIDGE DRIVER
More results

Similar Description - IRS2308PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2609DSPBF IRF-IRS2609DSPBF_11 Datasheet
831Kb / 25P
   HALF-BRIDGE DRIVER
IR2304 IRF-IR2304 Datasheet
211Kb / 8P
   HALF-BRIDGE DRIVER
IR2184STRPBF IRF-IR2184STRPBF Datasheet
294Kb / 24P
   HALF-BRIDGE DRIVER
IR25601SPBF IRF-IR25601SPBF Datasheet
520Kb / 11P
   Half-Bridge Driver
IR25602SPBF IRF-IR25602SPBF Datasheet
1Mb / 18P
   Half-Bridge Driver
IRS2104PBF IRF-IRS2104PBF Datasheet
665Kb / 15P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF Datasheet
1Mb / 23P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF_1 Datasheet
820Kb / 26P
   HALF-BRIDGE DRIVER
IRS21091PBF IRF-IRS21091PBF Datasheet
758Kb / 20P
   HALF-BRIDGE DRIVER
logo
HUAYI MICROELECTRONICS ...
HYD25050 HUAYI-HYD25050 Datasheet
1Mb / 9P
   Half-Bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com