Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS2308 Datasheet(PDF) 1 Page - International Rectifier

Part # IRS2308
Description  HALF-BRIDGE DRIVER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2308 Datasheet(HTML) 1 Page - International Rectifier

  IRS2308 Datasheet HTML 1Page - International Rectifier IRS2308 Datasheet HTML 2Page - International Rectifier IRS2308 Datasheet HTML 3Page - International Rectifier IRS2308 Datasheet HTML 4Page - International Rectifier IRS2308 Datasheet HTML 5Page - International Rectifier IRS2308 Datasheet HTML 6Page - International Rectifier IRS2308 Datasheet HTML 7Page - International Rectifier IRS2308 Datasheet HTML 8Page - International Rectifier IRS2308 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
V
CC
V
B
V
S
HO
LO
COM
HIN
LIN
LIN
HIN
up to 600 V
TO
LOAD
V
CC
Typical Connection
HALF-BRIDGE DRIVER
Features
Floating channel designed for bootstrap operation
Fully operational to +600 V
Tolerant to negative transient voltage, dV/dt
immune
Gate drive supply range from 10 V to 20 V
Undervoltage lockout for both channels
3.3 V, 5 V, and 15 V input logic compatible
Cross-conduction prevention logic
Matched propagation delay for both channels
Outputs in phase with inputs
Logic and power ground +/- 5 V offset.
Internal 540 ns deadtime
Lower di/dt gate driver for better
noise immunity
Data Sheet No.PD60266
IRS2308(S)PbF
www.irf.com
1
(Refer to Lead Assignments for correct pin configuration). This diagram shows electrical connections only.
Please refer to our Application Notes and DesignTips for proper circuit board layout.
Description
The IRS2308/IRS23084 are high volt-
age, high speed power MOSFET and
IGBT drivers with dependent high-side
and low-side referenced output channels.
Proprietary HVIC and latch immune
CMOS technologies enable ruggedized
monolithic construction. The logic input
is compatible with standard CMOS or LSTTL output, down to 3.3 V logic. The output drivers feature a high
pulse current buffer stage designed for minimum driver cross-conduction. The floating channel can be used
to drive an N-channel power MOSFET or IGBT in the high-side configuration which operates up to 600 V.
Packages
8-Lead SOIC
IRS2308S
8-Lead PDIP
IRS2308
Part
Input
logic
Cross-
conduction
prevention
logic
Deadtime
(ns)
Ground Pins
ton/toff
(ns)
2106
COM
21064
HIN/LIN
no
none
VSS/COM
220/200
2108
Internal 540
COM
21084
HIN/LIN
yes
Programmable 540 - 5000
VSS/COM
220/200
2109
Internal 540
COM
21094
IN/SD
yes
Programmable 540 - 5000
VSS/COM
750/200
Feature Comparison
2304
HIN/LIN
yes
Internal 100
COM
160/140
2308
HIN/LIN
yes
Internal 540
COM
220/200
RoHS compliant


Similar Part No. - IRS2308

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2308 IRF-IRS2308 Datasheet
301Kb / 21P
   HALF-BRIDGE DRIVER
logo
Infineon Technologies A...
IRS2308 INFINEON-IRS2308 Datasheet
289Kb / 21P
   HALF-BRIDGE DRIVER
DS No.PD60266 Rev A
IRS2308S INFINEON-IRS2308S Datasheet
289Kb / 21P
   HALF-BRIDGE DRIVER
DS No.PD60266 Rev A
logo
International Rectifier
IRS2308 IRF-IRS2308_15 Datasheet
301Kb / 21P
   HALF-BRIDGE DRIVER
More results

Similar Description - IRS2308

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2609DSPBF IRF-IRS2609DSPBF_11 Datasheet
831Kb / 25P
   HALF-BRIDGE DRIVER
IR2304 IRF-IR2304 Datasheet
211Kb / 8P
   HALF-BRIDGE DRIVER
IR2184STRPBF IRF-IR2184STRPBF Datasheet
294Kb / 24P
   HALF-BRIDGE DRIVER
IR25601SPBF IRF-IR25601SPBF Datasheet
520Kb / 11P
   Half-Bridge Driver
IR25602SPBF IRF-IR25602SPBF Datasheet
1Mb / 18P
   Half-Bridge Driver
IRS2104PBF IRF-IRS2104PBF Datasheet
665Kb / 15P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF Datasheet
1Mb / 23P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF_1 Datasheet
820Kb / 26P
   HALF-BRIDGE DRIVER
IRS21091PBF IRF-IRS21091PBF Datasheet
758Kb / 20P
   HALF-BRIDGE DRIVER
logo
HUAYI MICROELECTRONICS ...
HYD25050 HUAYI-HYD25050 Datasheet
1Mb / 9P
   Half-Bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com