Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF7478QPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7478QPBF
Description  SMPS MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7478QPBF Datasheet(HTML) 1 Page - International Rectifier

  IRF7478QPBF Datasheet HTML 1Page - International Rectifier IRF7478QPBF Datasheet HTML 2Page - International Rectifier IRF7478QPBF Datasheet HTML 3Page - International Rectifier IRF7478QPBF Datasheet HTML 4Page - International Rectifier IRF7478QPBF Datasheet HTML 5Page - International Rectifier IRF7478QPBF Datasheet HTML 6Page - International Rectifier IRF7478QPBF Datasheet HTML 7Page - International Rectifier IRF7478QPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.irf.com
1
09/04/07
IRF7478QPbF
HEXFET® Power MOSFET
Parameter
Max.
Units
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
7.0
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
5.6
A
IDM
Pulsed Drain Current

56
PD @TA = 25°C
Power Dissipation
„
2.5
W
Linear Derating Factor
0.02
W/°C
VGS
Gate-to-Source Voltage
± 20
V
dv/dt
Peak Diode Recovery dv/dt
†
3.7
V/ns
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Absolute Maximum Ratings
Notes
 through † are on page 8
SO-8
Top View
8
1
2
3
4
5
6
7
D
D
D
D
G
S
A
S
S
A
VDSS
RDS(on) max (mW)
ID
60V
26@VGS = 10V
4.2A
30@VGS = 4.5V
3.5A
Symbol
Parameter
Typ.
Max.
Units
RθJL
Junction-to-Drain Lead
–––
20
RθJA
Junction-to-Ambient
„
–––
50
°C/W
Thermal Resistance
l
Advanced Process Technology
l
Ultra Low On-Resistance
l
N Channel MOSFET
l
Surface Mount
l
Available in Tape & Reel
l
150°C Operating Temperature
l
Automotive [Q101] Qualified
l
Lead-Free
Description
Specifically designed for Automotive applications. Additional
features of these Automotive qualified HEXFET Power
MOSFET's are a 150°C junction operating temperature,
fast switching speed and improved repetitive avalanche
rating. These benefits combine to make this design an
extremely efficient and reliable device for use in Automotive
applications and a wide variety of other applications.
The efficient SO-8 package provides enhanced thermal
characteristics making it ideal in a variety of power
applications. This surface mount SO-8 can dramatically
reduce board space and is also available
in Tape & Reel.
SMPS MOSFET
PD- 96128


Similar Part No. - IRF7478QPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7478QPBF IRF-IRF7478QPBF Datasheet
194Kb / 9P
   Advanced Process Technology
More results

Similar Description - IRF7478QPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFPS30N60KPBF IRF-IRFPS30N60KPBF Datasheet
135Kb / 8P
   SMPS MOSFET
IRFR1N60APBF IRF-IRFR1N60APBF Datasheet
231Kb / 10P
   SMPS MOSFET
IRFB9N65APBF IRF-IRFB9N65APBF Datasheet
129Kb / 8P
   SMPS MOSFET
IRLR3715PBF IRF-IRLR3715PBF Datasheet
268Kb / 10P
   SMPS MOSFET
IRFR3412PBF IRF-IRFR3412PBF Datasheet
224Kb / 10P
   SMPS MOSFET
IRF7466PBF IRF-IRF7466PBF Datasheet
131Kb / 8P
   SMPS MOSFET
IRF7468PBF IRF-IRF7468PBF Datasheet
126Kb / 8P
   SMPS MOSFET
IRFB18N50KPBF IRF-IRFB18N50KPBF Datasheet
173Kb / 8P
   SMPS MOSFET
IRFIB8N50K IRF-IRFIB8N50K Datasheet
147Kb / 8P
   SMPS MOSFET
IRFR420A IRF-IRFR420A Datasheet
114Kb / 10P
   SMPS MOSFET
logo
Kersemi Electronic Co.,...
IRFR220N KERSEMI-IRFR220N Datasheet
3Mb / 10P
   SMPS MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com