Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXK77K36R320GB-3 Datasheet(PDF) 11 Page - Sony Corporation

Part # CXK77K36R320GB-3
Description  32Mb LW R-R HSTL High Speed Synchronous SRAM (1Mb x 36)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXK77K36R320GB-3 Datasheet(HTML) 11 Page - Sony Corporation

Back Button CXK77K36R320GB-3 Datasheet HTML 7Page - Sony Corporation CXK77K36R320GB-3 Datasheet HTML 8Page - Sony Corporation CXK77K36R320GB-3 Datasheet HTML 9Page - Sony Corporation CXK77K36R320GB-3 Datasheet HTML 10Page - Sony Corporation CXK77K36R320GB-3 Datasheet HTML 11Page - Sony Corporation CXK77K36R320GB-3 Datasheet HTML 12Page - Sony Corporation CXK77K36R320GB-3 Datasheet HTML 13Page - Sony Corporation CXK77K36R320GB-3 Datasheet HTML 14Page - Sony Corporation CXK77K36R320GB-3 Datasheet HTML 15Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
SONY®
CXK77K36R320GB
Preliminary
32Mb LW R-R, rev 0.6
11 / 22
March 16, 2004
Read-Write-Read Timing Diagram
Asynchronously Controlled via G and Dummy Read Operations (SS = Low)
Note: In the diagram above, two Dummy Read operations are inserted between Read and Write operations to control the data
bus transition from output to input. This depiction is for clarity purposes only. It is NOT a requirement. Depending on the ap-
plication, one Dummy Read operation may be sufficient.
A4
A6
A7
SA
SW
G
DQ
Q1
D5
D6
Q2
Q3
D4
A1
Q7
Read
Read
Read
Read
Read
Write
Write
Write
Read
Read
Read
Figure 3
K
K
A2
A5
SS = VIL
tKHQX
tKHQZ
tKHQX1
tKHQV
SBWx
A3
tGLQX
tGLQV
tGHQZ
Dummy
Dummy
A8
A9
tKHDX
tDVKH
tKHWX
tWVKH
tKHAX
tAVKH
tKHWX
tWVKH
tKHKH
tKLKH
tKHKL


Similar Part No. - CXK77K36R320GB-3

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXK77K18R320GB SONY-CXK77K18R320GB Datasheet
198Kb / 23P
   32Mb LW R-R HSTL High Speed Synchronous SRAM (2Mb x 18)
CXK77K18R320GB-3 SONY-CXK77K18R320GB-3 Datasheet
198Kb / 23P
   32Mb LW R-R HSTL High Speed Synchronous SRAM (2Mb x 18)
CXK77K18R320GB-33 SONY-CXK77K18R320GB-33 Datasheet
198Kb / 23P
   32Mb LW R-R HSTL High Speed Synchronous SRAM (2Mb x 18)
CXK77K18R320GB-4 SONY-CXK77K18R320GB-4 Datasheet
198Kb / 23P
   32Mb LW R-R HSTL High Speed Synchronous SRAM (2Mb x 18)
More results

Similar Description - CXK77K36R320GB-3

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXK77K18R320GB SONY-CXK77K18R320GB Datasheet
198Kb / 23P
   32Mb LW R-R HSTL High Speed Synchronous SRAM (2Mb x 18)
CXK77P36E160GB SONY-CXK77P36E160GB Datasheet
257Kb / 25P
   16Mb LW R-L HSTL High Speed Synchronous SRAMs (512K x 36 or 1M x 18)
CXK79M36C162GB SONY-CXK79M36C162GB Datasheet
400Kb / 25P
   18Mb 1x2Lp HSTL High Speed Synchronous SRAMs (512Kb x 36)
logo
AMIC Technology
A63L83361 AMICC-A63L83361_15 Datasheet
207Kb / 16P
   256K X 36 Bit Synchronous High Speed SRAM
A63L06361 AMICC-A63L06361_15 Datasheet
207Kb / 16P
   1M X 36 Bit Synchronous High Speed SRAM
A63P83361 AMICC-A63P83361 Datasheet
268Kb / 16P
   256K X 36 Bit Synchronous High Speed SRAM
A63L8336 AMICC-A63L8336_15 Datasheet
213Kb / 17P
   256K X 36 Bit Synchronous High Speed SRAM
A63L93361 AMICC-A63L93361 Datasheet
269Kb / 16P
   512K X 36 Bit Synchronous High Speed SRAM
logo
Sony Corporation
CXK79M72C164GB SONY-CXK79M72C164GB Datasheet
476Kb / 28P
   18Mb 1x1Dp HSTL High Speed Synchronous SRAMs (256Kb x 72 or 512Kb x 36)
logo
Integrated Silicon Solu...
IS61NLP102436A ISSI-IS61NLP102436A Datasheet
228Kb / 22P
   1Mb x 36 and 2Mb x 18 STATE BUS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com