Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXK77K36R320GB Datasheet(PDF) 2 Page - Sony Corporation

Part # CXK77K36R320GB
Description  32Mb LW R-R HSTL High Speed Synchronous SRAM (1Mb x 36)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXK77K36R320GB Datasheet(HTML) 2 Page - Sony Corporation

  CXK77K36R320GB Datasheet HTML 1Page - Sony Corporation CXK77K36R320GB Datasheet HTML 2Page - Sony Corporation CXK77K36R320GB Datasheet HTML 3Page - Sony Corporation CXK77K36R320GB Datasheet HTML 4Page - Sony Corporation CXK77K36R320GB Datasheet HTML 5Page - Sony Corporation CXK77K36R320GB Datasheet HTML 6Page - Sony Corporation CXK77K36R320GB Datasheet HTML 7Page - Sony Corporation CXK77K36R320GB Datasheet HTML 8Page - Sony Corporation CXK77K36R320GB Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
SONY®
CXK77K36R320GB
Preliminary
32Mb LW R-R, rev 0.6
2 / 22
March 16, 2004
1Mb x 36 Pin Assignment (Top View)
Notes:
1. Pad Location 3R is defined as an M1 mode pin in LW SRAMs. However, it must be tied “low” in this device.
2. Pad Location 5R is defined as an M2 mode pin in LW SRAMs. However, it must be tied “high” in this device.
3. Pad Location 6U must be left unconnected. It is used by Sony for internal test purposes.
1234567
AVDDQ
SA
SA
NC
SA
SA
VDDQ
B
NC
SASASA
(32M)
SA
SA
NC
CNC
SA
SA
VDD
SA
SA
NC
DDQc
DQc
VSS
ZQ
VSS
DQb
DQb
EDQc
DQc
VSS
SS
VSS
DQb
DQb
FVDDQ
DQc
VSS
G
VSS
DQb
VDDQ
GDQc
DQc
SBWcNC
SBWb
DQb
DQb
HDQc
DQc
VSS
NC
VSS
DQb
DQb
JVDDQ
VDD
VREF
VDD
VREF
VDD
VDDQ
K
DQd
DQd
VSS
KVSS
DQa
DQa
L
DQd
DQd
SBWdK
SBWa
DQa
DQa
MVDDQ
DQd
VSS
SW
VSS
DQa
VDDQ
N
DQd
DQd
VSS
SA
VSS
DQa
DQa
P
DQd
DQd
VSS
SA
VSS
DQa
DQa
RNC
SA
M1 (1)
VDD
M2 (2)
SA
NC
TNC
NC
(x18)
SA
SA
(x36)
SA
NC
(x18)
ZZ
UVDDQ
TMS
TDI
TCK
TDO
RSVD
(3)
VDDQ


Similar Part No. - CXK77K36R320GB

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXK77K18R320GB SONY-CXK77K18R320GB Datasheet
198Kb / 23P
   32Mb LW R-R HSTL High Speed Synchronous SRAM (2Mb x 18)
CXK77K18R320GB-3 SONY-CXK77K18R320GB-3 Datasheet
198Kb / 23P
   32Mb LW R-R HSTL High Speed Synchronous SRAM (2Mb x 18)
CXK77K18R320GB-33 SONY-CXK77K18R320GB-33 Datasheet
198Kb / 23P
   32Mb LW R-R HSTL High Speed Synchronous SRAM (2Mb x 18)
CXK77K18R320GB-4 SONY-CXK77K18R320GB-4 Datasheet
198Kb / 23P
   32Mb LW R-R HSTL High Speed Synchronous SRAM (2Mb x 18)
More results

Similar Description - CXK77K36R320GB

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXK77K18R320GB SONY-CXK77K18R320GB Datasheet
198Kb / 23P
   32Mb LW R-R HSTL High Speed Synchronous SRAM (2Mb x 18)
CXK77P36E160GB SONY-CXK77P36E160GB Datasheet
257Kb / 25P
   16Mb LW R-L HSTL High Speed Synchronous SRAMs (512K x 36 or 1M x 18)
CXK79M36C162GB SONY-CXK79M36C162GB Datasheet
400Kb / 25P
   18Mb 1x2Lp HSTL High Speed Synchronous SRAMs (512Kb x 36)
logo
AMIC Technology
A63L83361 AMICC-A63L83361_15 Datasheet
207Kb / 16P
   256K X 36 Bit Synchronous High Speed SRAM
A63L06361 AMICC-A63L06361_15 Datasheet
207Kb / 16P
   1M X 36 Bit Synchronous High Speed SRAM
A63P83361 AMICC-A63P83361 Datasheet
268Kb / 16P
   256K X 36 Bit Synchronous High Speed SRAM
A63L8336 AMICC-A63L8336_15 Datasheet
213Kb / 17P
   256K X 36 Bit Synchronous High Speed SRAM
A63L93361 AMICC-A63L93361 Datasheet
269Kb / 16P
   512K X 36 Bit Synchronous High Speed SRAM
logo
Sony Corporation
CXK79M72C164GB SONY-CXK79M72C164GB Datasheet
476Kb / 28P
   18Mb 1x1Dp HSTL High Speed Synchronous SRAMs (256Kb x 72 or 512Kb x 36)
logo
Integrated Silicon Solu...
IS61NLP102436A ISSI-IS61NLP102436A Datasheet
228Kb / 22P
   1Mb x 36 and 2Mb x 18 STATE BUS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com