Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXK77K18R320GB-33 Datasheet(PDF) 1 Page - Sony Corporation

Part # CXK77K18R320GB-33
Description  32Mb LW R-R HSTL High Speed Synchronous SRAM (2Mb x 18)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXK77K18R320GB-33 Datasheet(HTML) 1 Page - Sony Corporation

  CXK77K18R320GB-33 Datasheet HTML 1Page - Sony Corporation CXK77K18R320GB-33 Datasheet HTML 2Page - Sony Corporation CXK77K18R320GB-33 Datasheet HTML 3Page - Sony Corporation CXK77K18R320GB-33 Datasheet HTML 4Page - Sony Corporation CXK77K18R320GB-33 Datasheet HTML 5Page - Sony Corporation CXK77K18R320GB-33 Datasheet HTML 6Page - Sony Corporation CXK77K18R320GB-33 Datasheet HTML 7Page - Sony Corporation CXK77K18R320GB-33 Datasheet HTML 8Page - Sony Corporation CXK77K18R320GB-33 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
32Mb LW R-R, rev 0.8
1 / 23
December 8, 2004
CXK77K18R320GB
SONY
3/33/4
32Mb LW R-R HSTL High Speed Synchronous SRAM (2Mb x 18)
Preliminary
Description
The CXK77K18R320GB is a high speed CMOS synchronous static RAM with common I/O pins, organized as 2,097,152 words
by 18 bits. This synchronous SRAMs integrates input registers, high speed RAM, output registers, and a one-deep write buffer
onto a single monolithic IC. Register - Register (R-R) read operations and Late Write (LW) write operations are supported, pro-
viding a high-performance user interface.
All address and control input signals except G (Output Enable) and ZZ (Sleep Mode) are registered on the rising edge of the K
differential input clock.
During read operations, output data is driven valid from the rising edge of K, one full clock cycle after the address is registered.
During write operations, input data is registered on the rising edge of K, one full clock cycle after the address is registered.
Sleep (power down) capability is provided via the ZZ input signal.
Output drivers are series terminated, and output impedance is programmable via the ZQ input pin. By connecting an external
control resistor RQ between ZQ and VSS, the impedance of the output drivers can be precisely controlled.
333 MHz operation is obtained from a single 1.8V power supply. JTAG boundary scan interface is provided using a subset of
IEEE standard 1149.1 protocol.
Features
3 Speed Bins
Cycle Time / Access Time
-3
3.0ns / 1.6ns
-33
3.3ns / 1.6ns
-4
4.0ns / 2.0ns
• Single 1.8V power supply (VDD): 1.8V ± 0.1V
Note: 2.5V VDD is also supported. Please contact Sony Memory Marketing Department for further information.
• Dedicated output supply voltage (VDDQ): 1.5V to 1.8V typical
• HSTL-compatible I/O interface with dedicated input reference voltage (VREF): VDDQ/2 typical
• Register - Register (R-R) read protocol
• Late Write (LW) write protocol
• Full read/write coherency
• Byte Write capability
• Differential input clocks (K/K)
• Asynchronous output enable (G)
• Sleep (power down) mode via dedicated mode pin (ZZ)
• Programmable output driver impedance
• JTAG boundary scan (subset of IEEE standard 1149.1)
• 119 pin (7x17), 1.27mm pitch, 14mm x 22mm Ball Grid Array (BGA) package


Similar Part No. - CXK77K18R320GB-33

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXK77K36R320GB SONY-CXK77K36R320GB Datasheet
177Kb / 22P
   32Mb LW R-R HSTL High Speed Synchronous SRAM (1Mb x 36)
CXK77K36R320GB-3 SONY-CXK77K36R320GB-3 Datasheet
177Kb / 22P
   32Mb LW R-R HSTL High Speed Synchronous SRAM (1Mb x 36)
CXK77K36R320GB-33 SONY-CXK77K36R320GB-33 Datasheet
177Kb / 22P
   32Mb LW R-R HSTL High Speed Synchronous SRAM (1Mb x 36)
CXK77K36R320GB-4 SONY-CXK77K36R320GB-4 Datasheet
177Kb / 22P
   32Mb LW R-R HSTL High Speed Synchronous SRAM (1Mb x 36)
More results

Similar Description - CXK77K18R320GB-33

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXK77K36R320GB SONY-CXK77K36R320GB Datasheet
177Kb / 22P
   32Mb LW R-R HSTL High Speed Synchronous SRAM (1Mb x 36)
CXK77P36E160GB SONY-CXK77P36E160GB Datasheet
257Kb / 25P
   16Mb LW R-L HSTL High Speed Synchronous SRAMs (512K x 36 or 1M x 18)
logo
AMIC Technology
A63L0618 AMICC-A63L0618 Datasheet
243Kb / 17P
   1M X 18 Bit Synchronous High Speed SRAM
logo
GSI Technology
GS82032AT GSI-GS82032AT Datasheet
577Kb / 22P
   64K x 32 2Mb Synchronous Burst SRAM
GS820E32AT GSI-GS820E32AT Datasheet
547Kb / 21P
   64K x 32 2Mb Synchronous Burst SRAM
logo
Integrated Silicon Solu...
IS61NLP102436A ISSI-IS61NLP102436A Datasheet
228Kb / 22P
   1Mb x 36 and 2Mb x 18 STATE BUS SRAM
logo
Sony Corporation
CXK79M36C162GB SONY-CXK79M36C162GB Datasheet
400Kb / 25P
   18Mb 1x2Lp HSTL High Speed Synchronous SRAMs (512Kb x 36)
logo
Cypress Semiconductor
CY7C1297A CYPRESS-CY7C1297A Datasheet
162Kb / 13P
   64K X 18 Synchronous Burst SRAM
logo
Micron Technology
MT58L128L18F MICRON-MT58L128L18F Datasheet
481Kb / 24P
   2Mb: 128K x 18, 64K x 32/36 FLOW-THROUGH SYNCBURST SRAM
logo
AMIC Technology
A63L83361 AMICC-A63L83361_15 Datasheet
207Kb / 16P
   256K X 36 Bit Synchronous High Speed SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com