Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA3685ER Datasheet(PDF) 4 Page - Sony Corporation

Part # CXA3685ER
Description  Direct Conversion IC for Digital Satellite Broadcast Tuner
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3685ER Datasheet(HTML) 4 Page - Sony Corporation

  CXA3685ER Datasheet HTML 1Page - Sony Corporation CXA3685ER Datasheet HTML 2Page - Sony Corporation CXA3685ER Datasheet HTML 3Page - Sony Corporation CXA3685ER Datasheet HTML 4Page - Sony Corporation CXA3685ER Datasheet HTML 5Page - Sony Corporation CXA3685ER Datasheet HTML 6Page - Sony Corporation CXA3685ER Datasheet HTML 7Page - Sony Corporation CXA3685ER Datasheet HTML 8Page - Sony Corporation CXA3685ER Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
CXA3685ER
- 4 -
Pin Description and Input/Output Pin Equivalent Circuit
Pin No.
Symbol
Pin voltage [V]
Equivalent circuit
Description
1
EACONT
2.7
Gain control for an external
attenuator circuit.
(This pin voltage depends on the
AGC voltage. This is an example
of 3.3V.)
(See page 18.)
2
PORT
0 or 3.2
Port output
3RAOUT
3.2
Gain control for the RFAGC
circuit.
(This pin voltage depends on the
AGC voltage. This is an example
of 3.3V.)
(See page 18.)
4RACONT
3.0
5MAOUT
3.3
Gain control for the DCAMP
circuit.
(This pin voltage depends on the
AGC voltage. This is an example
of 3.3V.)
(See page 18.)
6
MACONT
1.7
47
44
1
48
10k
1k
RFGND
RFVCC
47
44
2
RFGND
RFVCC
47
44
4
3
10k
1k
RFGND
RFVCC
290k
110k
10
13
8
18
6
5
10k
1k
AGND
AVCC
70k
35k


Similar Part No. - CXA3685ER

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3621GE SONY-CXA3621GE Datasheet
113Kb / 14P
   Fingerprint Sensor
CXA3627ER SONY-CXA3627ER Datasheet
42Kb / 27P
   All Band Tuner IC with On-chip PLL
CXA3627N SONY-CXA3627N Datasheet
231Kb / 28P
   All Band Tuner IC with On-chip PLL
CXA3668N SONY-CXA3668N Datasheet
171Kb / 16P
   Reception Analog Signal Processor IC for Infrared Space Digital Audio Communication
CXA3691AEN SONY-CXA3691AEN Datasheet
215Kb / 13P
   High-speed Buffer Amplifier for CCD Image Sensor
More results

Similar Description - CXA3685ER

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM3440 BOARDCOM-BCM3440 Datasheet
107Kb / 1P
   DIRECT CONVERSION SATELLITE TUNER
logo
Sony Corporation
CXA3038N SONY-CXA3038N Datasheet
226Kb / 16P
   IQ Detection IC for Digital Satellite Broadcast Tuner
logo
Maxim Integrated Produc...
MAX2172 MAXIM-MAX2172 Datasheet
207Kb / 3P
   Direct-Conversion to Low-IF Tuner for Digital Audio Broadcast
12/9/2014
MAX2104 MAXIM-MAX2104 Datasheet
148Kb / 9P
   Direct-Conversion Tuner IC for Digital DBS Applications
19-1431; Rev 3; 12/01
MAX2104 MAXIM-MAX2104_05 Datasheet
186Kb / 9P
   Direct-Conversion Tuner IC for Digital DBS Applications
Rev 4; 6/05
MAX2108 MAXIM-MAX2108 Datasheet
155Kb / 12P
   Direct-Conversion Tuner IC
19-1449; Rev 0; 4/99
MAX2108 MAXIM-MAX2108_05 Datasheet
174Kb / 12P
   Direct-Conversion Tuner IC
Rev 1; 6/05
logo
Synaptics Incorporated.
CX24113A CONEXANT-CX24113A Datasheet
164Kb / 2P
   Digital Satellite Tuner RF IC
logo
STMicroelectronics
STB6100 STMICROELECTRONICS-STB6100 Datasheet
87Kb / 2P
   8PSK/QPSK direct conversion tuner IC
STB6100 STMICROELECTRONICS-STB6100_09 Datasheet
57Kb / 5P
   8PSK/QPSK direct conversion tuner IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com