Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA3685ER Datasheet(PDF) 12 Page - Sony Corporation

Part # CXA3685ER
Description  Direct Conversion IC for Digital Satellite Broadcast Tuner
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3685ER Datasheet(HTML) 12 Page - Sony Corporation

Back Button CXA3685ER Datasheet HTML 8Page - Sony Corporation CXA3685ER Datasheet HTML 9Page - Sony Corporation CXA3685ER Datasheet HTML 10Page - Sony Corporation CXA3685ER Datasheet HTML 11Page - Sony Corporation CXA3685ER Datasheet HTML 12Page - Sony Corporation CXA3685ER Datasheet HTML 13Page - Sony Corporation CXA3685ER Datasheet HTML 14Page - Sony Corporation CXA3685ER Datasheet HTML 15Page - Sony Corporation CXA3685ER Datasheet HTML 16Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
CXA3685ER
- 12 -
Electrical Characteristics Measurement Circuit
REFOUT
ADR
SDA
TEST_VF
TEST_DA
TEST_CL
TEST_EN
OSCREG
OSCVCC
QOUT
OFFSET_Q
OFFSET_I
AGND
EAOUT
RFGND
RFINX
RFIN
RFVCC
ISOGND
SCL
DGND2
AGND
IOUT
PLLREG
37
38
39
40
41
42
43
44
45
46
47
48
24
23
22
21
20
19
18
17
16
15
14
13
3.3k
16MHz
X'tal
REFOUT
1
μ
SCL
I2C BUS
200
27p
SDA
200
27p
10
μ
1000p
QOUT
1
μ
1k
IOUT
1
μ
0.1
μ
1k
0.1
μ
1000p
10
μ
1
μ
10
μ
10k
1k
1000p
1000p
10
μ
3.3V
100p
47p
10
μ
3.3V
RFIN
NeoCapacitor
22
μ
47p
NeoCapacitor: PSLA0J226M


Similar Part No. - CXA3685ER

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3621GE SONY-CXA3621GE Datasheet
113Kb / 14P
   Fingerprint Sensor
CXA3627ER SONY-CXA3627ER Datasheet
42Kb / 27P
   All Band Tuner IC with On-chip PLL
CXA3627N SONY-CXA3627N Datasheet
231Kb / 28P
   All Band Tuner IC with On-chip PLL
CXA3668N SONY-CXA3668N Datasheet
171Kb / 16P
   Reception Analog Signal Processor IC for Infrared Space Digital Audio Communication
CXA3691AEN SONY-CXA3691AEN Datasheet
215Kb / 13P
   High-speed Buffer Amplifier for CCD Image Sensor
More results

Similar Description - CXA3685ER

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM3440 BOARDCOM-BCM3440 Datasheet
107Kb / 1P
   DIRECT CONVERSION SATELLITE TUNER
logo
Sony Corporation
CXA3038N SONY-CXA3038N Datasheet
226Kb / 16P
   IQ Detection IC for Digital Satellite Broadcast Tuner
logo
Maxim Integrated Produc...
MAX2172 MAXIM-MAX2172 Datasheet
207Kb / 3P
   Direct-Conversion to Low-IF Tuner for Digital Audio Broadcast
12/9/2014
MAX2104 MAXIM-MAX2104 Datasheet
148Kb / 9P
   Direct-Conversion Tuner IC for Digital DBS Applications
19-1431; Rev 3; 12/01
MAX2104 MAXIM-MAX2104_05 Datasheet
186Kb / 9P
   Direct-Conversion Tuner IC for Digital DBS Applications
Rev 4; 6/05
MAX2108 MAXIM-MAX2108 Datasheet
155Kb / 12P
   Direct-Conversion Tuner IC
19-1449; Rev 0; 4/99
MAX2108 MAXIM-MAX2108_05 Datasheet
174Kb / 12P
   Direct-Conversion Tuner IC
Rev 1; 6/05
logo
Synaptics Incorporated.
CX24113A CONEXANT-CX24113A Datasheet
164Kb / 2P
   Digital Satellite Tuner RF IC
logo
STMicroelectronics
STB6100 STMICROELECTRONICS-STB6100 Datasheet
87Kb / 2P
   8PSK/QPSK direct conversion tuner IC
STB6100 STMICROELECTRONICS-STB6100_09 Datasheet
57Kb / 5P
   8PSK/QPSK direct conversion tuner IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com