Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST7FLITEUS2M6TR Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST7FLITEUS2M6TR
Description  8-bit MCU with single voltage Flash memory, ADC, timers
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITEUS2M6TR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST7FLITEUS2M6TR Datasheet HTML 3Page - STMicroelectronics ST7FLITEUS2M6TR Datasheet HTML 4Page - STMicroelectronics ST7FLITEUS2M6TR Datasheet HTML 5Page - STMicroelectronics ST7FLITEUS2M6TR Datasheet HTML 6Page - STMicroelectronics ST7FLITEUS2M6TR Datasheet HTML 7Page - STMicroelectronics ST7FLITEUS2M6TR Datasheet HTML 8Page - STMicroelectronics ST7FLITEUS2M6TR Datasheet HTML 9Page - STMicroelectronics ST7FLITEUS2M6TR Datasheet HTML 10Page - STMicroelectronics ST7FLITEUS2M6TR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 108 page
background image
ST7LITEUSx
7/108
PIN DESCRIPTION (Cont’d)
Legend / Abbreviations for Table 1:
Type: I = input, O = output, S = supply
In/Output level: CT= CMOS 0.3VDD/0.7VDD with
input trigger
Output level: HS = High sink (on N-buffer only)
Port and control configuration:
– Input:float = floating, wpu = weak pull-up, int = in-
terrupt, ana = analog
– Output: OD = open drain, PP = push-pull
The RESET configuration of each pin is shown in
bold which is valid as long as the device is in reset
state.
Table 1. Device Pin Description
Note:
1. After a reset, the multiplexed PA3/RESET pin will act as RESET. To configure this pin as output (Port
A3), write 55h to MUXCR0 and AAh to MUXCR1. For further details, please refer to section 6.4 on page
24.
Pin
No.
Pin Name
Level
Port / Control
Main
Function
(after
reset)
Alternate Function
Input
Output
1VDD
S
Main power supply
2
PA5/AIN4/
CLKIN
I/O CT HS
X
ei4
X
X
X
Port A5
Analog input 4 or External Clock Input
3
PA4/AIN3
I/O CT HS
X
ei3
X
X
X
Port A4
Analog input 3
4
PA3/RESET 1)
O
X
XX
Port A3
RESET 1)
5
PA2/AIN2/LTIC I/O CT HS
X
ei2
X
X
X
Port A2
Analog input 2 or Lite Timer Input Cap-
ture
6
PA1/AIN1/
ICCCLK
I/O CT HS
X
ei1
X
X
X
Port A1
Analog input 1 or In Circuit Communica-
tion Clock
Caution: During normal operation this
pin must be pulled-up, internally or ex-
ternally (external pull-up of 10k manda-
tory in noisy environment). This is to
avoid entering ICC mode unexpectedly
during a reset. In the application, even if
the pin is configured as output, any re-
set will put it back in pull-up
7
PA0/AIN0/ATP-
WM/ICCDATA
I/O CT HS
X
ei0
X
X
X
Port A0
Analog input 0 or Auto-Reload Timer
PWM or In Circuit Communication Data
8VSS
S
Ground
1


Similar Part No. - ST7FLITEUS2M6TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7FLITEU05B3 STMICROELECTRONICS-ST7FLITEU05B3 Datasheet
2Mb / 115P
   8-bit MCU with single voltage Flash memory, ADC, timers
ST7FLITEU05B6 STMICROELECTRONICS-ST7FLITEU05B6 Datasheet
2Mb / 115P
   8-bit MCU with single voltage Flash memory, ADC, timers
ST7FLITEU05M3 STMICROELECTRONICS-ST7FLITEU05M3 Datasheet
2Mb / 115P
   8-bit MCU with single voltage Flash memory, ADC, timers
ST7FLITEU05M3TR STMICROELECTRONICS-ST7FLITEU05M3TR Datasheet
2Mb / 115P
   8-bit MCU with single voltage Flash memory, ADC, timers
ST7FLITEU05M6 STMICROELECTRONICS-ST7FLITEU05M6 Datasheet
2Mb / 115P
   8-bit MCU with single voltage Flash memory, ADC, timers
More results

Similar Description - ST7FLITEUS2M6TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7LITEU05 STMICROELECTRONICS-ST7LITEU05 Datasheet
2Mb / 115P
   8-bit MCU with single voltage Flash memory, ADC, timers
ST7FOXF1 STMICROELECTRONICS-ST7FOXF1 Datasheet
3Mb / 226P
   8-bit MCU with single voltage Flash memory, SPI, I짼C, ADC, timers
ST7LITE2 STMICROELECTRONICS-ST7LITE2 Datasheet
1Mb / 131P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
August 2003 Rev. 2.0
ST7LITE0 STMICROELECTRONICS-ST7LITE0 Datasheet
1Mb / 122P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
August 2003 Rev. 2.4
ST72104G STMICROELECTRONICS-ST72104G Datasheet
1Mb / 140P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, IC INTERFACES
ST7DALI STMICROELECTRONICS-ST7DALI Datasheet
2Mb / 141P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI, DALI
ST7FLIT19BF1B6 STMICROELECTRONICS-ST7FLIT19BF1B6 Datasheet
2Mb / 159P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
ST72334J STMICROELECTRONICS-ST72334J_03 Datasheet
1Mb / 153P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
ST7LITE1XB STMICROELECTRONICS-ST7LITE1XB Datasheet
2Mb / 157P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
ST7LITE1XB STMICROELECTRONICS-ST7LITE1XB_08 Datasheet
2Mb / 159P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com