Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD2951GL-4 Datasheet(PDF) 15 Page - Sony Corporation

Part # CXD2951GL-4
Description  Single Chip GPS LSI
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2951GL-4 Datasheet(HTML) 15 Page - Sony Corporation

Back Button CXD2951GL-4 Datasheet HTML 11Page - Sony Corporation CXD2951GL-4 Datasheet HTML 12Page - Sony Corporation CXD2951GL-4 Datasheet HTML 13Page - Sony Corporation CXD2951GL-4 Datasheet HTML 14Page - Sony Corporation CXD2951GL-4 Datasheet HTML 15Page - Sony Corporation CXD2951GL-4 Datasheet HTML 16Page - Sony Corporation CXD2951GL-4 Datasheet HTML 17Page - Sony Corporation CXD2951GL-4 Datasheet HTML 18Page - Sony Corporation CXD2951GL-4 Datasheet HTML 19Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
CXD2951GL-4
- 15 -
A/D Converter Operating Conditions
Applicable pin
*1
EAVDAD (Pin 108)
A/D Converter Characteristics
(VAD = 3.0 to 3.6V, Ta = –40 to +85°C)
Applicable pins
*1
EADVRT (Pin 107)
*2
EADVRB (Pin 102)
*3
EVIN[0:3] (Pins 103 to 106)
Item
Symbol
Pin name
Min.
Typ.
Max.
Unit
Supply voltage
VAD
EAVDAD*1
3.0
3.3
3.6
V
Operating temperature
Ta
–40.0
+85.0
°C
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Resolution
10
Bit
Channel
4Ch
Differential linearity error (DLE)
VAD = 3.0V,
VRT = 3.0V, VRB = 0.3V
–1.0
+1.0
LSB
Integral linearity error (ILE)
–2.0
+2.0
LSB
Sampling time
TCXO = 18.414MHz
3
µs
Conversion time
11
µs
Reference input voltage
(Top)
VRT*1
2.0
VAD
V
Reference input voltage
(Bottom)
VRB*2
00.7
V
Analog input voltage
VIN*3
VRB
VRT
V
Current consumption
VAD = 3.0V
1.6
mA


Similar Part No. - CXD2951GL-4

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2951GA-2 SONY-CXD2951GA-2 Datasheet
299Kb / 26P
   Single Chip GPS LSI
CXD2951GA-4 SONY-CXD2951GA-4 Datasheet
328Kb / 16P
   Single Chip GPS LSI
More results

Similar Description - CXD2951GL-4

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2951GA-4 SONY-CXD2951GA-4 Datasheet
328Kb / 16P
   Single Chip GPS LSI
CXD2951GA-2 SONY-CXD2951GA-2 Datasheet
299Kb / 26P
   Single Chip GPS LSI
CXD2931R SONY-CXD2931R Datasheet
220Kb / 23P
   1 chip GPS LSI
CXD2931R-9 SONY-CXD2931R-9 Datasheet
265Kb / 27P
   1 chip GPS LSI
CXD2956AGL-1 SONY-CXD2956AGL-1 Datasheet
214Kb / 18P
   GPS Baseband LSI
CXD2932AGA-2 SONY-CXD2932AGA-2 Datasheet
177Kb / 19P
   GPS Base Band LSI
logo
Toshiba Semiconductor
TC9409BF TOSHIBA-TC9409BF Datasheet
681Kb / 15P
   SINGLE CHIP KARAOKE LSI
TC9452F TOSHIBA-TC9452F Datasheet
606Kb / 15P
   SINGLE CHIP SURROUND LSI
TC9465F TOSHIBA-TC9465F Datasheet
598Kb / 16P
   SINGLE CHIP KARAOKE LSI
TC8832F TOSHIBA-TC8832F Datasheet
3Mb / 80P
   Single-Chip CMOS LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com