Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXG1224XR Datasheet(PDF) 4 Page - Sony Corporation

Part # CXG1224XR
Description  SP4TSP4T Antenna Switch for GSM/UMTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXG1224XR Datasheet(HTML) 4 Page - Sony Corporation

  CXG1224XR Datasheet HTML 1Page - Sony Corporation CXG1224XR Datasheet HTML 2Page - Sony Corporation CXG1224XR Datasheet HTML 3Page - Sony Corporation CXG1224XR Datasheet HTML 4Page - Sony Corporation CXG1224XR Datasheet HTML 5Page - Sony Corporation CXG1224XR Datasheet HTML 6Page - Sony Corporation CXG1224XR Datasheet HTML 7Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CXG1224XR
- 4 -
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Port
Condition
Min.
Typ.
Max.
Unit
Insertion loss
IL
Ant1 – Tx1
*2
0.35
0.50
dB
Ant1 – Rx1
*4, *5
0.50
0.65
Ant1 – Rx2
*4, *5
0.50
0.65
Ant1 – UMTS1
*8
0.38
0.53
*9
0.38
0.53
Ant2 – Tx2
*3
0.47
0.62
Ant2 – Rx3
*6, *7
0.70
0.85
Ant2 – Rx4
*6, *7
0.65
0.80
Ant2 – UMTS2
*10
0.43
0.58
*11
0.52
0.67
Isolation
ISO.
Ant1 – Rx1
*2
27
32
dB
Ant1 – Rx2
30
35
Ant1 – UMTS1
29
34
Ant1 – Tx1
*8, *9
18
21
Ant1 – Rx1
26
31
Ant1 – Rx2
30
35
Tx1 – Rx1
*2
32
37
Tx1 – Rx2
31
36
UMTS1 – Rx1
*8, *9
31
36
UMTS1 – Rx2
31
36
Ant2 – Rx3
*3
28
33
Ant2 – Rx4
25
30
Ant2 – UMTS2
20
24
Ant2 – Tx2
*10, *11
23
28
Ant2 – Rx3
26
31
Ant2 – Rx4
23
28
Tx2 – Rx3
*3
32
36
Tx2 – Rx4
29
34
UMTS2 – Rx3
*10, *11
27
32
UMTS2 – Rx4
25
30
VSWR
VSWR
All ports in active
paths
824 to 2170MHz
1.2


Similar Part No. - CXG1224XR

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1228XR SONY-CXG1228XR Datasheet
190Kb / 8P
   SP8T Antenna Switch for GSM/UMTS
More results

Similar Description - CXG1224XR

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1194XR SONY-CXG1194XR Datasheet
79Kb / 6P
   SP4T Antenna Switch for GSM/UMTS
CXG1194UR SONY-CXG1194UR Datasheet
54Kb / 6P
   SP4T Antenna Switch for GSM
CXM3531XR SONY-CXM3531XR Datasheet
222Kb / 10P
   SP4T Antenna Switch for CDMA/UMTS
CXG1068N SONY-CXG1068N Datasheet
93Kb / 6P
   SP4T Antenna Switch for GSM Dual band
CXG1077TN SONY-CXG1077TN Datasheet
51Kb / 4P
   SP4T Antenna Switch for GSM Dual band
CXG1091TN SONY-CXG1091TN Datasheet
57Kb / 4P
   SP4T GSM Dualband Antenna Switch 5V Logic
logo
TriQuint Semiconductor
TQP4M4004 TRIQUINT-TQP4M4004 Datasheet
220Kb / 7P
   SP4T High Power 2.5V GSM Antenna Switch
logo
Filtronic Compound Semi...
FMS2016 FILTRONIC-FMS2016 Datasheet
146Kb / 4P
   SP4T GaAs Multi-Band GSM Antenna Switch
logo
Sony Corporation
CXG1234XR SONY-CXG1234XR Datasheet
175Kb / 7P
   SP4T Antenna Switch
CXG1121TN SONY-CXG1121TN Datasheet
62Kb / 7P
   SP4T GSM/GPRS Dual-Band Antenna Switch Logic
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com