Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNBTVS4-222S Datasheet(PDF) 7 Page - STMicroelectronics

Part # LNBTVS4-222S
Description  Lightning protection for LNB power supply
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBTVS4-222S Datasheet(HTML) 7 Page - STMicroelectronics

  LNBTVS4-222S Datasheet HTML 1Page - STMicroelectronics LNBTVS4-222S Datasheet HTML 2Page - STMicroelectronics LNBTVS4-222S Datasheet HTML 3Page - STMicroelectronics LNBTVS4-222S Datasheet HTML 4Page - STMicroelectronics LNBTVS4-222S Datasheet HTML 5Page - STMicroelectronics LNBTVS4-222S Datasheet HTML 6Page - STMicroelectronics LNBTVS4-222S Datasheet HTML 7Page - STMicroelectronics LNBTVS4-222S Datasheet HTML 8Page - STMicroelectronics LNBTVS4-222S Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
LNBTVSx-22xx
Package information
7/9
Figure 4.
SMB footprint (dimensions in mm)
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Table 6.
SMB package dimensions
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A1
1.90
2.45
0.075 0.096
A2
0.05
0.20
0.002 0.008
b
1.95
2.20
0.077 0.087
c
0.15
0.41
0.006 0.016
E
5.10
5.60
0.201 0.220
E1
4.05
4.60
0.159 0.181
D
3.30
3.95
0.130 0.156
L
0.75
1.60
0.030 0.063
Table 7.
DO-201 package dimensions
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
8.5
9.5
0.335
0.374
B25.4
1
Ø C
4.8
5.3
0.189
0.209
Ø D
0.96
1.06
0.038
0.042
E
C
L
E1
D
A1
A2
b
2.60
5.84
1.62
2.18
1.62
ØC
ØD
A
BB


Similar Part No. - LNBTVS4-222S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LNBTVS4-304S STMICROELECTRONICS-LNBTVS4-304S Datasheet
92Kb / 7P
   Lightning protection for LNB power supply
More results

Similar Description - LNBTVS4-222S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LNBTVSX-304 STMICROELECTRONICS-LNBTVSX-304 Datasheet
92Kb / 7P
   Lightning protection for LNB power supply
logo
Toshiba Semiconductor
TB7109F TOSHIBA-TB7109F Datasheet
486Kb / 15P
   Power supply IC for LNB
logo
Unisonic Technologies
L8221G-SH2-R UTC-L8221G-SH2-R Datasheet
188Kb / 5P
   Integrated regulated supply for LNB
logo
Laird Tech Smart Techno...
SP6 LSTD-SP6 Datasheet
753Kb / 1P
   Lightning protection for antenna systems
logo
STMicroelectronics
AN2713 STMICROELECTRONICS-AN2713 Datasheet
1Mb / 40P
   LNB power supply based on the LNBH23 supply
logo
Littelfuse
SP3384NUTG LITTELFUSE-SP3384NUTG Datasheet
520Kb / 5P
   Lightning Surge Protection
2021 Littelfuse, Inc
logo
STMicroelectronics
STEVAL-LNBH02 STMICROELECTRONICS-STEVAL-LNBH02 Datasheet
240Kb / 4P
   Power supply evaluation board for LNB based on the LNBH25S
September 2016 Rev 1
logo
Intersil Corporation
ISL9491 INTERSIL-ISL9491 Datasheet
334Kb / 13P
   LNB Power Supply and Control for Satellite Set-Top Box
logo
STMicroelectronics
STEVAL-LNBH06 STMICROELECTRONICS-STEVAL-LNBH06 Datasheet
279Kb / 4P
   Power supply evaluation board for LNB based on the LNBH26S
September 2016 Rev 1
STEVAL-LNBH01 STMICROELECTRONICS-STEVAL-LNBH01 Datasheet
266Kb / 4P
   Power supply evaluation board for LNB based on the LNBH25LS
September 2016 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com