Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNBTVS3-220U Datasheet(PDF) 1 Page - STMicroelectronics

Part # LNBTVS3-220U
Description  Lightning protection for LNB power supply
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBTVS3-220U Datasheet(HTML) 1 Page - STMicroelectronics

  LNBTVS3-220U Datasheet HTML 1Page - STMicroelectronics LNBTVS3-220U Datasheet HTML 2Page - STMicroelectronics LNBTVS3-220U Datasheet HTML 3Page - STMicroelectronics LNBTVS3-220U Datasheet HTML 4Page - STMicroelectronics LNBTVS3-220U Datasheet HTML 5Page - STMicroelectronics LNBTVS3-220U Datasheet HTML 6Page - STMicroelectronics LNBTVS3-220U Datasheet HTML 7Page - STMicroelectronics LNBTVS3-220U Datasheet HTML 8Page - STMicroelectronics LNBTVS3-220U Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
January 2007
Rev 3
1/9
LNBTVSx-22xx
Lightning protection for LNB power supply
Features
3 kV, 4 kV and 6 kV protection (8/20 µs)
Axial & SMD package
Unidirectional and low VF
(VF = 1.2 V at IF = 3 A)
Low clamping factor
Fast response time
Description
The LNBTVSx-22xx is a dedicated lightning and
electrical overstress surge protection for LNB
voltage regulators in satellite set top box
applications.
This device provides the lightning protection
required to pass the IEC and FCC regulations.
Available in axial, SMB and SMC packages, this
device is compatible with industry standard
mounting processes.
Order Code
Part number
Marking
LNBTVS3-220
LNBTVS3-220
LNBTVS3-220U
LC
LNBTVS4-220
LNBTVS4-220
LNBTVS4-220S
LAA
LNBTVS4-221
LNBTVS4-221
LNBTVS4-221S
LAB
LNBTVS4-222S
LAC
LNBTVS6-220S
LBA
LNBTVS6-221S
LBB
DO-201
SMB
SMC
K
A
K
A
K
A
Table 1.
Absolute maximum ratings (Tamb = 25° C)
Symbol
Parameter
Value
Unit
PPP
Peak pulse power dissipation (1)
Tj initial = Tamb
up to 3 kW
W
P
Peak dissipation on infinite heatsink
Tamb = 75° C
5
W
IFSM
Non repetitive surge peak forward current for unidirectional types
Tp = 10 ms
Tj initial = Tamb
200
A
Tstg
Tj
Storage temperature range
Maximum junction temperature
-65 to + 175
150
° C
° C
TL
Maximum lead temperature for soldering during 10 s at 5 mm from case
230
° C
1.
For a surge greater than the maximum values, the diode will fail in short-circuit.
www.st.com


Similar Part No. - LNBTVS3-220U

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LNBTVS3 STMICROELECTRONICS-LNBTVS3 Datasheet
427Kb / 13P
   Transil??for low noise block protection
May 2013 Rev 4
More results

Similar Description - LNBTVS3-220U

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LNBTVSX-304 STMICROELECTRONICS-LNBTVSX-304 Datasheet
92Kb / 7P
   Lightning protection for LNB power supply
logo
Toshiba Semiconductor
TB7109F TOSHIBA-TB7109F Datasheet
486Kb / 15P
   Power supply IC for LNB
logo
Unisonic Technologies
L8221G-SH2-R UTC-L8221G-SH2-R Datasheet
188Kb / 5P
   Integrated regulated supply for LNB
logo
Laird Tech Smart Techno...
SP6 LSTD-SP6 Datasheet
753Kb / 1P
   Lightning protection for antenna systems
logo
STMicroelectronics
AN2713 STMICROELECTRONICS-AN2713 Datasheet
1Mb / 40P
   LNB power supply based on the LNBH23 supply
logo
Littelfuse
SP3384NUTG LITTELFUSE-SP3384NUTG Datasheet
520Kb / 5P
   Lightning Surge Protection
2021 Littelfuse, Inc
logo
STMicroelectronics
STEVAL-LNBH02 STMICROELECTRONICS-STEVAL-LNBH02 Datasheet
240Kb / 4P
   Power supply evaluation board for LNB based on the LNBH25S
September 2016 Rev 1
logo
Intersil Corporation
ISL9491 INTERSIL-ISL9491 Datasheet
334Kb / 13P
   LNB Power Supply and Control for Satellite Set-Top Box
logo
STMicroelectronics
STEVAL-LNBH06 STMICROELECTRONICS-STEVAL-LNBH06 Datasheet
279Kb / 4P
   Power supply evaluation board for LNB based on the LNBH26S
September 2016 Rev 1
STEVAL-LNBH01 STMICROELECTRONICS-STEVAL-LNBH01 Datasheet
266Kb / 4P
   Power supply evaluation board for LNB based on the LNBH25LS
September 2016 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com