Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CF5017ALD-2 Datasheet(PDF) 6 Page - Nippon Precision Circuits Inc

Part # CF5017ALD-2
Description  3rd Overtone Crystal Oscillator Module ICs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5017ALD-2 Datasheet(HTML) 6 Page - Nippon Precision Circuits Inc

Back Button CF5017ALD-2 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5017ALD-2 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5017ALD-2 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5017ALD-2 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5017ALD-2 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5017ALD-2 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5017ALD-2 Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5017ALD-2 Datasheet HTML 9Page - Nippon Precision Circuits Inc CF5017ALD-2 Datasheet HTML 10Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CF5017 series
SEIKO NPC CORPORATION —6
Switching Characteristics
3V operation (CF5017ALA, ALB, ALC, ALD)
VDD = 2.7 to 3.6V, VSS = 0V, Ta = −40 to +85°C unless otherwise noted.
5V operation (CF5017ALA, ALB, ALC)
VDD = 4.5 to 5.5V, VSS = 0V, Ta = −40 to +85°C unless otherwise noted.
Current consumption and Output waveform with NPC’s standard crystal
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Output rise time
tr
Measurement cct 3, load cct 1, 0.1VDD to 0.9VDD , CL = 30pF
2.5
5
ns
Output fall time
tf
Measurement cct 3, load cct 1, 0.9VDD to 0.1VDD , CL = 30pF
2.5
5
ns
Output duty cycle1
1. The duty cycle characteristic is checked the sample chips of each production lot.
Duty
Measurement cct 3, load cct 1, VDD = 3.0V, Ta = 25°C,
f = 80MHz, CL = 30pF
45–55
%
Output disable delay time2
2. Oscillator stop function is built-in. When INHN goes LOW, normal output stops. When INHN goes HIGH, normal output is not resumed until after the
oscillator start-up time has elapsed.
tPLZ
Measurement cct 6, load cct 1, VDD = 3.0V, Ta = 25°C,
CL = 15pF
100
ns
Output enable delay time2
tPZL
100
ns
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Output rise time
tr
Measurement cct 3, load cct 1, 0.1VDD to 0.9VDD , CL = 30pF
2
4
ns
Output fall time
tf
Measurement cct 3, load cct 1, 0.9VDD to 0.1VDD , CL = 30pF
2
4
ns
Output duty cycle1
1. The duty cycle characteristic is checked the sample chips of each production lot.
Duty
Measurement cct 3, load cct 1, VDD = 5.0V, Ta = 25°C,
f = 80MHz, CL = 30pF
45–55
%
Output disable delay time2
2. Oscillator stop function is built-in. When INHN goes LOW, normal output stops. When INHN goes HIGH, normal output is not resumed until after the
oscillator start-up time has elapsed.
tPLZ
Measurement cct 6, load cct 1, VDD = 5.0V, Ta = 25°C,
CL = 15pF
100
ns
Output enable delay time2
tPZL
100
ns
f [MHz]
R [
Ω]
L [mH]
Ca [fF]
Cb [pF]
30
18.62
16.24
1.733
5.337
40
20.53
11.34
1.396
3.989
50
22.17
7.40
1.370
4.105
60
15.37
3.83
1.836
5.191
70
25.42
4.18
1.254
5.170
85
20.58
5.22
0.671
4.965
L
Ca
R
Cb


Similar Part No. - CF5017ALD-2

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
CF50103GTR MERITEK-CF50103GTR Datasheet
86Kb / 1P
   Carbon Film Resistors
CF50103JTR MERITEK-CF50103JTR Datasheet
86Kb / 1P
   Carbon Film Resistors
CF50103KTR MERITEK-CF50103KTR Datasheet
86Kb / 1P
   Carbon Film Resistors
logo
Nippon Precision Circui...
CF5010AH1 NPC-CF5010AH1 Datasheet
167Kb / 25P
   Crystal Oscillator Module ICs
CF5010AH1-1 NPC-CF5010AH1-1 Datasheet
167Kb / 25P
   Crystal Oscillator Module ICs
More results

Similar Description - CF5017ALD-2

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
CF5018 NPC-CF5018 Datasheet
85Kb / 8P
   2.5V 3rd Overtone Crystal Oscillator Module ICs
CF5020 NPC-CF5020 Datasheet
100Kb / 12P
   High-Frequency, 3rd Overtone Crystal Oscillator Module ICs
CF5019 NPC-CF5019 Datasheet
96Kb / 12P
   High-Frequency, 3rd Overtone Crystal Oscillator Module ICs
logo
Torex Semiconductor
XC2163_001 TOREX-XC2163_001 Datasheet
148Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2163 TOREX-XC2163_12 Datasheet
150Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2163 TOREX-XC2163 Datasheet
172Kb / 8P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2163 TOREX-XC2163_1 Datasheet
295Kb / 7P
   ICs for use with 3rd Overtone Crystal Oscillators
logo
Nippon Precision Circui...
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
   Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
   Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com