Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CF5017ALD Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # CF5017ALD
Description  3rd Overtone Crystal Oscillator Module ICs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5017ALD Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  CF5017ALD Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5017ALD Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5017ALD Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5017ALD Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5017ALD Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5017ALD Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5017ALD Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5017ALD Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5017ALD Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
CF5017 series
SEIKO NPC CORPORATION —5
5V operation (CF5017ALA, ALB, ALC)
VDD = 4.5 to 5.5V, VSS = 0V, Ta = −40 to +85°C unless otherwise noted.
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
HIGH-level output voltage
VOH
Q: Measurement cct 1, VDD = 4.5V, IOH = 16mA
3.9
4.2
V
LOW-level output voltage
VOL
Q: Measurement cct 2, VDD = 4.5V, IOL = 16mA
0.3
0.4
V
HIGH-level input voltage
VIH
INHN
0.7VDD
––
V
LOW-level input voltage
VIL
INHN
0.3VDD
V
Output leakage current
IZ
Q: Measurement cct 2, INHN = LOW
VOH = VDD
10
µA
VOL = VSS
10
µA
Current consumption
IDD
Measurement cct 3, load cct 1,
INHN = open, CL = 30pF
CF5017ALA
f = 40MHz
–16
32
mA
CF5017ALB
f = 60MHz
–26
52
mA
CF5017ALC
f = 80MHz
–35
70
mA
Standby current
IST
Measurement cct 3, INHN = LOW
10
µA
INHN pull-up resistance
RUP1
Measurement cct 4
124
M
RUP2
20
100
200
k
AC feedback resistance
Rf1
Design value. A monitor pattern on a
wafer is tested.
CF5017ALA
2.97
3.5
4.03
k
CF5017ALB
2.97
3.5
4.03
k
CF5017ALC
2.97
3.5
4.03
k
DC feedback resistance
Rf2
Measurement cct 5
50
150
k
AC feedback capacitance
Cf
Design value. A monitor pattern on a wafer is tested.
8.5
10
11.5
pF
Built-in capacitance
CG
Design value. A monitor pattern on a wafer is tested.
6.8
8
9.2
pF
CD
12.7
15
17.3
pF


Similar Part No. - CF5017ALD

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
CF50103GTR MERITEK-CF50103GTR Datasheet
86Kb / 1P
   Carbon Film Resistors
CF50103JTR MERITEK-CF50103JTR Datasheet
86Kb / 1P
   Carbon Film Resistors
CF50103KTR MERITEK-CF50103KTR Datasheet
86Kb / 1P
   Carbon Film Resistors
logo
Nippon Precision Circui...
CF5010AH1 NPC-CF5010AH1 Datasheet
167Kb / 25P
   Crystal Oscillator Module ICs
CF5010AH1-1 NPC-CF5010AH1-1 Datasheet
167Kb / 25P
   Crystal Oscillator Module ICs
More results

Similar Description - CF5017ALD

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
CF5018 NPC-CF5018 Datasheet
85Kb / 8P
   2.5V 3rd Overtone Crystal Oscillator Module ICs
CF5020 NPC-CF5020 Datasheet
100Kb / 12P
   High-Frequency, 3rd Overtone Crystal Oscillator Module ICs
CF5019 NPC-CF5019 Datasheet
96Kb / 12P
   High-Frequency, 3rd Overtone Crystal Oscillator Module ICs
logo
Torex Semiconductor
XC2163_001 TOREX-XC2163_001 Datasheet
148Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2163 TOREX-XC2163_12 Datasheet
150Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2163 TOREX-XC2163 Datasheet
172Kb / 8P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2163 TOREX-XC2163_1 Datasheet
295Kb / 7P
   ICs for use with 3rd Overtone Crystal Oscillators
logo
Nippon Precision Circui...
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
   Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
   Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com