Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9507 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX9507
Description  1.8V DirectDrive Video Filter Amplifier with Load Detection and Dual SPST Analog Switches
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9507 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX9507 Datasheet HTML 4Page - Maxim Integrated Products MAX9507 Datasheet HTML 5Page - Maxim Integrated Products MAX9507 Datasheet HTML 6Page - Maxim Integrated Products MAX9507 Datasheet HTML 7Page - Maxim Integrated Products MAX9507 Datasheet HTML 8Page - Maxim Integrated Products MAX9507 Datasheet HTML 9Page - Maxim Integrated Products MAX9507 Datasheet HTML 10Page - Maxim Integrated Products MAX9507 Datasheet HTML 11Page - Maxim Integrated Products MAX9507 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
1.8V DirectDrive Video Filter Amplifier with
Load Detection and Dual SPST Analog Switches
8
_______________________________________________________________________________________
Typical Operating Characteristics
(VDD = +1.8V, GND = 0V, mode 2 (Table 6), video output has RL = 150Ω connected to GND, video filter enabled, TA = +25°C,
unless otherwise noted.)
SMALL-SIGNAL GAIN
vs. FREQUENCY
FREQUENCY (Hz)
100M
10M
1M
-80
-60
-40
-20
0
20
-100
100k
1G
FLTEN = 0
FLTEN = 1
VOUT = 100mVP-P
SMALL-SIGNAL GAIN FLATNESS
vs. FREQUENCY
FREQUENCY (Hz)
10M
1M
-2
-1
0
1
2
-3
100k
100M
FLTEN = 0
FLTEN = 1
VOUT = 100mVP-P
LARGE-SIGNAL GAIN
vs. FREQUENCY
FREQUENCY (Hz)
100M
10M
1M
-80
-60
-40
-20
0
20
-100
100k
1G
FLTEN = 0
FLTEN = 1
VOUT = 2VP-P
LARGE-SIGNAL GAIN FLATNESS
vs. FREQUENCY
FREQUENCY (Hz)
10M
1M
-2
1
0
-1
2
-3
100k
100M
VOUT = 2VP-P
FLTEN = 1
FLTEN = 0
LARGE-SIGNAL
GROUP DELAY vs. FREQUENCY
FREQUENCY (Hz)
100M
10M
1M
10
20
30
40
50
60
70
80
90
100
0
100k
1G
FLTEN = 0
FLTEN = 1
VOUT = 2VP-P
SMALL-SIGNAL
GROUP DELAY vs. FREQUENCY
FREQUENCY (Hz)
100M
10M
1M
10
20
30
40
50
60
70
80
90
100
0
100k
1G
FLTEN = 0
FLTEN = 1
VOUT = 100mVP-P
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
FREQUENCY (Hz)
10M
1M
100k
-80
-60
-40
-20
0
20
-100
10k
100M
FLTEN = 0
FLTEN = 1
QUIESCENT SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
100
75
50
25
0
-25
3.0
2.5
3.5
4.0
2.0
-50
125
FLTEN = 1
FLTEN = 0
VOLTAGE GAIN
vs. TEMPERATURE
TEMPERATURE (
°C)
100
75
50
25
0
-25
8.05
7.95
7.90
7.85
8.00
8.10
8.15
8.20
7.80
-50
125


Similar Part No. - MAX9507

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9507EVCMAXQU MAXIM-MAX9507EVCMAXQU Datasheet
168Kb / 6P
   Surface-Mount Components
Rev 0; 5/07
More results

Similar Description - MAX9507

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9516 MAXIM-MAX9516 Datasheet
308Kb / 15P
   1.8V, Ultra-Low-Power, DirectDrive Video Filter Amplifier with Load Detect
Rev 0; 9/07
MAX9505 MAXIM-MAX9505 Datasheet
407Kb / 16P
   DirectDrive Video Amplifier with Reconstruction Filter and Analog Switch
Rev 0; 5/05
MAX9503 MAXIM-MAX9503 Datasheet
831Kb / 13P
   DirectDrive Video Amplifier with Reconstruction Filter
Rev 0; 5/05
MAX9517 MAXIM-MAX9517 Datasheet
347Kb / 22P
   Standard-Definition Video Filter Amplifiers with Dual SPST Switches
Rev 0; 9/07
MAX9509 MAXIM-MAX9509 Datasheet
1Mb / 15P
   1.8V, Ultra-Low Power, DirectDrive Video Filter Amplifiers
19-0727; Rev 2; 5/14
logo
Analog Devices
ADA4431-1 AD-ADA4431-1 Datasheet
456Kb / 12P
   Ultralow Power SD Video Filter with Load Detection
REV. 0
ADA4431-1 AD-ADA4431-1_15 Datasheet
457Kb / 12P
   Ultralow Power SD Video Filter with Load Detection
REV. 0
logo
ON Semiconductor
NCS2584 ONSEMI-NCS2584 Datasheet
268Kb / 17P
   Four-Channel Video Driver with Load Detection and Signal Detection
August, 2012 ??Rev. 0
logo
Intersil Corporation
ISL54501 INTERSIL-ISL54501 Datasheet
335Kb / 13P
   1.8V to 5.5V, 5OHM, Single SPST Analog Switches
logo
Renesas Technology Corp
ISL54504 RENESAS-ISL54504 Datasheet
619Kb / 12P
   1.8V to 5.5V, 2.5W, Single SPST Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com