Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3629AMTRPBF Datasheet(PDF) 11 Page - International Rectifier

Part # IR3629AMTRPBF
Description  HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER WITH POWER GOOD OUTPUT
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3629AMTRPBF Datasheet(HTML) 11 Page - International Rectifier

Back Button IR3629AMTRPBF Datasheet HTML 7Page - International Rectifier IR3629AMTRPBF Datasheet HTML 8Page - International Rectifier IR3629AMTRPBF Datasheet HTML 9Page - International Rectifier IR3629AMTRPBF Datasheet HTML 10Page - International Rectifier IR3629AMTRPBF Datasheet HTML 11Page - International Rectifier IR3629AMTRPBF Datasheet HTML 12Page - International Rectifier IR3629AMTRPBF Datasheet HTML 13Page - International Rectifier IR3629AMTRPBF Datasheet HTML 14Page - International Rectifier IR3629AMTRPBF Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
IR3629/IR3629A MPbF
11/26/2007
Application Information
Design Example:
The following example is a typical application for
IR3629. The application circuit is shown on page
18.
Output Voltage Programming
Output voltage is programmed by reference
voltage and external voltage divider. The Fb pin
is the inverting input of the error amplifier, which
is internally referenced to 0.6V. The divider is
ratioed to provide 0.6V at the Fb pin when the
output is at its desired value. The output voltage
is defined by using the following equation:
When an external resistor divider is connected to
the output as shown in figure 10.
Equation (4) can be rewritten as:
For the calculated values of R
8
and R
9 see
feedback compensation section.
kHz
600
=
F
pple)
voltage ri
mV(output
30
ΔV
A
12
=
I
V
5
.
1
=
V
)
max
V,
2
.
13
V,(
12
=
V
s
o
o
o
in
)
4
--(
R
R
1
V
V
9
8
ref
o
⎟⎟
⎜⎜
+
=
Fig. 10: Typical application of the IR3629 for
programming the output voltage
)
5
--(
V
V
V
R
R
ref
O
ref
8
9
⎟⎟
⎜⎜
=
Soft-Start Programming
The soft-start timing can be programmed by
selecting the soft-start capacitance value. The
start-up time of the converter can be calculated
by using:
Where T
start is the desired start-up time (ms).
For a start-up time of 10ms, the soft-start
capacitor will be 0.2uF. Choose a ceramic
capacitor at 0.22uF.
Vc supply for single input voltage
To drive the high side switch, it is necessary to
supply a gate voltage at least 4V greater than the
bus voltage. This is achieved by using a charge
pump configuration as shown in figure 11. This
method is simple and inexpensive. The operation
of the circuit is as follows: when the lower
MOSFET is turned on, the capacitor
(C1) is
pulled down to ground and charges, up to V
BUS
value, through the diode (D1). The bus voltage
will be added to this voltage when the upper
MOSFET turns on in the next cycle, and
providing supply voltage (Vc) through diode (D2).
Vc is approximately:
A capacitors in the range of 0.1uF is generally
adequate for most applications. Fast recovery
diodes must be used to minimize the amount of
charge fed back from the charge pump capacitor
into V
BUS. The diodes need to be able to block
the full power rail voltage, which is seen when
the high-side MOSFET is switched on. For low-
voltage applications, schottky diodes can be
used to minimize forward drop.
L
IR3624
D1
C1
Vc
HDrv
Q1
Q2
C2
VBUS
D2
C3
VBUS
Fig. 11: Charge pump circuit to generate
Vc voltage
(
)
)
6
--(
V
V
V
2
V
2
D
1
D
bus
C
+
)
1
--(
T
A
20
C
start
SS
*
μ
Fb
IR3624
VOUT
R9
R8
IR3629
11
IR3629/29A


Similar Part No. - IR3629AMTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3621 IRF-IR3621 Datasheet
375Kb / 29P
   2-PHASE / DUAL SYNCHRONOUS PWM CONTROLLER WITH OSCILLATOR SYNCHRONIZATION AND PRE-BIAS STARTUP
IR3621F IRF-IR3621F Datasheet
375Kb / 29P
   2-PHASE / DUAL SYNCHRONOUS PWM CONTROLLER WITH OSCILLATOR SYNCHRONIZATION AND PRE-BIAS STARTUP
IR3621FTR IRF-IR3621FTR Datasheet
375Kb / 29P
   2-PHASE / DUAL SYNCHRONOUS PWM CONTROLLER WITH OSCILLATOR SYNCHRONIZATION AND PRE-BIAS STARTUP
IR3621M IRF-IR3621M Datasheet
375Kb / 29P
   2-PHASE / DUAL SYNCHRONOUS PWM CONTROLLER WITH OSCILLATOR SYNCHRONIZATION AND PRE-BIAS STARTUP
IR3621MPBF IRF-IR3621MPBF Datasheet
375Kb / 29P
   2-PHASE / DUAL SYNCHRONOUS PWM CONTROLLER WITH OSCILLATOR SYNCHRONIZATION AND PRE-BIAS STARTUP
More results

Similar Description - IR3629AMTRPBF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT1368 ETC-AT1368 Datasheet
549Kb / 13P
   1- Channel Synchronous Buck PWM Controller with Power Good Reset
logo
Aimtron Technology
AT1369 AIMTRON-AT1369 Datasheet
750Kb / 12P
   2-Channel Synchronous Buck PWM Controller with Power Good Reset
logo
International Rectifier
IR3640MPBF IRF-IR3640MPBF Datasheet
964Kb / 32P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3624MPBF IRF-IR3624MPBF Datasheet
791Kb / 21P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3628MPBF IRF-IR3628MPBF Datasheet
568Kb / 22P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3640MTRPBF IRF-IR3640MTRPBF Datasheet
964Kb / 32P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
logo
STMicroelectronics
L6728A STMICROELECTRONICS-L6728A Datasheet
1Mb / 32P
   High frequency single phase PWM controller with Power Good
L6728AH STMICROELECTRONICS-L6728AH Datasheet
1Mb / 33P
   High frequency single phase PWM controller with Power Good
logo
Richtek Technology Corp...
RT9232 RICHTEK-RT9232_07 Datasheet
387Kb / 14P
   Programmable Frequency Synchronous Buck PWM Controller
RT9232A RICHTEK-RT9232A Datasheet
386Kb / 14P
   Programmable Frequency Synchronous Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com