Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8784 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX8784
Description  Step-Up Regulator, Internal Charge Pumps, Switch Control, and Operational Amplifier for TFT LCDs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8784 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX8784 Datasheet HTML 2Page - Maxim Integrated Products MAX8784 Datasheet HTML 3Page - Maxim Integrated Products MAX8784 Datasheet HTML 4Page - Maxim Integrated Products MAX8784 Datasheet HTML 5Page - Maxim Integrated Products MAX8784 Datasheet HTML 6Page - Maxim Integrated Products MAX8784 Datasheet HTML 7Page - Maxim Integrated Products MAX8784 Datasheet HTML 8Page - Maxim Integrated Products MAX8784 Datasheet HTML 9Page - Maxim Integrated Products MAX8784 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Step-Up Regulator, Internal Charge Pumps, Switch
Control, and Operational Amplifier for TFT LCDs
6
_______________________________________________________________________________________
Note 1: Step-up regulator switching is disabled above the threshold. This fault is not latched.
Note 2: -40°C specs are guaranteed by design, not production tested.
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +5V, Circuit of Figure 1, AVDD = SUP = +14V, TA = -40°C to +85°C, unless otherwise noted.) (Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
POSITIVE GATE-DRIVER TIMING AND CONTROL SWITCHES
CTL Input-Low Voltage
0.8
V
CTL Input-High Voltage
1.8
V
GON-to-POUT Switch On-Resistance
GDEL = 1.5V, CTL = VCC
20
Ω
GON-to-POUT Switch Saturation
VPOUT - VGON > 5V
180
mA
GON-to-DRN Switch On-Resistance
GDEL = 1.5V, CTL = 0V
60
Ω
GON-to-DRN Switch Saturation Current
VGON - VDRN > 5V
35
mA
OPERATIONAL AMPLIFIERS
SUP Supply Range
619
V
SUP Overvoltage Fault Threshold
(Note 1)
19.1
21.0
V
SUP Supply Current
Buffer configuration, VPOS = VSUP / 2, no load
15
mA
Input Offset Voltage
VNEG, VPOS = VSUP / 2
13
mV
Input Common-Mode Voltage Range
0
VSUP
V
IOUT = 1mA
VSUP -
50
Output-Voltage Swing High
IOUT = 25mA
VSUP -
300
mV
IOUT = -1mA
50
Output-Voltage Swing Low
IOUT = -25mA
300
mV
HVS FUNCTION
HVS Input-Low Voltage
0.8
V
HVS Input-High Voltage
1.8
V
HVS Input Pulldown Resistance
5
50
k
Ω
RSET Output On-Resistance
HVS = VCC
20
Ω


Similar Part No. - MAX8784

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8784EVKIT MAXIM-MAX8784EVKIT Datasheet
458Kb / 24P
   Step-Up Regulator, Internal Charge Pumps, Switch Control, and Operational Amplifier for TFT LCDs
Rev 0; 1/07
More results

Similar Description - MAX8784

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8784EVKIT MAXIM-MAX8784EVKIT Datasheet
458Kb / 24P
   Step-Up Regulator, Internal Charge Pumps, Switch Control, and Operational Amplifier for TFT LCDs
Rev 0; 1/07
MAX8758 MAXIM-MAX8758 Datasheet
400Kb / 20P
   Step-Up Regulator with Switch Control and Operational Amplifier for TFT LCD
Rev 1; 9/05
MAX17115 MAXIM-MAX17115 Datasheet
2Mb / 23P
   Internal-Switch Boost Regulator and High-Voltage, Low-Dropout Linear Regulator for TFT LCDs
2010
MAX17088 MAXIM-MAX17088 Datasheet
796Kb / 28P
   Internal-Switch Boost Regulator with High-Voltage Level Shifter for TFT LCDs
2009
MAX8798 MAXIM-MAX8798 Datasheet
594Kb / 30P
   Internal-Switch Boost Regulator with Integrated 3-Channel Scan Driver for TFT LCDs
Rev 0; 9/07
MAX8798 MAXIM-MAX8798_V01 Datasheet
610Kb / 31P
   Internal-Switch Boost Regulator with Integrated 3-Channel Scan Driver for TFT LCDs
2008
MAX17075 MAXIM-MAX17075 Datasheet
1Mb / 22P
   Boost Regulator with Integrated Charge Pumps, Switch Control, and High-Current Op Amp
Rev 0; 11/08
MAX17075 MAXIM-MAX17075_12 Datasheet
605Kb / 23P
   Boost Regulator with Integrated Charge Pumps, Switch Control, and High-Current Op Amp
Rev 1; 5/12
logo
Monolithic Power System...
EV0055 MPS-EV0055 Datasheet
195Kb / 5P
   Triple Output Step-Up Plus Charge Pump for TFT Bias
logo
Eutech Microelectronics...
EUP2681 EUTECH-EUP2681 Datasheet
107Kb / 1P
   TFT LCD DC-DC Converter with Integrated Charge Pumps, OP-AMP and HV-Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com