Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8744A Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX8744A
Description  High-Efficiency, Quad Output, Main Power- Supply Controllers for Notebook Computers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8744A Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX8744A Datasheet HTML 11Page - Maxim Integrated Products MAX8744A Datasheet HTML 12Page - Maxim Integrated Products MAX8744A Datasheet HTML 13Page - Maxim Integrated Products MAX8744A Datasheet HTML 14Page - Maxim Integrated Products MAX8744A Datasheet HTML 15Page - Maxim Integrated Products MAX8744A Datasheet HTML 16Page - Maxim Integrated Products MAX8744A Datasheet HTML 17Page - Maxim Integrated Products MAX8744A Datasheet HTML 18Page - Maxim Integrated Products MAX8744A Datasheet HTML 19Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
High-Efficiency, Quad Output, Main Power-
Supply Controllers for Notebook Computers
______________________________________________________________________________________
15
PIN
NAME
FUNCTION
32
OUTA
Adjustable Auxiliary Linear-Regulator Output. Bypass OUTA to GND with 1µF or greater capacitor
(1µF/25mA). When DRVA < OUTA, the secondary feedback control triggers the DL5 for 1µs forcing
the controller to recharge the auxiliary storage capacitor. When DRVA exceeds 25V, the
MAX8744A/MAX8745A enable a 10mA shunt on OUTA, preventing the storage capacitor from rising
to unsafe levels due to the transformer’s leakage inductance. Pulling ONA high enables the linear-
regulator driver and the secondary feedback control.
EP
EP
Exposed Pad. Connect the exposed backside pad to analog ground.
Pin Description (continued)
Table 1. Component Selection for Standard Applications
COMPONENT
300kHz
5V AT 5A
3.3V AT 5A
500kHz
5V AT 3A
3.3V AT 5A
INPUT VOLTAGE
VIN = 7V TO 24V
VIN = 7V TO 24V
CIN_, Input Capacitor
(3) 10µF, 25V
Taiyo Yuden TMK432BJ106KM
(3) 10µF, 25V
Taiyo Yuden TMK432BJ106KM
5V OUTPUT
COUT5, Output Capacitor
2x 100µF, 6V, 35m
Ω
SANYO 6TPE100MAZB
2x 100µF, 6V, 35m
Ω
SANYO 6TPE100MAZB
L5/T5 Inductor/Transformer
6.8µH, 6.4A, 18m
Ω (max) 1:2
Sumida 4749-T132
NH5 High-Side MOSFET
Fairchild Semiconductor
FDS6612A
International Rectifier
IRF7807V
Fairchild Semiconductor
FDS6612A
International Rectifier
IRF7807V
NL5 Low-Side MOSFET
Fairchild Semiconductor
FDS6670S
International Rectifier
IRF7807VD1
Fairchild Semiconductor
FDS6670S
International Rectifier
IRF7807VD1
3V OUTPUT
COUT3, Output Capacitor
2x 150µF, 4V, 35m
Ω
SANYO 4TPE150MAZB
2x 100µF, 6V, 35m
Ω
SANYO 6TPE100MAZB
L3, Inductor
5.8µH, 8.6A, 16.2m
Ω
Sumida
CDRH127/LD-5R8NC
3.9µH, 6.5A, 15m
Ω
Sumida CDRH124-3R9NC
NH3 High-Side MOSFET
Fairchild Semiconductor
FDS6612A
International Rectifier
IRF7807V
Fairchild Semiconductor
FDS6612A
International Rectifier
IRF7807V
NL3 Low-Side MOSFET
Fairchild Semiconductor
FDS6670S
International Rectifier
IRF7807VD1
Fairchild Semiconductor
FDS6670S
International Rectifier
IRF7807VD1
PIN
NAME
FUNCTION
15
BST5
Boost Flying Capacitor Connection for the 5V SMPS. The MAX8744A/MAX8745A include an internal
boost switch connected between LDO5 and BST5. Connect to an external capacitor as shown in
Figure 1.
16
DH5
High-Side Gate-Driver Output for the 5V SMPS. DH5 swings from LX5 to BST5.
17
LX5
Inductor Connection for the 5V SMPS. Connect LX5 to the switched side of the inductor. LX5 serves
as the lower supply rail for the DH5 high-side gate driver.
18
DL5
Low-Side Gate-Driver Output for the 5V SMPS. DL5 swings from PGND to LDO5.
19
PGND
Power Ground
20
LDO5
5V Internal Linear-Regulator Output. Bypass with 4.7µF minimum (1µF/25mA). Provides at least
100mA for the DL_ low-side gate drivers, the DH_ high-side drivers through the BST switches, the
PWM controller, logic, reference, and external loads. If CSL5 is greater than 4.5V and soft-start is
complete, the linear regulator shuts down, and LDO5 connects to CSL5 through a 1
Ω switch rated for
loads up to 200mA.
21
IN
Input of the Startup Circuitry and the LDO5 Internal 5V Linear Regulator. Bypass to PGND with a
0.22µF or greater ceramic capacitor close to the IC.
22
PGOODA
Open-Drain, Power-Good Output for the Auxiliary LDO. PGOODA is pulled low if FBA drops more
than 10% (typ) below the normal regulation point, and when the auxiliary LDO is shut down. PGOODA
becomes high impedance when FBA is in regulation.
23
DL3
Low-Side Gate-Driver Output for the 3.3V SMPS. DL3 swings from PGND to LDO5.
24
LX3
Inductor Connection for the 3.3V SMPS. Connect LX3 to the switched side of the inductor. LX3 serves
as the lower supply rail for the DH3 high-side gate driver.
25
DH3
High-Side Gate-Driver Output for the 3.3V SMPS. DH3 swings from LX3 to BST3.
26
BST3
Boost Flying Capacitor Connection for the 3.3V SMPS. The MAX8744A/MAX8745A include an internal
boost switch connected between LDO5 and BST3. Connect to an external capacitor as shown in
Figure 1.
27
PGOOD3
Open-Drain, Power-Good Output for the 3.3V SMPS. PGOOD3 is pulled low if CSL3 drops more than
10% (typ) below the normal regulation point. PGOOD3 is held low during soft-start and shutdown.
PGOOD3 becomes high impedance when CSL3 is in regulation.
28
CSL3
Output Sense and Negative Current Sense for the 3.3V SMPS. When using the internal preset 3.3V
feedback divider (FB3 = LDO5), the controller uses CSL3 to sense the output voltage. Connect to the
negative terminal of the current-sense element.
29
CSH3
Positive Current-Sense Input for the 3.3V SMPS. Connect to the positive terminal of the current-sense
element. Figure 7 describes two different current-sensing options—using accurate sense resistors or
lossless inductor DCR sensing.
30
FB3
Feedback Input for the 3.3V SMPS. Connect to LDO5 for fixed 3.3V output. In adjustable mode, FB3
regulates to 2V.
31
FBA
Auxiliary LDO Feedback Input. Connect a resistive voltage-divider from OUTA to analog ground to
adjust the auxiliary linear-regulator output voltage. FBA regulates at 1V.
Pin Description (continued)


Similar Part No. - MAX8744A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8744 MAXIM-MAX8744 Datasheet
583Kb / 36P
   High-Efficiency, Quad Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 4/06
MAX8744ETJ++ MAXIM-MAX8744ETJ+ Datasheet
583Kb / 36P
   High-Efficiency, Quad Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 4/06
More results

Similar Description - MAX8744A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17003 MAXIM-MAX17003 Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
19-0765; Rev 0; 3/07
MAX17003ETJ MAXIM-MAX17003ETJ Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 3/07
logo
Intersil Corporation
ISL6236A INTERSIL-ISL6236A Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003A MAXIM-MAX17003A Datasheet
617Kb / 36P
   High-Efficiency, Quad-Output, Main Power- Supply Controllers for Notebook Computers
Rev 0; 6/07
MAX8732A MAXIM-MAX8732A Datasheet
1Mb / 33P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 5/05
MAX8732 MAXIM-MAX8732 Datasheet
1Mb / 32P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 8/04
logo
Renesas Technology Corp
ISL6236A RENESAS-ISL6236A Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
ISL6236 RENESAS-ISL6236 Datasheet
3Mb / 36P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Intersil Corporation
ISL6237 INTERSIL-ISL6237 Datasheet
2Mb / 35P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Renesas Technology Corp
ISL6237 RENESAS-ISL6237 Datasheet
3Mb / 35P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com