Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPS7081RS Datasheet(PDF) 3 Page - International Rectifier

Part # IPS7081RS
Description  INTELLIGENT POWER HIGH SIDE SWITCH
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS7081RS Datasheet(HTML) 3 Page - International Rectifier

  IPS7081RS Datasheet HTML 1Page - International Rectifier IPS7081RS Datasheet HTML 2Page - International Rectifier IPS7081RS Datasheet HTML 3Page - International Rectifier IPS7081RS Datasheet HTML 4Page - International Rectifier IPS7081RS Datasheet HTML 5Page - International Rectifier IPS7081RS Datasheet HTML 6Page - International Rectifier IPS7081RS Datasheet HTML 7Page - International Rectifier IPS7081RS Datasheet HTML 8Page - International Rectifier IPS7081RS Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
IPS7081(R)(S)
Static Electrical Characteristics
Max.
Units
Test Conditions
Tj=25°C, Vcc=14V (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
ON state resistance Tj=25°C
55
70
,
Vin=5V Iout=2A
ON state resistance Tj=150°C
100
130
Vin=5V, Iout=2A
Rds(on)
60
80
m
ON state resistance Tj=25°C, Vcc=6.5V
Vin=5V, Iout=2A
Vcc op.
6
35
Operating voltage range
V clamp 1
Vcc to Out clamp voltage 1
65
70
Iout=30mA (see Fig. 1)
V clamp 2
Vcc to Out clamp voltage 2
70
75
Iout=2A (see Fig. 1)
Vf
Body diode forward voltage
1
1.35
V
Io
2.5A
ut=
Icc Off
Supply current when Off
2.5
10
µA
V
V, Vout=0V
in=0
Icc On
2.5
3.5
mA
V
Supply current when On
Vin=5
Iout@0V
V
0V
Output leakage current
2.5
10
out=
Iout@6V
utput leakage current
20
Vout=6V
O
Idg leakage
10
µA
V
5.5V
Diagnostic output leakage current
dg=
Vdgl
Low level diagnostic output voltage
0.2
0.3
Idg=1.6mA
Vih
Input high threshold voltage
2.5
3.5
Vil
Input low threshold voltage
1
2
In hys
Input hysteresis
0.15
0.5
1
UV high
Under voltage high threshold voltage
5
5.9
UV low
Under voltage low threshold voltage
3.4
4.5
UV hys
U
1.5
V
ndervoltage hysteresis
0.1
0.5
Iin On
In
µA
V
V
put current when device is On
40
80
in=5
S
hing E
cc=14V, Resistive load=6
Ω, Vin=5V, Tj=25°C
in.
Typ.
Max.
Units
Test Conditions
witc
lectrical Characteristics
V
Symbol
Parameter
M
Tdon
Turn-on delay time
16
45
Tr1
Rise time to Vout=Vcc-5V
10
40
µs
Rise time to Vout=0.9 x Vcc
20
100
Tr2
dV/dt (On)
T
0.8
3
V/µs
urn On dV/dt
EOn
T
100
µJ
urn On energy
Tdoff
Turn-off delay time
25
50
Tf
F
7.5
25
all time to Vout=0.1 x Vcc
µs
dV/dt (Off)
T
1.6
3
V/µs
urn Off dV/dt
EOff
T
µJ
S
g. 3
urn Off energy
25
ee Fi
Tdiag
Vout to Vdiag propagation delay
15
µs
See Fig. 4 and Fig. 12
www.irf.com
3


Similar Part No. - IPS7081RS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IPS7071GPBF IRF-IPS7071GPBF Datasheet
370Kb / 8P
   PROTECTED HIGH SIDE SWITCH
IPS7091 IRF-IPS7091 Datasheet
714Kb / 14P
   INTELLIGENT POWER HIGH SIDE SWITCH
IPS7091G IRF-IPS7091G Datasheet
714Kb / 14P
   INTELLIGENT POWER HIGH SIDE SWITCH
IPS7091GPBF IRF-IPS7091GPBF Datasheet
447Kb / 11P
   INTELLIGENT POWER HIGH SIDE SWITCH
IPS7091GPBF IRF-IPS7091GPBF Datasheet
714Kb / 14P
   INTELLIGENT POWER HIGH SIDE SWITCH
More results

Similar Description - IPS7081RS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIPS6041G IRF-AUIPS6041G Datasheet
1Mb / 20P
   INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS6011 IRF-AUIPS6011_15 Datasheet
1Mb / 17P
   INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS6041 IRF-AUIPS6041_15 Datasheet
1Mb / 20P
   INTELLIGENT POWER HIGH SIDE SWITCH
IPS6011PBF IRF-IPS6011PBF Datasheet
655Kb / 13P
   INTELLIGENT POWER HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIPS7091 INFINEON-AUIPS7091 Datasheet
1Mb / 19P
   INTELLIGENT POWER HIGH SIDE SWITCH
March, 26th 2012 revision B
logo
International Rectifier
IPS6041PBF IRF-IPS6041PBF Datasheet
802Kb / 15P
   INTELLIGENT POWER HIGH SIDE SWITCH
IPS6041GTRPBF IRF-IPS6041GTRPBF Datasheet
888Kb / 16P
   INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS7091 IRF-AUIPS7091_15 Datasheet
1Mb / 19P
   INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS7081 IRF-AUIPS7081 Datasheet
1Mb / 19P
   INTELLIGENT POWER HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIPS6031 INFINEON-AUIPS6031 Datasheet
1Mb / 17P
   INTELLIGENT POWER HIGH SIDE SWITCH
May 15, 2012 Revision C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com