Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6768 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX6768
Description  Automotive Micropower Linear Regulators with Supervisor
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6768 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX6768 Datasheet HTML 3Page - Maxim Integrated Products MAX6768 Datasheet HTML 4Page - Maxim Integrated Products MAX6768 Datasheet HTML 5Page - Maxim Integrated Products MAX6768 Datasheet HTML 6Page - Maxim Integrated Products MAX6768 Datasheet HTML 7Page - Maxim Integrated Products MAX6768 Datasheet HTML 8Page - Maxim Integrated Products MAX6768 Datasheet HTML 9Page - Maxim Integrated Products MAX6768 Datasheet HTML 10Page - Maxim Integrated Products MAX6768 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Automotive Micropower Linear Regulators
with Supervisor
_______________________________________________________________________________________
7
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
20
40
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
FREQUENCY (Hz)
0.1
1k
10k
100k
10
1
100
1M
0.9980
0.9990
0.9985
1.0000
0.9995
1.0005
1.0010
1.0015
1.0020
420
28
12
36
44
52
60
68
NORMALIZED OUT VOLTAGE
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
VOUT = 3.3V
OUT
(AC-COUPLED)
200mV/div
IOUT
100mA/div
LOAD-TRANSIENT RESPONSE
MAX6765 toc19
100ms/div
VOUT = 5V
OUT
(AC-COUPLED)
1V/div
VIN
10V/div
LINE-TRANSIENT RESPONSE
MAX6765 toc20
400µs/div
VOUT = 5V
OUT
(AC-COUPLED)
1V/div
VIN
20V/div
LINE-TRANSIENT RESPONSE
MAX6765 toc21
400µs/div
VOUT = 5V
0
2
1
3
4
5
6
7
8
9
10
11
40
80
OUTPUT CAPACITOR SERIES RESISTANCE
vs. LOAD CURRENT
LOAD CURRENT (mA)
060
20
100
STABLE OPERATING
REGION
Typical Operating Characteristics (continued)
(VIN = 14V, COUT = 10µF, CIN = 0.1µF, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX6768

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6768 MAXIM-MAX6768 Datasheet
686Kb / 23P
   Automotive Micropower Linear Regulators with Supervisor
Rev 0; 10/06
MAX6768 MAXIM-MAX6768 Datasheet
419Kb / 22P
   Automotive Micropower Linear Regulators with Supervisor
Rev 4; 6/10
MAX6768 MAXIM-MAX6768 Datasheet
214Kb / 22P
   Automotive Micropower Linear Regulators with Supervisor
Rev 5; 10/11
MAX6768TALD2T MAXIM-MAX6768TALD2T Datasheet
686Kb / 23P
   Automotive Micropower Linear Regulators with Supervisor
Rev 0; 10/06
MAX6768TASD2T MAXIM-MAX6768TASD2T Datasheet
686Kb / 23P
   Automotive Micropower Linear Regulators with Supervisor
Rev 0; 10/06
More results

Similar Description - MAX6768

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6765 MAXIM-MAX6765_10 Datasheet
419Kb / 22P
   Automotive Micropower Linear Regulators with Supervisor
Rev 4; 6/10
MAX6765 MAXIM-MAX6765_11 Datasheet
214Kb / 22P
   Automotive Micropower Linear Regulators with Supervisor
Rev 5; 10/11
MAX6765 MAXIM-MAX6765_07 Datasheet
295Kb / 23P
   Automotive Micropower Linear Regulators with Supervisor
Rev 2; 7/07
MAX6765 MAXIM-MAX6765 Datasheet
686Kb / 23P
   Automotive Micropower Linear Regulators with Supervisor
Rev 0; 10/06
MAX6765 MAXIM-MAX6765_12 Datasheet
214Kb / 22P
   Automotive Micropower Linear Regulators with Supervisor
Rev 6; 3/12
MAX6765 MAXIM-MAX6765_13 Datasheet
340Kb / 22P
   Automotive Micropower Linear Regulators with Supervisor
Rev 8; 4/13
logo
Linear Technology
LTC3025-1 LINER-LTC3025-1 Datasheet
188Kb / 12P
   500mA Micropower VLDO Linear Regulators
LTC3025-4 LINER-LTC3025-4_15 Datasheet
255Kb / 14P
   500mA Micropower VLDO Linear Regulators
LTC3025-2 LINER-LTC3025-2_15 Datasheet
255Kb / 14P
   500mA Micropower VLDO Linear Regulators
LTC3025-3 LINER-LTC3025-3_15 Datasheet
255Kb / 14P
   500mA Micropower VLDO Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com