Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29GL032N11FFIV13 Datasheet(PDF) 16 Page - SPANSION

Part # S29GL032N11FFIV13
Description  64 Megabit, 32 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 110 nm MirrorBit Process Technology
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL032N11FFIV13 Datasheet(HTML) 16 Page - SPANSION

Back Button S29GL032N11FFIV13 Datasheet HTML 12Page - SPANSION S29GL032N11FFIV13 Datasheet HTML 13Page - SPANSION S29GL032N11FFIV13 Datasheet HTML 14Page - SPANSION S29GL032N11FFIV13 Datasheet HTML 15Page - SPANSION S29GL032N11FFIV13 Datasheet HTML 16Page - SPANSION S29GL032N11FFIV13 Datasheet HTML 17Page - SPANSION S29GL032N11FFIV13 Datasheet HTML 18Page - SPANSION S29GL032N11FFIV13 Datasheet HTML 19Page - SPANSION S29GL032N11FFIV13 Datasheet HTML 20Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 79 page
background image
16
S29GL-N MirrorBit® Flash Family
S29GL-N_01_09 November 16, 2007
Da ta
Sh e e t
7.
Ordering Information–S29GL064N
S29GL064N Standard Products
Standard products are available in several packages and operating ranges. The order number (Valid
Combination) is formed by a combination of the following:
8.
Device Bus Operations
This section describes the requirements and use of the device bus operations, which are initiated through the
internal command register. The command register itself does not occupy any addressable memory location.
The register is a latch used to store the commands, along with the address and data information needed to
S29GL064N
90
T
A
I
02
2
PACKING TYPE
0
=
Tray
2
=
7-inch Tape and Reel
3
=
13-inch Tape and Reel
MODEL NUMBER
01 =
x8/x16, VCC = VIO = 2.7 – 3.6 V, Uniform sector, WP#/ACC = VIL protects highest addressed sector
02 =
x8/x16, VCC = VIO = 2.7 – 3.6 V, Uniform sector, WP#/ACC = VIL protects lowest addressed sector
03 =
x8/x16, VCC = 2.7 – 3.6 V, Top boot sector, WP#/ACC = VIL protects top two addressed sectors
04 =
x8/x16, VCC = 2.7 – 3.6 V, Bottom boot sector, WP#/ACC = VIL protects bottom two addressed sectors
06 =
x16, VCC = 2.7 – 3.6 V, Uniform sector, WP# = VIL protects highest addressed sector
07 =
x16, VCC = 2.7 – 3.6 V, Uniform sector, WP# = VIL protects lowest addressed sector
V1 =
x8/x16, VCC = 2.7 – 3.6 V, VIO = 1.65 - 3.6 V, Uniform sector, WP#/ACC = VIL protects highest addressed sector
V2 =
x8/x16, VCC = 2.7 – 3.6 V, VIO = 1.65 - 3.6 V, Uniform sector, WP#/ACC = VIL protects lowest addressed sector
V6 =
x16, VCC = 2.7 – 3.6 V, VIO = 1.65 - 3.6 V, Uniform sector, WP# = VIL protects highest addressed sector
V7 =
x16, VCC = 2.7 – 3.6 V, VIO = 1.65 - 3.6 V, Uniform sector, WP# = VIL protects lowest addressed sector
TEMPERATURE RANGE
I
=
Industrial (–40°C to +85°C)
PACKAGE MATERIAL SET
A
=
Standard (Note 4)
F
=
Pb-Free
PACKAGE TYPE
T
=
Thin Small Outline Package (TSOP) Standard Pinout
B
=
Fine-pitch Ball-Grid Array Package
F
=
Fortified Ball-Grid Array Package
SPEED OPTION
See Product Selector Guide and Valid Combinations (90 = 90 ns, 11 = 110 ns)
DEVICE NUMBER/DESCRIPTION
S29GL064N, 64 Megabit Page-Mode Flash Memory
Manufactured using 110 nm MirrorBit
® Process Technology, 3.0 Volt-only Read, Program, and Erase
Table 7.1 S29GL064N Valid Combinations (Note 4)
S29GL064N Valid Combinations
Package Description
Device Number
Speed Option
Package, Material &
Temperature Range
Model Number
Packing
Type
S29GL064N
90
TFI
03, 04, 06, 07
0, 2, 3
(Note 1)
TS048 (Note 2)
TSOP
11
V6, V7
90
01, 02
TS056 (Note 2)
TSOP
11
V1, V2
90
BFI
03, 04
VBK048 (Note 3)
Fine-pitch BGA
90
FFI
01, 02, 03, 04
LAA064 (Note 3)
Fortified BGA
11
V1, V2
Notes
1. Type 0 is standard. Specify others as required: TSOPs can be packed in Types 0 and 3; BGAs can be
packed in Types 0, 2, or 3.
2. TSOP package marking omits packing type designator from ordering part number.
3. BGA package marking omits leading S29 and packing type designator from ordering part number.
4. Contact local sales for availability for Leaded lead-frame parts.
Valid Combinations
Valid Combinations list configurations
planned to be supported in volume for this
device. Consult your local sales office to
confirm availability of specific valid
combinations and to check on newly
released combinations.


Similar Part No. - S29GL032N11FFIV13

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL032A SPANSION-S29GL032A Datasheet
1Mb / 88P
   64 MEGABIT 32MEGABIT 3.0 BOLT ONLY PAGE MODE FLASH MEMORY
S29GL032A SPANSION-S29GL032A Datasheet
3Mb / 95P
   64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
S29GL032A100BAI010 SPANSION-S29GL032A100BAI010 Datasheet
3Mb / 95P
   64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
S29GL032A100BAI012 SPANSION-S29GL032A100BAI012 Datasheet
3Mb / 95P
   64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
S29GL032A100BAI013 SPANSION-S29GL032A100BAI013 Datasheet
3Mb / 95P
   64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
More results

Similar Description - S29GL032N11FFIV13

ManufacturerPart #DatasheetDescription
logo
SPANSION
S70GL01GN00 SPANSION-S70GL01GN00_07 Datasheet
1Mb / 83P
   1024 Megabit, 3.0 Volt-only Page Mode Flash Memory Featuring 110 nm MirrorBit??Process Technology
S29GL032A SPANSION-S29GL032A_07 Datasheet
3Mb / 95P
   64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
S29GL-N SPANSION-S29GL-N Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S70GL01GN00 SPANSION-S70GL01GN00 Datasheet
1Mb / 83P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S29GL01GP11TFIR20 SPANSION-S29GL01GP11TFIR20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL512P12TFIV20 SPANSION-S29GL512P12TFIV20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL128P90FFIR20 SPANSION-S29GL128P90FFIR20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL01GP13FFIV20 SPANSION-S29GL01GP13FFIV20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL-P SPANSION-S29GL-P_12 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL-P SPANSION-S29GL-P_07 Datasheet
2Mb / 77P
   3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com