Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4814E Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX4814E
Description  DVI/HDMI 2:4 Low-Frequency Fan Out Switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4814E Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4814E Datasheet HTML 6Page - Maxim Integrated Products MAX4814E Datasheet HTML 7Page - Maxim Integrated Products MAX4814E Datasheet HTML 8Page - Maxim Integrated Products MAX4814E Datasheet HTML 9Page - Maxim Integrated Products MAX4814E Datasheet HTML 10Page - Maxim Integrated Products MAX4814E Datasheet HTML 11Page - Maxim Integrated Products MAX4814E Datasheet HTML 12Page - Maxim Integrated Products MAX4814E Datasheet HTML 13Page - Maxim Integrated Products MAX4814E Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
DA1 select the connections of switch A to switch SW_
and inputs DB0 and DB1. Select the connections of
switch B to SW_. See Table 3a for the pin configuration
and Table 3b for a complete summary.
I2C Interface Method (Mode 1)
In mode 1, the switch connections are controlled
through the I2C interface. Inputs SDA and SCL program
registers R0 and R1. Register R0, bits [7 to 2], select
the connection of switch A and switch B to switch SW_
(see the
I2C Registers and Bit Descriptions section).
The bits of register R1 transfer data to the output DO_.
The data on output DO_ is used to communicate with the
MAX3845. In mode 1, DA0/DO0 becomes output DO0,
DA1/DO1 becomes output DO1, DA2/DO2 becomes
output DO2, and DB0/DO3 becomes output DO3. DB1
and DB2 are high impedance. See Table 3a for the pin
configuration. See Table 4 for register R1 to DO_ output
mapping.
I2C Registers and Bit Descriptions
Two internal registers (RO and R1) program the
MAX4814E. Table 2 lists both registers, their address-
es, and power-up default states. Both registers are
read/write registers.
In register R0, bit BAEN is used as the enable for
switch A, and bit BBEN is used as the enable for switch
B. Writing 1 to bit BAEN enables switch A; and writing 0
to bit BAEN disables switch A. Writing 1 to bit BBEN
enables switch B, and writing 0 to bit BBEN disables
switch B. BASEL1 and BASEL0 select the connections
of switch A to switch SW_, while BBSEL1 and BBSEL0
select the connections of switch B to switch SW_, as
summarized in Table 6.
I2C Register R0 Two LSB Bits
The two LSBs are hard coded as 00. Register R0
ignores any value written to the two LSBs; anytime reg-
ister R0 is read the hard-coded values are returned.
Bank A Enable (BAEN) and Bank B Enable (BBEN) Bits
1 = Enable
0 = Disable
Bank A Select (BASEL1/BASEL0) and
Bank B Select (BBSEL1/BBSEL0) Bits
Bits BASEL1 and BASEL0 select the switch SW_ that
switch A is connected to. Bits BBSEL1 and BBSEL0
select the switch SW_ that switch B is connected to
(see Table 6).
Power-On Default States
When power is applied to the MAX4814E internal
power-on reset (POR), circuitry sets registers R0 and
R1 to their default states. Register R0 is set to all zeros,
or 00h, and register R1 is set to 10101010, or AAh, as
shown in Table 2.
Having all zeros in register R0 disables both banks A
and B; see Table 6 for register R0 to switch mapping.
Setting register R1 to AAh forces the outputs at DO_ to
be high impedance.
Note: The output, DO_ is used to communicate with the
MAX3845 when the MAX4814E is being used without its
companion. The MAX3845 and the MAX4814E use the
I2C interface (MODE = 1). All DO_ outputs need to be
connected through a 10kΩ resistor to GND.
DVI/HDMI 2:4 Low-Frequency Fan Out Switch
10
______________________________________________________________________________________
X = Hardwired code, not programmable by user.
Table 1. Mode Configuration
INPUT PIN
MODE
OPERATION
0
Puts the device in mode 0. The direct-control inputs DA_ and DB_ control the switches.
1
Puts the device in mode 1. The switches are controlled by the I2C interface. DO_ becomes an active output.
Inputs DB1 and DB2 are high impedance.
Table 2. I2C Register Map
BIT
POWER-UP
REGISTER
7
6
5
432
1
0
ADDRESS
BINARY
HEX
R0
BBEN
BBSE
L1
BBSEL0
BAEN
BASEL1
BASE
L0
X
X
0x00
0000
0000
00
R1
DO3
High
Impedance
DO3
Data
DO2
High
Impedance
DO2
Data
DO1
High
Impedance
DO1
Data
DO0
High
Impedance
DO0
Data
0x01
1010
1010
AA


Similar Part No. - MAX4814E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX481 MAXIM-MAX481 Datasheet
439Kb / 19P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 8; 10/03
MAX481 MAXIM-MAX481 Datasheet
1Mb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 9; 9/09
MAX481 MAXIM-MAX481 Datasheet
414Kb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 10; 9/14
logo
ARTSCHIP ELECTRONICS CO...
MAX481 ARTSCHIP-MAX481 Datasheet
6Mb / 16P
   Low-Power, Slew-Rate-Limited Transceivers
logo
Maxim Integrated Produc...
MAX481 MAXIM-MAX481 Datasheet
414Kb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
19-0122; Rev 10; 9/14
More results

Similar Description - MAX4814E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMDS442 TI-TMDS442 Datasheet
1Mb / 45P
[Old version datasheet]   4-TO-2 DVI/HDMI SWITCH
TMDS442 TI1-TMDS442_14 Datasheet
2Mb / 46P
[Old version datasheet]   4-TO-2 DVI/HDMI SWITCH
logo
Maxim Integrated Produc...
MAX4929E MAXIM-MAX4929E Datasheet
216Kb / 13P
   HDMI 2:1 Low-Frequency Translating Switch
Rev 0; 10/07
logo
Analog Devices
AD8190 AD-AD8190 Datasheet
793Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
REV. 0
logo
Maxim Integrated Produc...
MAX3845 MAXIM-MAX3845 Datasheet
557Kb / 19P
   DVI/HDMI 2:4 TMDS Fanout Switch and Cable Driver
Rev 0; 4/07
logo
Analog Devices
AD8196 AD-AD8196 Datasheet
533Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
PrA
AD8190 AD-AD8190_15 Datasheet
794Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
REV. 0
AD8196 AD-AD8196_15 Datasheet
709Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
REV. 0
AD8191AASTZ-RL AD-AD8191AASTZ-RL Datasheet
837Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197 AD-AD8197_15 Datasheet
842Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com