Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVCH32245A Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74LVCH32245A
Description  32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVCH32245A Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74LVCH32245A Datasheet HTML 2Page - NXP Semiconductors 74LVCH32245A Datasheet HTML 3Page - NXP Semiconductors 74LVCH32245A Datasheet HTML 4Page - NXP Semiconductors 74LVCH32245A Datasheet HTML 5Page - NXP Semiconductors 74LVCH32245A Datasheet HTML 6Page - NXP Semiconductors 74LVCH32245A Datasheet HTML 7Page - NXP Semiconductors 74LVCH32245A Datasheet HTML 8Page - NXP Semiconductors 74LVCH32245A Datasheet HTML 9Page - NXP Semiconductors 74LVCH32245A Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
74LVCH32245A_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 20 August 2007
6 of 13
NXP Semiconductors
74LVCH32245A
32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
9.
Static characteristics
[1]
All typical values are measured at VCC = 3.3 V (unless stated otherwise) and Tamb =25 °C.
[2]
The bus hold circuit is switched off when VI >VCC allowing 5.5 V on the input terminal.
[3]
For I/O ports the parameter IOZ includes the input leakage current.
[4]
Valid for data inputs only. Note that control inputs do not have a bus hold circuit.
[5]
The specified sustaining current at the data input holds the input below the specified VI level.
[6]
The specified overdrive current at the data input forces the data input to the opposite input state.
Table 6.
Static characteristics
At recommended operating conditions. Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
VCC (V)
Min
Typ[1]
Max
Unit
Tamb = −40 °C to +85 °C
VIH
HIGH-level input voltage
1.2
VCC
--
V
2.7 to 3.6
2.0
-
-
V
VIL
LOW-level input voltage
1.2
-
-
GND
V
2.7 to 3.6
-
-
0.8
V
VOH
HIGH-level output voltage
VI =VIH or VIL
IO = −100 µA
2.7 to 3.6
VCC − 0.2
VCC
-V
IO = −12 mA
2.7
VCC − 0.5
-
-
V
IO = −18 mA
3.0
VCC − 0.6
-
-
V
IO = −24 mA
3.0
VCC − 0.8
-
-
V
VOL
LOW-level output voltage
VI =VIH or VIL
IO = 100 µA
2.7 to 3.6
-
GND
0.20
V
IO = 12 mA
2.7
-
-
0.40
V
IO = 24 mA
3.0
-
-
0.55
V
II
input leakage current
VI = 5.5 V or GND
3.6
[2]
-
±0.1
±5
µA
IOZ
OFF-state output current
VI =VIH or VIL;
VO = 5.5 V or GND
3.6
[2][3]
-
±0.1
±5
µA
IOFF
power-off leakage current
VI or VO = 5.5 V
0.0
-
±0.1
±10
µA
ICC
supply current
VI =VCC or GND; IO = 0 A
3.6
-
0.1
40
µA
∆ICC
additional supply current
per input pin;
VI =VCC − 0.6 V; IO =0A
2.7 to 3.6
-
5
500
µA
CI
input capacitance
VI = GND to VCC
0 to 3.6
-
5.0
-
pF
CI/O
input/output capacitance
VI = GND to VCC
0 to 3.6
-
10
-
pF
IBHL
bus hold LOW current
VI = 0.8 V
3.0
[4][5]
75
-
-
µA
IBHH
bus hold HIGH current
VI = 2.0 V
3.0
[4][5]
−75
-
-
µA
IBHLO
bus hold LOW overdrive
current
3.6
[4][6]
500
-
-
µA
IBHHO
bus hold HIGH overdrive
current
3.6
[4][6]
−500
-
-
µA


Similar Part No. - 74LVCH32245A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVCH32245A PHILIPS-74LVCH32245A Datasheet
87Kb / 16P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
1999 Sep 01
logo
Renesas Technology Corp
74LVCH32245A RENESAS-74LVCH32245A Datasheet
308Kb / 8P
   3.3V CMOS 32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O, BUS-HOLD
Apr.01.21
logo
Integrated Device Techn...
74LVCH32245ABF IDT-74LVCH32245ABF Datasheet
220Kb / 7P
   3.3V CMOS 32-BIT BUS TRANSCEIVER
logo
Renesas Technology Corp
74LVCH32245ABF RENESAS-74LVCH32245ABF Datasheet
308Kb / 8P
   3.3V CMOS 32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O, BUS-HOLD
Apr.01.21
logo
Integrated Device Techn...
74LVCH32245ABF8 IDT-74LVCH32245ABF8 Datasheet
220Kb / 7P
   3.3V CMOS 32-BIT BUS TRANSCEIVER
More results

Similar Description - 74LVCH32245A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC32245A PHILIPS-74LVC32245A_15 Datasheet
162Kb / 14P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 3-16 December 2011
74LVC32245A NXP-74LVC32245A Datasheet
88Kb / 12P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 01-20 August 2007
74LVC32245A PHILIPS-74LVC32245A Datasheet
87Kb / 16P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
1999 Sep 01
74LVCH32245A PHILIPS-74LVCH32245A_15 Datasheet
175Kb / 15P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 5-15 December 2011
logo
Nexperia B.V. All right...
74LVC32245A NEXPERIA-74LVC32245A Datasheet
984Kb / 14P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 3 - 16 December 2011
logo
Integrated Circuit Syst...
74LVC_LVCH16245A ICST-74LVC_LVCH16245A Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
logo
Nexperia B.V. All right...
74LVC16245A-Q100 NEXPERIA-74LVC16245A-Q100 Datasheet
248Kb / 14P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
74LVCH16245A NEXPERIA-74LVCH16245A Datasheet
260Kb / 15P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 14 - 24 September 2021
logo
NXP Semiconductors
74LVC_LVCH16245A PHILIPS-74LVC_LVCH16245A_15 Datasheet
283Kb / 20P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 12-13 February 2012
74LVC16245A PHILIPS-74LVC16245A Datasheet
122Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 08-6 November 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com