Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC2G02 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74LVC2G02
Description  Dual 2-input NOR gate
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC2G02 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74LVC2G02 Datasheet HTML 6Page - NXP Semiconductors 74LVC2G02 Datasheet HTML 7Page - NXP Semiconductors 74LVC2G02 Datasheet HTML 8Page - NXP Semiconductors 74LVC2G02 Datasheet HTML 9Page - NXP Semiconductors 74LVC2G02 Datasheet HTML 10Page - NXP Semiconductors 74LVC2G02 Datasheet HTML 11Page - NXP Semiconductors 74LVC2G02 Datasheet HTML 12Page - NXP Semiconductors 74LVC2G02 Datasheet HTML 13Page - NXP Semiconductors 74LVC2G02 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
74LVC2G02_5
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 05 — 4 September 2007
10 of 15
NXP Semiconductors
74LVC2G02
Dual 2-input NOR gate
Fig 10. Package outline SOT765-1 (VSSOP8)
UNIT
A1
A
max.
A2
A3
bp
L
HE
Lp
wy
v
ce
D(1)
E(2)
Z(1)
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.15
0.00
0.85
0.60
0.27
0.17
0.23
0.08
2.1
1.9
2.4
2.2
0.5
3.2
3.0
0.4
0.1
8
°
0
°
0.13
0.1
0.2
0.4
DIMENSIONS (mm are the original dimensions)
Notes
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
2. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
0.40
0.15
Q
0.21
0.19
SOT765-1
MO-187
02-06-07
w M
bp
D
Z
e
0.12
14
8
5
θ
A2
A1
Q
Lp
(A3)
detail X
A
L
HE
E
c
v M A
X
A
y
2.5
5 mm
0
scale
VSSOP8: plastic very thin shrink small outline package; 8 leads; body width 2.3 mm
SOT765-1
1
pin 1 index


Similar Part No. - 74LVC2G02

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
74LVC2G02 PANASONIC-74LVC2G02 Datasheet
91Kb / 16P
   Dual 2-input NOR gate
logo
NXP Semiconductors
74LVC2G02 NXP-74LVC2G02 Datasheet
102Kb / 16P
   Dual 2-input NOR gate
Rev. 07-6 June 2008
logo
Unisonic Technologies
74LVC2G02 UTC-74LVC2G02 Datasheet
171Kb / 5P
   DUAL 2-INPUT POSITIVE-NOR GATE
logo
Diodes Incorporated
74LVC2G02 DIODES-74LVC2G02 Datasheet
509Kb / 11P
   DUAL 2-INPUT NOR GATE
logo
Nexperia B.V. All right...
74LVC2G02 NEXPERIA-74LVC2G02 Datasheet
268Kb / 17P
   Dual 2-input NOR gate
Rev. 14 - 21 July 2021
More results

Similar Description - 74LVC2G02

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML74WL02 MINILOGIC-ML74WL02 Datasheet
126Kb / 3P
   Dual 2-input NOR Gate
logo
ON Semiconductor
NL27WZ02 ONSEMI-NL27WZ02_19 Datasheet
186Kb / 11P
   Dual 2-Input NOR Gate
January, 2019 ??Rev. 13
logo
Unisonic Technologies
U74AHC2G02 UTC-U74AHC2G02_15 Datasheet
207Kb / 5P
   DUAL 2-INPUT NOR GATE
logo
Panasonic Semiconductor
74LVC2G02 PANASONIC-74LVC2G02 Datasheet
91Kb / 16P
   Dual 2-input NOR gate
logo
STMicroelectronics
74V2G02 STMICROELECTRONICS-74V2G02 Datasheet
86Kb / 7P
   DUAL 2-INPUT NOR GATE
logo
Renesas Technology Corp
RD74LVC2G02 RENESAS-RD74LVC2G02 Datasheet
2Mb / 8P
   Dual 2-Input NOR Gate
logo
Unisonic Technologies
U74AHC2G02 UTC-U74AHC2G02 Datasheet
198Kb / 5P
   DUAL 2-INPUT NOR GATE
logo
ON Semiconductor
NL27WZ02 ONSEMI-NL27WZ02_13 Datasheet
109Kb / 5P
   Dual 2-Input NOR Gate
March, 2013 ??Rev. 12
logo
Nexperia B.V. All right...
74LVC2G02-Q100 NEXPERIA-74LVC2G02-Q100 Datasheet
784Kb / 13P
   Dual 2-input NOR gate
logo
ON Semiconductor
NL27WZ02 ONSEMI-NL27WZ02 Datasheet
55Kb / 6P
   Dual 2-Input NOR Gate
March, 2004 ??Rev. 6
logo
Diodes Incorporated
74LVC2G02 DIODES-74LVC2G02 Datasheet
509Kb / 11P
   DUAL 2-INPUT NOR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com