Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LVC1G3157 Datasheet(PDF) 13 Page - NXP Semiconductors

Part No. 74LVC1G3157
Description  2-channel analog multiplexer/demultiplexer
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

74LVC1G3157 Datasheet(HTML) 13 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
74LVC1G3157_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 18 September 2007
13 of 22
NXP Semiconductors
74LVC1G3157
2-channel analog multiplexer/demultiplexer
11.2 Additional dynamic characteristics
Table 11.
Test data
Supply voltage
Input
Load
VEXT
VCC
VI
tr, tf
CL
RL
tPLH, tPHL
tPZH, tPHZ
tPZL, tPLZ
1.65 V to 1.95 V
VCC
≤ 2.0 ns
50 pF
500
open
GND
2VCC
2.3 V to 2.7 V
VCC
≤ 2.0 ns
50 pF
500
open
GND
2VCC
2.7 V
VCC
≤ 2.5 ns
50 pF
500
open
GND
2VCC
3 V to 3.6 V
VCC
≤ 2.5 ns
50 pF
500
open
GND
2VCC
4.5 V to 5.5 V
VCC
≤ 2.5 ns
50 pF
500
open
GND
2VCC
Table 12.
Additional dynamic characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V); Tamb =25 °C.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
THD
total harmonic distortion
fi = 600 Hz to 20 kHz; RL = 600 Ω;
CL = 50 pF; VI = 0.5 V (p-p);
see Figure 19
VCC = 1.65 V
-
0.260
-
%
VCC = 2.3 V
-
0.078
-
%
VCC = 3.0 V
-
0.078
-
%
VCC = 4.5 V
-
0.078
-
%
f(-3dB)
−3 dB frequency response
RL =50 Ω; CL = 5 pF; see Figure 20
VCC = 1.65 V
-
200
-
MHz
VCC = 2.3 V
-
300
-
MHz
VCC = 3.0 V
-
300
-
MHz
VCC = 4.5 V
-
300
-
MHz
αiso
isolation (OFF-state)
RL =50 Ω; CL = 5 pF; fi = 10 MHz;
see Figure 21
VCC = 1.65 V
-
−42
-
dB
VCC = 2.3 V
-
−42
-
dB
VCC = 3.0 V
-
−40
-
dB
VCC = 4.5 V
-
−40
-
dB
Qinj
charge injection
CL = 0.1 nF; Vgen =0V; Rgen =0 Ω;
fi = 1 MHz; RL =1 MΩ; see Figure 22
VCC = 1.8 V
-
3.3
-
pC
VCC = 2.5 V
-
4.1
-
pC
VCC = 3.3 V
-
5.0
-
pC
VCC = 4.5 V
-
6.4
-
pC
VCC = 5.5 V
-
7.5
-
pC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn