Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

74LVC1G3157 Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. 74LVC1G3157
Description  2-channel analog multiplexer/demultiplexer
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

74LVC1G3157 Datasheet(HTML) 5 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
74LVC1G3157_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 18 September 2007
5 of 22
NXP Semiconductors
74LVC1G3157
2-channel analog multiplexer/demultiplexer
10. Static characteristics
[1]
Typical values are measured at Tamb =25 °C.
[2]
These typical values are measured at VCC = 3.3 V
Table 7.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground 0 V).
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C Unit
Min
Typ[1]
Max
Min
Max
VIH
HIGH-level
input voltage
VCC = 1.65 V to 1.95 V
0.65VCC
-
-
0.65VCC
-V
VCC = 2.3 V to 2.7 V
1.7
-
-
1.7
-
V
VCC = 3 V to 3.6 V
2.0
-
-
2.0
-
V
VCC = 4.5 V to 5.5 V
0.7VCC
-
-
0.7VCC
-V
VIL
LOW-level
input voltage
VCC = 1.65 V to 1.95 V
-
-
0.35VCC
-
0.35VCC V
VCC = 2.3 V to 2.7 V
-
-
0.7
-
0.7
V
VCC = 3 V to 3.6 V
-
-
0.8
-
0.8
V
VCC = 4.5 V to 5.5 V
-
-
0.3VCC
0.3VCC
V
II
input leakage
current
pin S; VI = 5.5 V or GND;
VCC = 0 V to 5.5 V
[2]
-
±0.1
±2-
±10
µA
IS(OFF)
OFF-state
leakage
current
VI = VIH or VIL; VCC = 5.5 V;
see Figure 6
[2]
-
±0.1
±5-
±20
µA
IS(ON)
ON-state
leakage
current
VI = VIH or VIL; VCC = 5.5 V;
see Figure 7
[2]
-
±0.1
±5-
±20
µA
ICC
supply current VI = 5.5 V or GND;
VSW = GND or VCC; IO =0A;
VCC = 1.65 V to 5.5 V
[2]
-
0.1
10
-
40
µA
∆I
CC
additional
supply current
pin S; VI =VCC − 0.6 V; IO =0A;
VCC = 5.5 V; VSW = GND or VCC
[2]
-
5
500
-
5000
µA
CI
input
capacitance
-
2.5
-
-
-
pF
CS(OFF)
OFF-state
capacitance
-
6.0
-
-
-
pF
CS(ON)
ON-state
capacitance
-18
-
-
-
pF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn