Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

74LVC1G3157 Datasheet(PDF) 2 Page - NXP Semiconductors

Part No. 74LVC1G3157
Description  2-channel analog multiplexer/demultiplexer
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

74LVC1G3157 Datasheet(HTML) 2 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
74LVC1G3157_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 18 September 2007
2 of 22
NXP Semiconductors
74LVC1G3157
2-channel analog multiplexer/demultiplexer
3.
Ordering information
4.
Marking
5.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74LVC1G3157GW
−40 °C to +125 °C
SC-88
plastic surface-mounted package; 6 leads
SOT363
74LVC1G3157GV
−40 °C to +125 °C
SC-74
plastic surface-mounted package (TSOP6); 6 leads
SOT457
74LVC1G3157GM
−40 °C to +125 °C
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1
× 1.45 × 0.5 mm
SOT886
74LVC1G3157GF
−40 °C to +125 °C
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1
× 1 × 0.5 mm
SOT891
Table 2.
Marking
Type number
Marking code
74LVC1G3157GW
YJ
74LVC1G3157GV
YJ
74LVC1G3157GM
YJ
74LVC1G3157GF
YJ
Fig 1.
Logic symbol
Fig 2.
Logic diagram
001aac354
Y0
Y1
6
4
S
Z
1
3
001aac355
Z
S
Y1
Y0


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn