Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC1G125GM Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LVC1G125GM
Description  Bus buffer/line driver; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G125GM Datasheet(HTML) 2 Page - NXP Semiconductors

  74LVC1G125GM Datasheet HTML 1Page - NXP Semiconductors 74LVC1G125GM Datasheet HTML 2Page - NXP Semiconductors 74LVC1G125GM Datasheet HTML 3Page - NXP Semiconductors 74LVC1G125GM Datasheet HTML 4Page - NXP Semiconductors 74LVC1G125GM Datasheet HTML 5Page - NXP Semiconductors 74LVC1G125GM Datasheet HTML 6Page - NXP Semiconductors 74LVC1G125GM Datasheet HTML 7Page - NXP Semiconductors 74LVC1G125GM Datasheet HTML 8Page - NXP Semiconductors 74LVC1G125GM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
74LVC1G125_7
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 07 — 30 August 2007
2 of 16
NXP Semiconductors
74LVC1G125
Bus buffer/line driver; 3-state
3.
Ordering information
4.
Marking
5.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74LVC1G125GW
−40 °C to +125 °C
TSSOP5
plastic thin shrink small outline package; 5 leads;
body width 1.25 mm
SOT353-1
74LVC1G125GV
−40 °C to +125 °C
SC-74A
plastic surface-mounted package; 5 leads
SOT753
74LVC1G125GM
−40 °C to +125 °C
XSON6
plastic extremely thin small outline package;
no leads; 6 terminals; body 1
× 1.45 × 0.5 mm
SOT886
74LVC1G125GF
−40 °C to +125 °C
XSON6
plastic extremely thin small outline package;
no leads; 6 terminals; body 1
× 1 × 0.5 mm
SOT891
Table 2.
Marking
Type number
Marking code
74LVC1G125GW
VM
74LVC1G125GV
V25
74LVC1G125GM
VM
74LVC1G125GF
VM
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram
mna118
AY
2
1
4
OE
mna119
1
4
2
EN
mna120
A
Y
OE


Similar Part No. - 74LVC1G125GM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G125GM PHILIPS-74LVC1G125GM Datasheet
94Kb / 17P
   Bus buffer/line driver; 3-state
2004 Sep 15
74LVC1G125GM NXP-74LVC1G125GM Datasheet
156Kb / 19P
   Bus buffer/line driver; 3-state
Rev. 9-29 December 2010
74LVC1G125GM PHILIPS-74LVC1G125GM Datasheet
134Kb / 19P
   Bus buffer/line driver; 3-state
Rev. 10-7 December 2011
74LVC1G125GM PHILIPS-74LVC1G125GM Datasheet
374Kb / 20P
   Bus buffer/line driver; 3-state
Rev. 11-2 July 2012
74LVC1G125GM NXP-74LVC1G125GM Datasheet
369Kb / 20P
   Bus buffer/line driver; 3-state
Rev. 11-2 July 2012
More results

Similar Description - 74LVC1G125GM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G125 PHILIPS-74LVC1G125 Datasheet
94Kb / 17P
   Bus buffer/line driver; 3-state
2004 Sep 15
74AHC_AHCT1G126 PHILIPS-74AHC_AHCT1G126_15 Datasheet
198Kb / 17P
   Bus buffer/line driver; 3-state
Rev. 8-23 August 2012
XC7SH125 PHILIPS-XC7SH125_15 Datasheet
93Kb / 14P
   Bus buffer/line driver; 3-state
Rev. 01-4 September 2009
74LVC1G126GW.125 NXP-74LVC1G126GW.125 Datasheet
368Kb / 21P
   Bus buffer/line driver; 3-state
Rev. 12-2 July 2012
74LVC1G126 NXP-74LVC1G126_09 Datasheet
98Kb / 16P
   Bus buffer/line driver; 3-state
Rev. 08-9 April 2009
logo
Nexperia B.V. All right...
74AHC1G125-Q100 NEXPERIA-74AHC1G125-Q100 Datasheet
700Kb / 15P
   Bus buffer/line driver; 3-state
74AHC1G126-Q100 NEXPERIA-74AHC1G126-Q100 Datasheet
696Kb / 15P
   Bus buffer/line driver; 3-state
logo
Unisonic Technologies
U74LVC1G125 UTC-U74LVC1G125_V01 Datasheet
193Kb / 5P
   BUS BUFFER/LINE DRIVER 3-STATE
logo
Nexperia B.V. All right...
74LVC1G126 NEXPERIA-74LVC1G126 Datasheet
272Kb / 18P
   Bus buffer/line driver; 3-state
Rev. 16 - 18 January 2022
logo
NXP Semiconductors
74AHC1G126 PHILIPS-74AHC1G126 Datasheet
80Kb / 16P
   Bus buffer/line driver; 3-state
2002 Jun 06
74HC1G126 PHILIPS-74HC1G126 Datasheet
430Kb / 12P
   Bus buffer/line driver; 3-state
2002 May 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com