Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC1G32GF Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74LVC1G32GF
Description  Single 2-input OR gate
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G32GF Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74LVC1G32GF Datasheet HTML 2Page - NXP Semiconductors 74LVC1G32GF Datasheet HTML 3Page - NXP Semiconductors 74LVC1G32GF Datasheet HTML 4Page - NXP Semiconductors 74LVC1G32GF Datasheet HTML 5Page - NXP Semiconductors 74LVC1G32GF Datasheet HTML 6Page - NXP Semiconductors 74LVC1G32GF Datasheet HTML 7Page - NXP Semiconductors 74LVC1G32GF Datasheet HTML 8Page - NXP Semiconductors 74LVC1G32GF Datasheet HTML 9Page - NXP Semiconductors 74LVC1G32GF Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
74LVC1G32_6
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 06 — 2 August 2007
6 of 14
NXP Semiconductors
74LVC1G32
Single 2-input OR gate
11. Dynamic characteristics
[1]
Typical values are measured at Tamb =25 °C and VCC = 1.8 V, 2.5 V, 2.7 V, 3.3 V and 5.0 V respectively.
[2]
tpd is the same as tPLH and tPHL.
[3]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =(CPD × VCC2 × fi × N) + (CL × VCC2 × fo) where:
VCC = supply voltage in V,
fi = input frequency in MHz,
N = number of inputs switching,
CL = output load capacitance in pF,
fo = output frequency in MHz.
12. AC waveforms
Table 8.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for load circuit see Figure 8.
Symbol
Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C Unit
Min
Typ[1]
Max
Min
Max
tpd
propagation delay
A, B to Y; see Figure 7
[2]
VCC = 1.65 V to 1.95 V
1.0
3.1
8.0
1.0
10.5
ns
VCC = 2.3 V to 2.7 V
0.5
2.1
5.5
0.5
7.0
ns
VCC = 2.7 V
0.5
2.5
5.5
0.5
7.0
ns
VCC = 3.0 V to 3.6 V
0.5
2.1
4.5
0.5
6.0
ns
VCC = 4.5 V to 5.5 V
0.5
1.7
4.0
0.5
5.5
ns
CPD
power dissipation
capacitance
VI = GND to VCC; VCC = 3.3 V
[3]
-16-
-
-
pF
Measurement points are given in Table 9.
VOL and VOH are typical output voltage levels that occur with the output load.
Fig 7.
The input A, B to output Y propagation delays
mna615
tPHL
tPLH
VM
VM
A, B input
Y output
GND
VI
VOH
VOL


Similar Part No. - 74LVC1G32GF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
74LVC1G32GM PANASONIC-74LVC1G32GM Datasheet
84Kb / 14P
   Single 2-input OR gate
logo
Nexperia B.V. All right...
74LVC1G32GM NEXPERIA-74LVC1G32GM Datasheet
255Kb / 16P
   Single 2-input OR gate
Rev. 14 - 18 January 2022
74LVC1G32GM-Q100 NEXPERIA-74LVC1G32GM-Q100 Datasheet
217Kb / 12P
   Single 2-input OR gate
Rev. 6 - 18 January 2022
74LVC1G32GN NEXPERIA-74LVC1G32GN Datasheet
255Kb / 16P
   Single 2-input OR gate
Rev. 14 - 18 January 2022
74LVC1G32GS NEXPERIA-74LVC1G32GS Datasheet
255Kb / 16P
   Single 2-input OR gate
Rev. 14 - 18 January 2022
More results

Similar Description - 74LVC1G32GF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SV32-D ONSEMI-NL17SV32-D Datasheet
41Kb / 6P
   Single Gate 2-Input OR Gate
January, 2005 ??Rev. 1
NL17SV32XV5T2 ONSEMI-NL17SV32XV5T2 Datasheet
51Kb / 6P
   Single Gate 2-Input OR Gate
January, 2005 ??Rev. 1
MC74HC1G32 ONSEMI-MC74HC1G32 Datasheet
93Kb / 8P
   Single 2-Input OR Gate
September, 2001 ??Rev. 7
logo
NXP Semiconductors
74AUC1G32 PHILIPS-74AUC1G32 Datasheet
146Kb / 12P
   Single 2-input OR gate
2001 Nov 30
logo
Unisonic Technologies
U74AUP1G86 UTC-U74AUP1G86_15 Datasheet
229Kb / 5P
   SINGLE 2-INPUT OR GATE
U74LVC1G86 UTC-U74LVC1G86_15 Datasheet
214Kb / 6P
   SINGLE 2-INPUT OR GATE
logo
ON Semiconductor
NLV17SZ86 ONSEMI-NLV17SZ86 Datasheet
71Kb / 5P
   Single 2-Input OR Gate
November, 2015 ??Rev. 0
MC74HC1G32 ONSEMI-MC74HC1G32_16 Datasheet
81Kb / 6P
   Single 2-Input OR Gate
February, 2016 ??Rev. 14
logo
Rohm
BU4S71G2 ROHM-BU4S71G2_15 Datasheet
1Mb / 16P
   Single 2-Input OR Gate
logo
Nexperia B.V. All right...
74LVC1G32-Q100 NEXPERIA-74LVC1G32-Q100 Datasheet
217Kb / 12P
   Single 2-input OR gate
Rev. 6 - 18 January 2022
logo
ON Semiconductor
MC74VHC1G32 ONSEMI-MC74VHC1G32_13 Datasheet
122Kb / 6P
   Single 2-Input OR Gate
February, 2013 ??Rev. 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com