Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LVC1G53 Datasheet(PDF) 1 Page - NXP Semiconductors

Part No. 74LVC1G53
Description  2-channel analog multiplexer/demultiplexer
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G53 Datasheet(HTML) 1 Page - NXP Semiconductors

  74LVC1G53 Datasheet HTML 1Page - NXP Semiconductors 74LVC1G53 Datasheet HTML 2Page - NXP Semiconductors 74LVC1G53 Datasheet HTML 3Page - NXP Semiconductors 74LVC1G53 Datasheet HTML 4Page - NXP Semiconductors 74LVC1G53 Datasheet HTML 5Page - NXP Semiconductors 74LVC1G53 Datasheet HTML 6Page - NXP Semiconductors 74LVC1G53 Datasheet HTML 7Page - NXP Semiconductors 74LVC1G53 Datasheet HTML 8Page - NXP Semiconductors 74LVC1G53 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1.
General description
The 74LVC1G53 is a low-power, low-voltage, high-speed, Si-gate CMOS device.
The 74LVC1G53 provides one analog multiplexer/demultiplexer with a digital select
input (S), two independent inputs/outputs (Y0 and Y1), a common input/output (Z) and an
active LOW enable input (E). When pin E is HIGH, the switch is turned off.
Schmitt-trigger action at the select and enable inputs makes the circuit tolerant of slower
input rise and fall times across the entire VCC range from 1.65 V to 5.5 V.
2.
Features
s Wide supply voltage range from 1.65 V to 5.5 V
s Very low ON resistance:
x 7.5
Ω (typical) at V
CC = 2.7 V
x 6.5
Ω (typical) at V
CC = 3.3 V
x 6
Ω (typical) at V
CC =5V
s Switch current capability of 32 mA
s High noise immunity
s CMOS low-power consumption
s TTL interface compatibility at 3.3 V
s Latch-up performance meets requirements of JESD 78 Class I
s ESD protection:
x HBM JESD22-A114E exceeds 2000 V
x MM JESD22-A115-A exceeds 200 V
x CDM JESD22-C101C exceeds 1000 V
s Control inputs accepts voltages up to 5 V
s Multiple package options
s Specified from
−40 °C to +85 °C and from −40 °C to +125 °C
74LVC1G53
2-channel analog multiplexer/demultiplexer
Rev. 03 — 29 August 2007
Product data sheet


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn