Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC2460 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # LPC2460
Description  Flashless 16-bit/32-bit micro; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2460 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button LPC2460 Datasheet HTML 3Page - NXP Semiconductors LPC2460 Datasheet HTML 4Page - NXP Semiconductors LPC2460 Datasheet HTML 5Page - NXP Semiconductors LPC2460 Datasheet HTML 6Page - NXP Semiconductors LPC2460 Datasheet HTML 7Page - NXP Semiconductors LPC2460 Datasheet HTML 8Page - NXP Semiconductors LPC2460 Datasheet HTML 9Page - NXP Semiconductors LPC2460 Datasheet HTML 10Page - NXP Semiconductors LPC2460 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 67 page
background image
LPC2460_0
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 00.01 — 5 October 2007
7 of 67
NXP Semiconductors
LPC2460
Fast communication chip
Row H
1
P0[23]/AD0[0]/
I2SRX_CLK/CAP3[0]
2
P3[14]/D14
3
P3[30]/D30/
MAT1[1]/RTS1
4VDD(DCDC)(3V3)
14
VSSIO
15
P2[8]/TD2/
TXD2/TRACEPKT3
16
P2[9]/
USB_CONNECT1/
RXD2/EXTIN0
17
P4[9]/A9
Row J
1
P3[6]/D6
2
VSSA
3
P3[31]/D31/MAT1[2]
4
NC
14
P0[16]/RXD1/
SSEL0/SSEL
15
P4[23]/A23/
RXD2/MOSI1
16
P0[15]/TXD1/
SCK0/SCK
17
P4[8]/A8
Row K
1
VREF
2
RTCX1
3
RSTOUT
4VSSCORE
14
P4[22]/A22/
TXD2/MISO1
15
P0[18]/DCD1/
MOSI0/MOSI
16
VDD(3V3)
17
P0[17]/CTS1/
MISO0/MISO
Row L
1
P3[7]/D7
2
RTCX2
3
VSSIO
4
P2[30]/DQMOUT2/
MAT3[2]/SDA2
14
NC
15
P4[26]/BLS0
16
P4[7]/A7
17
P0[19]/DSR1/
MCICLK/SDA1
Row M
1
P3[15]/D15
2
RESET
3
VBAT
4
XTAL1
14
P4[6]/A6
15
P4[21]/A21/
SCL2/SSEL1
16
P0[21]/RI1/
MCIPWR/RD1
17
P0[20]/DTR1/
MCICMD/SCL1
Row N
1
ALARM
2
P2[31]/DQMOUT3/
MAT3[3]/SCL2
3
P2[29]/DQMOUT1
4
XTAL2
14
P2[12]/EINT2/
MCIDAT2/I2STX_WS
15
P2[10]/EINT0
16
VSSIO
17
P0[22]/RTS1/
MCIDAT0/TD1
Row P
1
P1[31]/USB_OVRCR2/
SCK1/AD0[5]
2
P1[30]/USB_PWRD2/
VBUS/AD0[4]
3
P2[27]/CKEOUT3/
MAT3[1]/MOSI0
4
P2[28]/DQMOUT0
5
P2[24]/CKEOUT0
6
VDD(3V3)
7
P1[18]/USB_UP_LED1/
PWM1[1]/CAP1[0]
8VDD(3V3)
9
P1[23]/USB_RX_DP1/
PWM1[4]/MISO0
10
VSSCORE
11
VDD(DCDC)(3V3)
12
VSSIO
13
P2[15]/CS3/
CAP2[1]/SCL1
14
P4[17]/A17
15
P4[18]/A18
16
P4[19]/A19
17
VDD(3V3)
--
-
Row R
1
P0[12]/USB_PPWR2/
MISO1/AD0[6]
2
P0[13]/USB_UP_LED2/
MOSI1/AD0[7]
3
P0[28]/SCL0
4
P2[25]/CKEOUT1
5
P3[24]/D24/
CAP0[1]/PWM1[1]
6
P0[30]/USB_D
−1
7
P2[19]/CLKOUT1
8
P1[21]/USB_TX_DM1/
PWM1[3]/SSEL0
9VSSIO
10
P1[26]/USB_SSPND1/
PWM1[6]/CAP0[0]
11
P2[16]/CAS
12
P2[14]/CS2/
CAP2[0]/SDA1
Table 3.
Pin allocation table …continued
Pin Symbol
Pin Symbol
Pin Symbol
Pin Symbol


Similar Part No. - LPC2460

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2460 PHILIPS-LPC2460 Datasheet
363Kb / 68P
   Flashless 16-bit/32-bit micro; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 02-1 February 2008
LPC2460 NXP-LPC2460 Datasheet
1Mb / 78P
   Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 04-15 October 2009
LPC2460 NXP-LPC2460 Datasheet
1Mb / 79P
   Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 05-24 February 2010
LPC2460 NXP-LPC2460 Datasheet
505Kb / 86P
   Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 6.1-22 September2011
LPC2460 NXP-LPC2460 Datasheet
4Mb / 12P
   NXP Microcontrollers Selection Guide
November 2012
More results

Similar Description - LPC2460

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2460 PHILIPS-LPC2460_08 Datasheet
363Kb / 68P
   Flashless 16-bit/32-bit micro; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 02-1 February 2008
LPC2420 NXP-LPC2420 Datasheet
370Kb / 73P
   Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 03-20 November 2008
LPC2420 NXP-LPC2420_10 Datasheet
1Mb / 79P
   Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 05-24 February 2010
LPC2420 NXP-LPC2420_11 Datasheet
505Kb / 86P
   Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 6.1-22 September2011
LPC2420 NXP-LPC2420_V01 Datasheet
2Mb / 87P
   Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 6.3-15 October 2020
LPC2420 NXP-LPC2420_09 Datasheet
1Mb / 78P
   Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 04-15 October 2009
LPC2470 PHILIPS-LPC2470 Datasheet
1Mb / 72P
   Flashless 16-bit/32-bit micro; Ethernet, CAN, LCD, USB 2.0 device/host/OTG, external memory interface
Rev. 00.01-5 October 2007
LPC2470_1109 NXP-LPC2470_1109 Datasheet
800Kb / 91P
   Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, LCD, USB 2.0 device/host/OTG, external memory interface
Rev. 4-8 September 2011
LPC2470 NXP-LPC2470 Datasheet
2Mb / 83P
   Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, LCD, USB 2.0 device/host/OTG, external memory interface
Rev. 02-15 October 2009
LPC2468 NXP-LPC2468_08 Datasheet
1Mb / 72P
   Single-chip 16-bit/32-bit micro; 512 kB flash, Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 04-17 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com