Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS26556 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # DS26556
Description  4-Port Cell/Packet Over T1/E1/J1 Transceiver
Download  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26556 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button DS26556 Datasheet HTML 6Page - Maxim Integrated Products DS26556 Datasheet HTML 7Page - Maxim Integrated Products DS26556 Datasheet HTML 8Page - Maxim Integrated Products DS26556 Datasheet HTML 9Page - Maxim Integrated Products DS26556 Datasheet HTML 10Page - Maxim Integrated Products DS26556 Datasheet HTML 11Page - Maxim Integrated Products DS26556 Datasheet HTML 12Page - Maxim Integrated Products DS26556 Datasheet HTML 13Page - Maxim Integrated Products DS26556 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 368 page
background image
DS26556 4-Port Cell/Packet Over T1/E1/J1 Transceiver
10 of 368
2 FEATURES
2.1
Framer/LIU
2.1.1
Framer/Formatter
Fully Independent Transmit and Receive Functionality
Full Receive and Transmit Path Transparency
T1 Framing Formats D4 and ESF per T1.403, and Expanded SLC-96 Support (TR-TSY-008)
E1 FAS Framing and CRC-4 Multiframe per G.704/G.706 and G.732 CAS Multiframe
Detailed Alarm and Status Reporting with Optional Interrupt Support
Large Path and Line Error Counters for
T1: BPV, CV, CRC6, and Framing Bit Errors
E1: BPV, CV, CRC4, E-Bit, and Frame Alignment Errors
Timed or Manual Update Modes
DS1 Idle Code Generation on a Per-Channel Basis in Both Transmit and Receive Paths
User-Defined
Digital Milliwatt
ANSI T1.403-1998 Support
G.965 V5.2 Link Detect
Ability to Monitor One DS0 Channel in Both the Transmit and Receive Paths
In-Band Repeating Pattern Generators and Detectors
Three Independent Detectors
Patterns from 1 to 8 bits or 16 bits in Length
Bit Oriented Code (BOC) Support
Signaling Support
Software based
Interrupt Generated on Change of Signaling Data
Hardware Pins Provided to Indicate Loss of Frame, Loss of Signal and Loss-of-Transmit Clock (LOTC)
Automatic RAI Generation to ETS 300 011 Specifications
RAI-CI and AIS-CI Support
Expanded Access to Sa and Si Bits
Option to Extend Carrier Loss Criteria to a 1ms Period as per ETS 300 233
Japanese J1 Support
Ability to Calculate and Check CRC6 According to the Japanese Standard
Ability to Generate Yellow Alarm According to the Japanese Standard
2.1.2
Line Interface (LIU)
Requires only a 2.048MHz master clock for both E1 and T1 operation with the option to use 1.544MHz for T1
operation
Fully software configurable
Short-haul and long-haul applications
Automatic receive sensitivity adjustments
Ranges include 0 to 43dB or 0 to 12dB for E1 applications and 0 to 13dB or 0 to 36dB for T1 applications
Receive level indication in 2.5dB steps from
-42.5dB to -2.5dB
Internal receive termination option for 75, 100, and 120
Ω lines
Internal transmit termination option for 75, 100, and 120
Ω lines
Monitor application gain settings of 20dB, 26dB, and 32dB
G.703 receive synchronization-signal mode
Flexible transmit waveform generation
T1 DSX-1 line build-outs
T1 CSU line build-outs of -7.5dB, -15dB, and -22.5dB
E1 waveforms include G.703 waveshapes for both 75
Ω coax and 120Ω twisted cables
AIS generation independent of loopbacks
Alternating ones and zeros generation
Square-wave output
Open-drain output option


Similar Part No. - DS26556

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS26556 MAXIM-DS26556 Datasheet
2Mb / 362P
   4-Port Cell/Packet Over T1/E1/J1 Transceiver
REV: 012105
DS26556N MAXIM-DS26556N Datasheet
2Mb / 362P
   4-Port Cell/Packet Over T1/E1/J1 Transceiver
REV: 012105
More results

Similar Description - DS26556

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS26556 MAXIM-DS26556 Datasheet
2Mb / 362P
   4-Port Cell/Packet Over T1/E1/J1 Transceiver
REV: 012105
DS26514 MAXIM-DS26514 Datasheet
1Mb / 305P
   4-Port T1/E1/J1 Transceiver
Rev: 101608
DS26518 MAXIM-DS26518 Datasheet
2Mb / 312P
   8-Port T1/E1/J1 Transceiver
Rev: 103008
DS26519 MAXIM-DS26519 Datasheet
4Mb / 310P
   16-Port T1/E1/J1 Transceiver
REV: 040907
DS26528 MAXIM-DS26528 Datasheet
1Mb / 269P
   Octal T1/E1/J1 Transceiver
REV: 012405
DS26524 MAXIM-DS26524_07 Datasheet
1Mb / 273P
   Quad T1/E1/J1 Transceiver
REV: 112907
DS21Q55 MAXIM-DS21Q55 Datasheet
1Mb / 237P
   Quad T1/E1/J1 Transceiver
REV: 042204
logo
Intel Corporation
LXT386 INTEL-LXT386 Datasheet
530Kb / 78P
   QUAD T1/E1/J1 Transceiver
logo
Maxim Integrated Produc...
DS26521 MAXIM-DS26521 Datasheet
1Mb / 258P
   Single T1/E1/J1 Transceiver
REV: 111606
logo
Dallas Semiconductor
DS26528 DALLAS-DS26528_07 Datasheet
1Mb / 276P
   Octal T1/E1/J1 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com