Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS4026-JCC Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS4026-JCC
Description  10MHz to 51.84MHz TCXO
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4026-JCC Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS4026-JCC Datasheet HTML 1Page - Maxim Integrated Products DS4026-JCC Datasheet HTML 2Page - Maxim Integrated Products DS4026-JCC Datasheet HTML 3Page - Maxim Integrated Products DS4026-JCC Datasheet HTML 4Page - Maxim Integrated Products DS4026-JCC Datasheet HTML 5Page - Maxim Integrated Products DS4026-JCC Datasheet HTML 6Page - Maxim Integrated Products DS4026-JCC Datasheet HTML 7Page - Maxim Integrated Products DS4026-JCC Datasheet HTML 8Page - Maxim Integrated Products DS4026-JCC Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
General Description
The DS4026 is a temperature-compensated crystal
oscillator (TCXO) that provides ±1ppm frequency sta-
bility over the -40°C to +85°C industrial temperature
range. Each device is factory calibrated over tempera-
ture to achieve the ±1ppm frequency stability. Standard
frequencies for the device include 12.8, 19.44, 20.0,
38.88, 40.0, and 51.84MHz. Contact the factory for cus-
tom frequencies.
The DS4026 provides excellent phase-noise characteris-
tics. The output is a push-pull CMOS square wave with
symmetrical rise and fall times. In addition, the DS4026 is
designed to provide a maximum frequency deviation of
less than ±4.6ppm over 10 years. The device also pro-
vides an I2C interface to allow pushing and pulling of the
output frequency by a minimum of ±8ppm (±5ppm for
10MHz) with typical 1ppb resolution.
The DS4026 implements a temperature-to-voltage con-
version with a nonlinear relationship. The output from the
temperature-to-voltage converter is used to drive the volt-
age-controlled crystal oscillator to compensate for fre-
quency change.
The device implements an on-chip temperature sensor
lookup table, and a digital-to-analog converter (DAC) to
adjust the frequency. An I2C interface used to communi-
cate with the DS4026 performs temperature readings and
frequency push-pull.
Applications
Reference Clock Generation
Wireless
Telecom/Datacom/SATCOM
Test and Measurement
Features
o ±1ppm Frequency Accuracy Over -40°C to +85°C
o Standard Frequencies: 12.8, 19.44, 20.0, 38.88,
40.0, 51.84MHz
o Maximum ±4.6ppm Deviation Over 10 Years
o Minimum ±8ppm (±5ppm for 10MHz) Digital
Frequency Tuning Through I2C Interface
o Surface-Mount 16-Pin SO Package
o Pb Free/RoHS Compliant
10MHz to 51.84MHz TCXO
______________________________________________
Maxim Integrated Products
1
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
GNDA
VCCD
FOUT
GNDD
SCL
SDA
GND
N.C.
N.C.
TOP VIEW
SO
VREF
VCC
N.C.
VOSC
GNDOSC
N.C.
N.C.
DS4026
Pin Configuration
Rev 1; 9/07
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
+
Denotes a lead-free package.
*
The top mark will include a “+” for a lead-free/RoHS-compliant device.
Ordering Information continued at end of data sheet.
Ordering Information
PART
TEMP RANGE
OUTPUT (fNOM)
(MHz, CMOS)
PIN-PACKAGE
TOP MARK*
DS4026S+BCC
0°C to +70°C
12.8
16 SO
DS4026-BCC
DS4026S+BCN
-40°C to +85°C
12.8
16 SO
DS4026-BCN
DS4026S+HCC
0°C to +70°C
19.44
16 SO
DS4026-HCC
DS4026S+HCN
-40°C to +85°C
19.44
16 SO
DS4026-HCN
DS4026S+JCC
0°C to +70°C
20.0
16 SO
DS4026-JCC
DS4026S+JCN
-40°C to +85°C
20.0
16 SO
DS4026-JCN


Similar Part No. - DS4026-JCC

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4026-JCC MAXIM-DS4026-JCC Datasheet
177Kb / 12P
   12.8MHz to 51.84MHz TCXO
Rev 0; 2/07
More results

Similar Description - DS4026-JCC

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4026 MAXIM-DS4026 Datasheet
177Kb / 12P
   12.8MHz to 51.84MHz TCXO
Rev 0; 2/07
logo
EUROQUARTZ limited
EMQN574T EUROQUARTZ-EMQN574T Datasheet
151Kb / 2P
   CMOS TCXO 7 x 5mm 10MHz to 245MHz
EMQN576T EUROQUARTZ-EMQN576T Datasheet
152Kb / 2P
   CMOS TCXO 7 x 5mm 10MHz to 245MHz
EMQF574T EUROQUARTZ-EMQF574T Datasheet
252Kb / 2P
   CMOS SMD TCXO 7.0 x 5.0mm 10MHz to 245MHz
EMQN576P EUROQUARTZ-EMQN576P Datasheet
304Kb / 3P
   LVPECL TCXO 7 x 5mm SMD 10MHz to 1450MHz
EMQN326D EUROQUARTZ-EMQN326D Datasheet
289Kb / 2P
   LVDS MINIATURE TCXO 3.2 x 2.5mm 10MHz to 1450MHz
EMQN576D EUROQUARTZ-EMQN576D Datasheet
304Kb / 3P
   LVDS TCXO 7 x 5mm SMD 10MHz to 1450MHz
logo
Micrel Semiconductor
SY87729L MICREL-SY87729L_11 Datasheet
505Kb / 17P
   3.3V AnyClock짰, 10MHz to 365MHz
logo
RF Micro Devices
RFSW6132 RFMD-RFSW6132 Datasheet
458Kb / 8P
   SP3T Symmetric Switch, 10MHz to 6000MHz
logo
Epson Company
TG-5031CJ EPSON-TG-5031CJ Datasheet
374Kb / 2P
   TCXO/VC-TCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com