Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI7C8150BNDE Datasheet(PDF) 11 Page - Pericom Semiconductor Corporation

Part # PI7C8150BNDE
Description  ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150BNDE Datasheet(HTML) 11 Page - Pericom Semiconductor Corporation

Back Button PI7C8150BNDE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI7C8150BNDE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI7C8150BNDE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI7C8150BNDE Datasheet HTML 10Page - Pericom Semiconductor Corporation PI7C8150BNDE Datasheet HTML 11Page - Pericom Semiconductor Corporation PI7C8150BNDE Datasheet HTML 12Page - Pericom Semiconductor Corporation PI7C8150BNDE Datasheet HTML 13Page - Pericom Semiconductor Corporation PI7C8150BNDE Datasheet HTML 14Page - Pericom Semiconductor Corporation PI7C8150BNDE Datasheet HTML 15Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 108 page
background image
PI7C8150B
ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
Page 11 of 108
APRIL 2006 – Revision 2.02
1
INTRODUCTION
Product Description
The PI7C8150B is an enhanced PCI-to-PCI Bridge that will support asynchronous
operation and is designed to be fully compliant with the PCI Local Bus Specification
Revision 2.3. Both the primary and secondary interfaces are specified to run at 32-bits and
up to 66MHz (33MHz for PI7C8150B-33).
Product Features
32-bit Primary and Secondary Ports run up to 66MHz (33MHz for PI7C8150B-33)
Compliant with the PCI Local Bus Specification, Revision 2.3
Compliant with PCI-to-PCI Bridge Architecture Specification, Revision 1.1.
All I/O and memory commands
Type 1 to Type 0 configuration conversion
Type 1 to Type 1 configuration forwarding
Type 1 configuration write to special cycle conversion
Compliant with the Advanced Configuration Power Interface (ACPI) Specification.
Compliant with the PCI Power Management Specification, Revision 1.0.
Synchronous and Asynchronous operation support
− Supported modes of asynchronous operation
Primary (MHz)
Secondary (MHz)
PI7C8150B
25MHz to 66MHz
25MHz to 66MHz
PI7C8150B-33
25MHz to 33MHz
25MHz to 33MHz
− Supported modes of synchronous operation
Primary (MHz)
Secondary (MHz)
PI7C8150B
66
66
PI7C8150B
66
33
PI7C8150B
50
50
PI7C8150B
50
25
PI7C8150B
PI7C8150B-33
33
33
PI7C8150B
PI7C8150B-33
25
25
Provides internal arbitration for one set of nine secondary bus masters
Programmable 2-level priority arbiter
Disable control for use of external arbiter
Supports posted write buffers in all directions
Four 128 byte FIFO’s for delay transactions
Two 128 byte FIFO’s for posted memory transactions
Enhanced address decoding
Temperature support
Extended Commercial range 0°C to 85°C
Industrial range -40°C to 85°C
IEEE 1149.1 JTAG interface support
3.3V core; 3.3V and 5V signaling
Packaging: 208-pin FQFP and 256-pin PBGA
Pb-free & Green
06-0044


Similar Part No. - PI7C8150BNDE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI7C8150BNDE PERICOM-PI7C8150BNDE Datasheet
1Mb / 107P
   ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
More results

Similar Description - PI7C8150BNDE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI7C8148B PERICOM-PI7C8148B_06 Datasheet
1Mb / 94P
   ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PI7C8154BNAE PERICOM-PI7C8154BNAE Datasheet
1Mb / 111P
   Asynchronous 2-Port PCI-to-PCI Bridge
PI7C8150B PERICOM-PI7C8150B_15 Datasheet
1Mb / 107P
   ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
logo
PLX Technology
PCI6150 PLX-PCI6150 Datasheet
167Kb / 1P
   Asynchronous PCI-to-PCI Bridge
logo
Texas Instruments
PCI2060 TI-PCI2060 Datasheet
960Kb / 76P
[Old version datasheet]   Asynchronous PCI-to-PCI Bridge
logo
Pericom Semiconductor C...
PI7C8150A PERICOM-PI7C8150A Datasheet
1Mb / 111P
   2-PORT PCI-to-PCI BRIDGE
PERICOMPI7C8150 PERICOM-PERICOMPI7C8150 Datasheet
904Kb / 106P
   2-Port PCI-to-PCI Bridge
PI7C8152A PERICOM-PI7C8152A_07 Datasheet
660Kb / 90P
   2-Port PCI-to-PCI Bridge
PI7C8140AMAE PERICOM-PI7C8140AMAE Datasheet
1Mb / 82P
   2-Port PCI-to-PCI Bridge
PI7C8154A PERICOM-PI7C8154A Datasheet
818Kb / 114P
   2-Port PCI-to-PCI Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com