Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS4212 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DS4212
Description  106.25MHz/212.5MHz/425MHz Clock Oscillators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4212 Datasheet(HTML) 7 Page - Maxim Integrated Products

  DS4212 Datasheet HTML 1Page - Maxim Integrated Products DS4212 Datasheet HTML 2Page - Maxim Integrated Products DS4212 Datasheet HTML 3Page - Maxim Integrated Products DS4212 Datasheet HTML 4Page - Maxim Integrated Products DS4212 Datasheet HTML 5Page - Maxim Integrated Products DS4212 Datasheet HTML 6Page - Maxim Integrated Products DS4212 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
106.25MHz/212.5MHz/425MHz
Clock Oscillators
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 _____________________ 7
© 2007 Maxim Integrated Products
is a registered trademark of Maxim Integrated Products, Inc.
Package Information
(For the latest package outline information go to
www.maxim-ic.com/DallasPackInfo.)
Thermal Information
1
2
3
6
5
4
TOP VIEW
OE
N.C.
N.C.
*EP
*EXPOSED PAD
N.C.
N.C.
N.C.
GND
VCC
OUTN
OUTP
+
(5.00mm
× 3.20mm × 1.49mm)
DS4106/
DS4212/
DS4425
Pin Configuration
THETA-JA (°C/W)
90
PACKAGE TYPE
DOCUMENT NO.
10 LCCC
56-G5032-002
Revision History
Pages changed at Rev 1: 1, 2, 3


Similar Part No. - DS4212

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4212AN++ MAXIM-DS4212AN+ Datasheet
123Kb / 7P
   106.25MHz/212.5MHz/425MHz Clock Oscillators
Rev 0; 7/07
DS4212AN++ MAXIM-DS4212AN+ Datasheet
142Kb / 8P
   106.25MHz/212.5MHz/425MHz Clock Oscillators
Rev 2; 4/08
DS4212BN++ MAXIM-DS4212BN+ Datasheet
123Kb / 7P
   106.25MHz/212.5MHz/425MHz Clock Oscillators
Rev 0; 7/07
DS4212BN++ MAXIM-DS4212BN+ Datasheet
142Kb / 8P
   106.25MHz/212.5MHz/425MHz Clock Oscillators
Rev 2; 4/08
More results

Similar Description - DS4212

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4106 MAXIM-DS4106_08 Datasheet
142Kb / 8P
   106.25MHz/212.5MHz/425MHz Clock Oscillators
Rev 2; 4/08
DS4106 MAXIM-DS4106 Datasheet
123Kb / 7P
   106.25MHz/212.5MHz/425MHz Clock Oscillators
Rev 0; 7/07
MAX3610 MAXIM-MAX3610 Datasheet
690Kb / 8P
   Low-Jitter 106.25MHz/212.5MHz Fibre-Channel Clock Generator
Rev 0; 5/04
logo
Micrel Semiconductor
SM802116 MICREL-SM802116 Datasheet
534Kb / 12P
   ClockWorks??Fibre Channel (106.25MHz, 212.5MHz) Ultra-Low Jitter, LVDS Frequency
SM802104 MICREL-SM802104_11 Datasheet
322Kb / 11P
   ClockWork Fibre Channel (106.25MHz, 212.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM840001 MICREL-SM840001 Datasheet
313Kb / 8P
   106.25MHz Ultra-Low Jitter Clock Synthesizer
logo
Kyocera Kinseki Corpota...
KC2520M KSS-KC2520M_18 Datasheet
63Kb / 1P
   Clock Oscillators
KC5032P-L2 KSS-KC5032P-L2_18 Datasheet
66Kb / 1P
   Clock Oscillators
KC7050A-C3 KSS-KC7050A-C3_18 Datasheet
65Kb / 1P
   Clock Oscillators
KC7050R-P3 KSS-KC7050R-P3_18 Datasheet
63Kb / 1P
   Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com