Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS4026-BCC Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS4026-BCC
Description  10MHz to 51.84MHz TCXO
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4026-BCC Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS4026-BCC Datasheet HTML 1Page - Maxim Integrated Products DS4026-BCC Datasheet HTML 2Page - Maxim Integrated Products DS4026-BCC Datasheet HTML 3Page - Maxim Integrated Products DS4026-BCC Datasheet HTML 4Page - Maxim Integrated Products DS4026-BCC Datasheet HTML 5Page - Maxim Integrated Products DS4026-BCC Datasheet HTML 6Page - Maxim Integrated Products DS4026-BCC Datasheet HTML 7Page - Maxim Integrated Products DS4026-BCC Datasheet HTML 8Page - Maxim Integrated Products DS4026-BCC Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
10MHz to 51.84MHz TCXO
4
_____________________________________________________________________
TEMPERATURE SENSOR ELECTRICAL CHARACTERISTICS (Note 1)
(VCC = 3.135V to 3.465V, TA = -40°C to +85°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Temperature Sensor Accuracy
T
-3
+3
°C
Temperature Sensor Conversion
Time
tCONVT
11
ms
Temperature Sensor Resolution
N2
12
Bits
AC ELECTRICAL CHARACTERISTICS
(VCC = 3.135V to 3.465V, TA = -40°C to +85°C, unless otherwise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Standard mode
0
100
SCL Clock Frequency
fSCL
Fast mode
100
400
kHz
Standard mode
4.7
Bus Free Time Between STOP
and START Conditions
tBUF
Fast mode
1.3
µs
Standard mode
4.0
Hold Time (Repeated) START
Condition (Note 6)
tHD:STA
Fast mode
0.6
µs
Standard mode
4.7
Low Period of SCL Clock
tLOW
Fast mode
1.3
µs
Standard mode
4.0
High Period of SCL Clock
tHIGH
Fast mode
0.6
µs
Standard mode
0
0.9
Data Hold Time
(Notes 7, 8)
tHD:DAT
Fast mode
0
0.9
µs
Standard mode
250
Data Setup Time (Note 9)
tSU:DAT
Fast mode
100
ns
Standard mode
4.7
Start Setup Time
tSU:STA
Fast mode
0.6
µs
Standard mode
20 + 0.1CB
1000
Rise Time of Both SDA and SCL
Signals (Note 10)
tR
Fast mode
20 + 0.1CB
300
ns
Standard mode
20 + 0.1CB
300
Fall Time of Both SDA and SCL
Signals (Note 10)
tF
Fast mode
20 + 0.1CB
300
ns


Similar Part No. - DS4026-BCC

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4026-BCC MAXIM-DS4026-BCC Datasheet
177Kb / 12P
   12.8MHz to 51.84MHz TCXO
Rev 0; 2/07
More results

Similar Description - DS4026-BCC

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4026 MAXIM-DS4026 Datasheet
177Kb / 12P
   12.8MHz to 51.84MHz TCXO
Rev 0; 2/07
logo
EUROQUARTZ limited
EMQN574T EUROQUARTZ-EMQN574T Datasheet
151Kb / 2P
   CMOS TCXO 7 x 5mm 10MHz to 245MHz
EMQN576T EUROQUARTZ-EMQN576T Datasheet
152Kb / 2P
   CMOS TCXO 7 x 5mm 10MHz to 245MHz
EMQF574T EUROQUARTZ-EMQF574T Datasheet
252Kb / 2P
   CMOS SMD TCXO 7.0 x 5.0mm 10MHz to 245MHz
EMQN576P EUROQUARTZ-EMQN576P Datasheet
304Kb / 3P
   LVPECL TCXO 7 x 5mm SMD 10MHz to 1450MHz
EMQN326D EUROQUARTZ-EMQN326D Datasheet
289Kb / 2P
   LVDS MINIATURE TCXO 3.2 x 2.5mm 10MHz to 1450MHz
EMQN576D EUROQUARTZ-EMQN576D Datasheet
304Kb / 3P
   LVDS TCXO 7 x 5mm SMD 10MHz to 1450MHz
logo
Micrel Semiconductor
SY87729L MICREL-SY87729L_11 Datasheet
505Kb / 17P
   3.3V AnyClock짰, 10MHz to 365MHz
logo
RF Micro Devices
RFSW6132 RFMD-RFSW6132 Datasheet
458Kb / 8P
   SP3T Symmetric Switch, 10MHz to 6000MHz
logo
Epson Company
TG-5031CJ EPSON-TG-5031CJ Datasheet
374Kb / 2P
   TCXO/VC-TCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com