Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI7C8150BND Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI7C8150BND
Description  ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150BND Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI7C8150BND Datasheet HTML 1Page - Pericom Semiconductor Corporation PI7C8150BND Datasheet HTML 2Page - Pericom Semiconductor Corporation PI7C8150BND Datasheet HTML 3Page - Pericom Semiconductor Corporation PI7C8150BND Datasheet HTML 4Page - Pericom Semiconductor Corporation PI7C8150BND Datasheet HTML 5Page - Pericom Semiconductor Corporation PI7C8150BND Datasheet HTML 6Page - Pericom Semiconductor Corporation PI7C8150BND Datasheet HTML 7Page - Pericom Semiconductor Corporation PI7C8150BND Datasheet HTML 8Page - Pericom Semiconductor Corporation PI7C8150BND Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 108 page
background image
PI7C8150B
ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
Page 3 of 108
APRIL 2006 – Revision 2.02
REVISION HISTORY
Date
Revision Number
Description
03/26/03
1.00
First Release of Data Sheet
05/14/03
1.01
Correction to description for bit[0] at offset 48h. Changed from Memory Read Flow
Through Disable to Memory Read Flow Through Enable.
Added reset condition to offset 4Ch, bits [31:28]
06/10/03
1.02
Revised descriptions and added ordering information for PI7C8150B-33 (33MHz) device
Revised temperature support to industrial temperature
06/25/03
1.03
Revised temperature support back to extended commercial range (0C to 85C)
Corrected pin descriptions for S_M66EN, P_M66EN, and S_CLKOUT.
07/31/03
1.031
Corrected MS0 and MS1 pin assignments on Table 2.4. MS0 should be B14 and MS1
should be R16.
Added PBGA pin assignments to signal descriptions in Section 2.2.
Revised power consumption specifications in section 17.6
Revised TDELAY specifications in sections 17.4 and 17.5
10/20/03
1.04
Modified spacing on a few chapters. No changes to content.
02/13/04
1.05
Corrected VDD and VSS pin assignments on Table 2.2.7. Removed pins 106 and 155
(R16 and B14) as these should be MS1 and MS0 respectively.
05/20/04
1.06
Added Industrial temp and Pb-free parts in the Ordering Information
Added Ambient Temperature spec for PI7C8150BI
07/06/04
1.061
Added industrial temp and Pb-free descriptions to the features section in the introduction
08/12/04
1.07
Revised register description bits[31:24] offset 18h - Secondary Latency Timer Register
(section 14.1.13)
Revised register description for bits[3:2] offset 48h – Extended Chip Control Register
(section 14.1.31)
09/23/04
2.00
Corrected configuration register offset 80h (bit[15:0] is secondary bus master timeout
counter and bit[31:16] is primary bus master timeout counter)
Revised and added further descriptions for bit[15:0] offset 80h and bit[31:16] offset 80h
01/10/05
2.01
Corrected Note 4 to show REQ_L has a setup time of 12ns and GNT_L has a setup time
of 10ns (section 17.3)
04/05/06
2.02
Removed ‘Advance Information’ title from headers
Removed email (solutions@pericom.com) link
Revised PCI Local Bus specification compliance to 2.3
06-0044


Similar Part No. - PI7C8150BND

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI7C8150BND PERICOM-PI7C8150BND Datasheet
1Mb / 107P
   ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PI7C8150BND-33 PERICOM-PI7C8150BND-33 Datasheet
1Mb / 107P
   ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PI7C8150BNDE PERICOM-PI7C8150BNDE Datasheet
1Mb / 107P
   ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PI7C8150BNDI PERICOM-PI7C8150BNDI Datasheet
1Mb / 107P
   ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PI7C8150BNDI-33 PERICOM-PI7C8150BNDI-33 Datasheet
1Mb / 107P
   ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
More results

Similar Description - PI7C8150BND

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI7C8148B PERICOM-PI7C8148B_06 Datasheet
1Mb / 94P
   ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PI7C8154BNAE PERICOM-PI7C8154BNAE Datasheet
1Mb / 111P
   Asynchronous 2-Port PCI-to-PCI Bridge
PI7C8150B PERICOM-PI7C8150B_15 Datasheet
1Mb / 107P
   ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
logo
PLX Technology
PCI6150 PLX-PCI6150 Datasheet
167Kb / 1P
   Asynchronous PCI-to-PCI Bridge
logo
Texas Instruments
PCI2060 TI-PCI2060 Datasheet
960Kb / 76P
[Old version datasheet]   Asynchronous PCI-to-PCI Bridge
logo
Pericom Semiconductor C...
PI7C8150A PERICOM-PI7C8150A Datasheet
1Mb / 111P
   2-PORT PCI-to-PCI BRIDGE
PERICOMPI7C8150 PERICOM-PERICOMPI7C8150 Datasheet
904Kb / 106P
   2-Port PCI-to-PCI Bridge
PI7C8152A PERICOM-PI7C8152A_07 Datasheet
660Kb / 90P
   2-Port PCI-to-PCI Bridge
PI7C8140AMAE PERICOM-PI7C8140AMAE Datasheet
1Mb / 82P
   2-Port PCI-to-PCI Bridge
PI7C8154A PERICOM-PI7C8154A Datasheet
818Kb / 114P
   2-Port PCI-to-PCI Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com