Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS4026S+JCC Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS4026S+JCC
Description  10MHz to 51.84MHz TCXO
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4026S+JCC Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS4026S+JCC Datasheet HTML 1Page - Maxim Integrated Products DS4026S+JCC Datasheet HTML 2Page - Maxim Integrated Products DS4026S+JCC Datasheet HTML 3Page - Maxim Integrated Products DS4026S+JCC Datasheet HTML 4Page - Maxim Integrated Products DS4026S+JCC Datasheet HTML 5Page - Maxim Integrated Products DS4026S+JCC Datasheet HTML 6Page - Maxim Integrated Products DS4026S+JCC Datasheet HTML 7Page - Maxim Integrated Products DS4026S+JCC Datasheet HTML 8Page - Maxim Integrated Products DS4026S+JCC Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
10MHz to 51.84MHz TCXO
_____________________________________________________________________
5
Note 1: Typical values are at +25°C, nominal supply voltages, unless otherwise indicated.
Note 2: Voltages referenced to ground.
Note 3: Limits at -40°C are guaranteed by design and not production tested.
Note 4: Specified with I2C bus inactive.
Note 5: Guaranteed by design and not production tested.
Note 6: After this period, the first clock pulse is generated.
Note 7: A device must internally provide a hold time of at least 300ns for the SDA signal (referred to the VIH(MIN) of the SCL signal)
to bridge the undefined region of the falling edge of SCL.
Note 8: The maximum tHD:DAT need only be met if the device does not stretch the low period (tLOW) of the SCL signal.
Note 9: A fast-mode device can be used in a standard-mode system, but the requirement that tSU:DAT ≥ 250ns must then be met.
This is automatically the case if the device does not stretch the low period of the SCL signal. If such a device does not
stretch the low period of the SCL signal, it must output the next data bit to the SDA line tR(MAX) + tSU:DAT = 1000 + 250 =
1250ns before the SCL line is released.
Note 10: CB—total capacitance of one bus line in pF.
AC ELECTRICAL CHARACTERISTICS (continued)
(VCC = 3.135V to 3.465V, TA = -40°C to +85°C, unless otherwise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Standard mode
4.7
Setup Time for STOP Condition
tSU:STO
Fast mode
0.6
µs
Pin Capacitance SDA, SCL
(Note 5)
CI/O
10
pF
Capacitive Load for Each Bus
Line (Note 10)
CB
400
pF
Pulse Width of Spikes That Must
Be Suppressed by the Input Filter
tSP
Fast mode
30
ns
Data Transfer on I2C Serial Bus
SDA
SCL
tHD:STA
tLOW
tHIGH
tR
tF
tBUF
tHD:DAT
tSU:DAT
REPEATED
START
tSU:STA
tHD:STA
tSU:STO
tSP
STOP
START


Similar Part No. - DS4026S+JCC

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4026S+JCC MAXIM-DS4026S+JCC Datasheet
177Kb / 12P
   12.8MHz to 51.84MHz TCXO
Rev 0; 2/07
More results

Similar Description - DS4026S+JCC

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4026 MAXIM-DS4026 Datasheet
177Kb / 12P
   12.8MHz to 51.84MHz TCXO
Rev 0; 2/07
logo
EUROQUARTZ limited
EMQN574T EUROQUARTZ-EMQN574T Datasheet
151Kb / 2P
   CMOS TCXO 7 x 5mm 10MHz to 245MHz
EMQN576T EUROQUARTZ-EMQN576T Datasheet
152Kb / 2P
   CMOS TCXO 7 x 5mm 10MHz to 245MHz
EMQF574T EUROQUARTZ-EMQF574T Datasheet
252Kb / 2P
   CMOS SMD TCXO 7.0 x 5.0mm 10MHz to 245MHz
EMQN576P EUROQUARTZ-EMQN576P Datasheet
304Kb / 3P
   LVPECL TCXO 7 x 5mm SMD 10MHz to 1450MHz
EMQN326D EUROQUARTZ-EMQN326D Datasheet
289Kb / 2P
   LVDS MINIATURE TCXO 3.2 x 2.5mm 10MHz to 1450MHz
EMQN576D EUROQUARTZ-EMQN576D Datasheet
304Kb / 3P
   LVDS TCXO 7 x 5mm SMD 10MHz to 1450MHz
logo
Micrel Semiconductor
SY87729L MICREL-SY87729L_11 Datasheet
505Kb / 17P
   3.3V AnyClock짰, 10MHz to 365MHz
logo
RF Micro Devices
RFSW6132 RFMD-RFSW6132 Datasheet
458Kb / 8P
   SP3T Symmetric Switch, 10MHz to 6000MHz
logo
Epson Company
TG-5031CJ EPSON-TG-5031CJ Datasheet
374Kb / 2P
   TCXO/VC-TCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com