Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS4026_0709 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS4026_0709
Description  10MHz to 51.84MHz TCXO
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4026_0709 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DS4026_0709 Datasheet HTML 4Page - Maxim Integrated Products DS4026_0709 Datasheet HTML 5Page - Maxim Integrated Products DS4026_0709 Datasheet HTML 6Page - Maxim Integrated Products DS4026_0709 Datasheet HTML 7Page - Maxim Integrated Products DS4026_0709 Datasheet HTML 8Page - Maxim Integrated Products DS4026_0709 Datasheet HTML 9Page - Maxim Integrated Products DS4026_0709 Datasheet HTML 10Page - Maxim Integrated Products DS4026_0709 Datasheet HTML 11Page - Maxim Integrated Products DS4026_0709 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
10MHz to 51.84MHz TCXO
8
_____________________________________________________________________
DS4026
TEMP
SENSOR
VCC
VCC
GND
VOSC
GNDOSC
GNDD
VREF
VCCD
FOUT
GNDA
SCL
SDA
I2C
INTERFACE
CONTROLLER
DAC
CMOS
BUFFER
A/D
GND
EEPROM
ARRAY
GND
GND
VCC
VCC
Figure 2. Functional Diagram
Detailed Description
The DS4026 is a TCXO capable of operating at 3.3V
±5%, and it allows digital tuning of the fundamental fre-
quency. The device is calibrated in the factory to
achieve an accuracy of ±1ppm over the industrial tem-
perature range, and its minimum pullability is ±8ppm
with a typical resolution of 1ppb (typ) per LSB.
The DS4026 contains the following blocks:
• Oscillator block with variable capacitor for compen-
sation
• Output driver block
• Temperature sensor
• Controller to read the temperature, control lookup
table, and adjust the DAC input
• DAC output to adjust the capacitive load
•I2C interface to communicate with the chip
The oscillator block consists of an amplifier and variable
capacitor in a Pierce crystal oscillator with a crystal res-
onator of fundamental mode. The oscillator amplifier is a
single transistor amplifier and its transconductance is
temperature compensated. The variable capacitor is
adjusted by the DAC to provide temperature compensa-
tion. With the FTUNEH and FTUNEL registers, a minimum
pullability of ±8ppm (±5ppm for 10MHz) is achieved with
a typical resolution of 1ppb (typ) per LSB.


Similar Part No. - DS4026_0709

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4026-BCC MAXIM-DS4026-BCC Datasheet
177Kb / 12P
   12.8MHz to 51.84MHz TCXO
Rev 0; 2/07
DS4026-BCN MAXIM-DS4026-BCN Datasheet
177Kb / 12P
   12.8MHz to 51.84MHz TCXO
Rev 0; 2/07
DS4026-HCC MAXIM-DS4026-HCC Datasheet
177Kb / 12P
   12.8MHz to 51.84MHz TCXO
Rev 0; 2/07
DS4026-HCN MAXIM-DS4026-HCN Datasheet
177Kb / 12P
   12.8MHz to 51.84MHz TCXO
Rev 0; 2/07
DS4026-JCC MAXIM-DS4026-JCC Datasheet
177Kb / 12P
   12.8MHz to 51.84MHz TCXO
Rev 0; 2/07
More results

Similar Description - DS4026_0709

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4026 MAXIM-DS4026 Datasheet
177Kb / 12P
   12.8MHz to 51.84MHz TCXO
Rev 0; 2/07
logo
EUROQUARTZ limited
EMQN574T EUROQUARTZ-EMQN574T Datasheet
151Kb / 2P
   CMOS TCXO 7 x 5mm 10MHz to 245MHz
EMQN576T EUROQUARTZ-EMQN576T Datasheet
152Kb / 2P
   CMOS TCXO 7 x 5mm 10MHz to 245MHz
EMQF574T EUROQUARTZ-EMQF574T Datasheet
252Kb / 2P
   CMOS SMD TCXO 7.0 x 5.0mm 10MHz to 245MHz
EMQN576P EUROQUARTZ-EMQN576P Datasheet
304Kb / 3P
   LVPECL TCXO 7 x 5mm SMD 10MHz to 1450MHz
EMQN326D EUROQUARTZ-EMQN326D Datasheet
289Kb / 2P
   LVDS MINIATURE TCXO 3.2 x 2.5mm 10MHz to 1450MHz
EMQN576D EUROQUARTZ-EMQN576D Datasheet
304Kb / 3P
   LVDS TCXO 7 x 5mm SMD 10MHz to 1450MHz
logo
Micrel Semiconductor
SY87729L MICREL-SY87729L_11 Datasheet
505Kb / 17P
   3.3V AnyClock짰, 10MHz to 365MHz
logo
RF Micro Devices
RFSW6132 RFMD-RFSW6132 Datasheet
458Kb / 8P
   SP3T Symmetric Switch, 10MHz to 6000MHz
logo
Epson Company
TG-5031CJ EPSON-TG-5031CJ Datasheet
374Kb / 2P
   TCXO/VC-TCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com