Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3690T+TRL Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS3690T+TRL
Description  3.3V 26-Channel, Three-Stateable Transmission Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3690T+TRL Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS3690T+TRL Datasheet HTML 1Page - Maxim Integrated Products DS3690T+TRL Datasheet HTML 2Page - Maxim Integrated Products DS3690T+TRL Datasheet HTML 3Page - Maxim Integrated Products DS3690T+TRL Datasheet HTML 4Page - Maxim Integrated Products DS3690T+TRL Datasheet HTML 5Page - Maxim Integrated Products DS3690T+TRL Datasheet HTML 6Page - Maxim Integrated Products DS3690T+TRL Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3.3V 26-Channel, Three-Stateable
Transmission Gate
_______________________________________________________________________________________
3
Note 1: All voltages referenced to ground.
Note 2: Typical waveform shown is labeled CHxxA (input) to CHxxB (output), and is identical in function when selecting pin CHxxB
(as the input) to pin CHxxA (as the output).
Note 3: Output reference level is VCC/2.
Note 4: Input transitions prior to the CE falling edge are ignored (don’t care).
Note 5: Propagation delay differential between any two channels when using a common input signal source.
Note 6: Guaranteed by design and not 100% tested.
CAPACITANCE
(TA = +25°C)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Capacitance (CE)
CIN
Not production tested
5
pF
I/O Capacitance
CIO
Not production tested
8
pF
Timing Diagrams
CHxxA
CHxxB
tPD
tPD
tPD
Figure 1. Digital Channel Propagation Delay
tCEV
tIS
HIGH IMPEDANCE
CHxxA
CHxxB
DON'T
CARE
CE
Figure 2. Digital Channels Enabled by CE
DON'T CARE
HIGH IMPEDANCE
CHxxA
CHxxB
CE
tCEZ
Figure 3. Digital Channels Disabled by CE


Similar Part No. - DS3690T+TRL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS3691 NSC-DS3691 Datasheet
275Kb / 10P
   (RS-422/RS-423) Line Drivers with TRI-STATE Outputs
logo
Texas Instruments
DS3691 TI1-DS3691 Datasheet
1,000Kb / 15P
[Old version datasheet]   Line Drivers with TRI-STATE Outputs
logo
National Semiconductor ...
DS3691M NSC-DS3691M Datasheet
275Kb / 10P
   (RS-422/RS-423) Line Drivers with TRI-STATE Outputs
logo
Texas Instruments
DS3691M TI1-DS3691M Datasheet
1,000Kb / 15P
[Old version datasheet]   Line Drivers with TRI-STATE Outputs
DS3691M/NOPB TI1-DS3691M/NOPB Datasheet
1,000Kb / 15P
[Old version datasheet]   Line Drivers with TRI-STATE Outputs
More results

Similar Description - DS3690T+TRL

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
TC1903Z FUMAN-TC1903Z Datasheet
368Kb / 5P
   Single-line transmission three-channel LED driver control dedicated chip
TC1903A FUMAN-TC1903A Datasheet
319Kb / 5P
   Single-line transmission three-channel LED driver control dedicated chip
TC26703A FUMAN-TC26703A Datasheet
320Kb / 5P
   Single-line transmission three-channel LED driver control dedicated chip
TC26703 FUMAN-TC26703 Datasheet
417Kb / 7P
   Single-line transmission three-channel LED driver control dedicated chip
TC2811 FUMAN-TC2811 Datasheet
320Kb / 5P
   Single-line transmission three-channel LED driver control dedicated chip
TC2811Z FUMAN-TC2811Z Datasheet
368Kb / 5P
   Single-line transmission three-channel LED driver control dedicated chip
TC2811N FUMAN-TC2811N Datasheet
367Kb / 5P
   Single-line transmission three-channel LED driver control dedicated chip
logo
Toshiba Semiconductor
TD62930P TOSHIBA-TD62930P Datasheet
325Kb / 9P
   THREE-CHANNEL SMALL-SIGNAL IGBT GATE DRIVER
logo
Rohm
BD6563FV-LB ROHM-BD6563FV-LB Datasheet
416Kb / 19P
   Three-Channel Small Signal IGBT/MOSFET Gate Drivers
logo
Texas Instruments
DRV8302 TI1-DRV8302_16 Datasheet
560Kb / 32P
[Old version datasheet]   Three Phase Gate Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com