Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3232N Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS3232N
Description  Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3232N Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS3232N Datasheet HTML 1Page - Maxim Integrated Products DS3232N Datasheet HTML 2Page - Maxim Integrated Products DS3232N Datasheet HTML 3Page - Maxim Integrated Products DS3232N Datasheet HTML 4Page - Maxim Integrated Products DS3232N Datasheet HTML 5Page - Maxim Integrated Products DS3232N Datasheet HTML 6Page - Maxim Integrated Products DS3232N Datasheet HTML 7Page - Maxim Integrated Products DS3232N Datasheet HTML 8Page - Maxim Integrated Products DS3232N Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
General Description
The DS3232 is a low-cost temperature-compensated
crystal oscillator (TCXO) with a very accurate, tempera-
ture-compensated, integrated real-time clock (RTC) and
236 bytes of battery-backed SRAM. Additionally, the
DS3232 incorporates a battery input and maintains accu-
rate timekeeping when main power to the device is inter-
rupted. The integration of the crystal resonator enhances
the long-term accuracy of the device as well as reduces
the piece-part count in a manufacturing line. The DS3232
is available in commercial and industrial temperature
ranges, and is offered in an industry-standard 20-pin,
300-mil SO package.
The RTC maintains seconds, minutes, hours, day, date,
month, and year information. The date at the end of the
month is automatically adjusted for months with fewer
than 31 days, including corrections for leap year. The
clock operates in either the 24-hour or 12-hour format
with an AM/PM indicator. Two programmable time-of-
day alarms and a programmable square-wave output
are provided. Address and data are transferred serially
through an I2C bidirectional bus.
A precision temperature-compensated voltage refer-
ence and comparator circuit monitors the status of VCC
to detect power failures, to provide a reset output, and
to automatically switch to the backup supply when nec-
essary. Additionally, the RST pin is monitored as a
pushbutton input for generating a reset externally.
Applications
Servers
Utility Power Meters
Telematics
GPS
Features
♦ Accuracy ±2ppm from 0°C to +40°C
♦ Accuracy ±3.5ppm from -40°C to +85°C
♦ Battery Backup Input for Continuous
Timekeeping
♦ Operating Temperature Ranges
Commercial: 0°C to +70°C
Industrial: -40°C to +85°C
♦ 236 Bytes of Battery-Backed SRAM
♦ Low-Power Consumption
♦ Real-Time Clock Counts Seconds, Minutes,
Hours, Day, Date, Month, and Year with Leap Year
Compensation Valid Up to 2099
♦ Two Time-of-Day Alarms
♦ Programmable Square-Wave Output
♦ Fast (400kHz) I2C Interface
♦ 3.3V Operation
♦ Digital Temp Sensor Output: ±3°C Accuracy
♦ Register for Aging Trim
♦ RST Input/Output
♦ 300-Mil, 20-Pin SO Package
♦ Underwriters Laboratories (UL®) Recognized
Extremely Accurate I2C RTC with
Integrated Crystal and SRAM
______________________________________________
Maxim Integrated Products
1
Rev 3; 10/07
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Ordering Information
PART
TEMP RANGE
PIN-
PACKAGE
TOP
MARK
DS3232S#
0°C to +70°C
20 SO
DS3232
DS3232SN#
-40°C to +85°C
20 SO
DS3232N
UL is a registered trademark of Underwriters Laboratories, Inc.
DS3232
VCC
SCL
RPU
RPU = tR / CB
RPU
INT/SQW
32kHz
VBAT
PUSH-
BUTTON
RESET
SDA
RST
N.C.
N.C.
N.C.
N.C.
VCC
VCC
GND
VCC
CPU
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
Typical Operating Circuit
#
Denotes a RoHS-compliant device that may include lead that
is exempt under the RoHS requirements. Lead finish is JESD97
Category e3, and is compatible with both lead-based and
lead-free soldering processes. A "#" anywhere on the top mark
denotes a RoHS-compliant device.
TOP VIEW
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
SCL
N.C.
SCL
SDA
VCC
32kHz
N.C.
N.C.
VBAT
GND
N.C.
N.C.
N.C.
N.C.
RST
INT/SQW
12
11
9
10
N.C.
N.C.
N.C.
N.C.
SO
DS3232
Pin Configuration


Similar Part No. - DS3232N

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3232 MAXIM-DS3232 Datasheet
276Kb / 18P
   Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 2; 3/06
DS3232 MAXIM-DS3232 Datasheet
276Kb / 19P
   Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 4; 10/08
DS3232 MAXIM-DS3232 Datasheet
280Kb / 19P
   Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 5; 7/10
DS3232M MAXIM-DS3232M Datasheet
2Mb / 23P
   ±5ppm, I2C Real-Time Clock with SRAM
Rev 0; 3/12
DS3232M MAXIM-DS3232M Datasheet
2Mb / 23P
   ±5ppm, I2C Real-Time Clock with SRAM
Rev 1; 8/12
More results

Similar Description - DS3232N

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3232 MAXIM-DS3232_10 Datasheet
280Kb / 19P
   Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 5; 7/10
DS3232 MAXIM-DS3232 Datasheet
276Kb / 18P
   Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 2; 3/06
DS3232 MAXIM-DS3232_08 Datasheet
276Kb / 19P
   Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 4; 10/08
logo
Dallas Semiconductor
DS3231 DALLAS-DS3231 Datasheet
363Kb / 19P
   Extremely Accurate I2C-Integrated RTC/TXO/Crystal
logo
Maxim Integrated Produc...
DS3231 MAXIM-DS3231_13 Datasheet
300Kb / 20P
   Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 9; 1/13
DS3231 MAXIM-DS3231_10 Datasheet
372Kb / 20P
   Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 7; 3/10
DS3234 MAXIM-DS3234_10 Datasheet
282Kb / 21P
   Extremely Accurate SPI Bus RTC with Integrated Crystal and SRAM
Rev 3; 7/10
DS3231SNTR MAXIM-DS3231SNTR Datasheet
297Kb / 20P
   Extremely Accurate I2C-Integrated RTC-TCXO-Crystal
Rev 9; 1/13
DS3231_1007 MAXIM-DS3231_1007 Datasheet
378Kb / 20P
   Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 8; 7/10
DS3234 MAXIM-DS3234_07 Datasheet
292Kb / 20P
   Extremely Accurate SPI Bus RTC with Integrated Crystal and SRAM
Rev 1; 7/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com