Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3205 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS3205
Description  Hot-Swappable Bus Buffer for I2C, SMBus, IPMI, and ATCA
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3205 Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS3205 Datasheet HTML 1Page - Maxim Integrated Products DS3205 Datasheet HTML 2Page - Maxim Integrated Products DS3205 Datasheet HTML 3Page - Maxim Integrated Products DS3205 Datasheet HTML 4Page - Maxim Integrated Products DS3205 Datasheet HTML 5Page - Maxim Integrated Products DS3205 Datasheet HTML 6Page - Maxim Integrated Products DS3205 Datasheet HTML 7Page - Maxim Integrated Products DS3205 Datasheet HTML 8Page - Maxim Integrated Products DS3205 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Maxim Integrated Products
1
Some revisions of this device may incorporate deviations from published specifications known as errata. Multiple revisions of
any device may be simultaneously available through various sales channels. For information about device errata, go to:
www.maxim-ic.com/errata. For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642, or
visit Maxim’s website at www.maxim-ic.com.
DS3205
Hot-Swappable Bus Buffer for
I2C, SMBus, IPMI, and ATCA
General Description
The DS3205 bus buffer enables hot insertion and
extraction
of
boards
without
corruption
of
the
backplane’s 2-wire bus (I
2C, SMBus™, IPMI, etc.).
When a board is inserted, the DS3205 presents high-
impedance SCL
and
SDA
connections
to
the
backplane until VDD rises above 2.5V. During normal
operation,
the
DS3205
provides
bidirectional
buffering to keep backplane and board capacitances
isolated.
Rise-time accelerators on each 2-wire bus pin enable
the use of lower current pullup resistors while still
meeting rise-time requirements.
Applications
Hot-Swappable Boards for AdvancedTCA
®,
CompactPCI
®, VME, and Other Backplanes in
Chassis-Oriented Telecom, Datacom,
Computing, and Storage Systems
Capacitance Buffer
Bus Extender
Fault Isolator
Ordering Information
PART
TEMP RANGE
PIN-
PACKAGE
PKG
CODE
DS3205DN+
-40
°C to +85°C 14 TDFN
T1433-1
+Denotes a lead-free package.
Features
♦ Compliant to PICMG 3.0 IPMI I2C Requirements
♦ Bidirectional Buffer for SCL and SDA Lines
♦ Compatible with I2C, I2C Fast Mode, SMBus,
IPMI, and ATCA
® Standards (Up to 400kHz)
♦ Prevents Corruption of System SCL and SDA
Lines During Live Insertion/Removal of Boards
♦ Increases Fanout by Connecting Board Bus to
Backplane Bus with < 10pF Additional Load
♦ Automatically Delays Initial Bus Connection
Until Both Bus Segments Are Idle
♦ SCL and SDA Pins High-Z When VDD = 0V
♦ 1V Precharge on SCL and SDA Lines
♦ ENABLE Input Pin Connects or Isolates Buses
♦ READY Output Pin Indicates “Connected”
♦ FAULT Output Pin Indicates “Stuck Bus”
♦ Optional Rise-Time Accelerators on All Bus
Pins
♦ Configurable Rise-Time Accelerator Slew Rate
Threshold (0.8V/
μs or 1.25V/μs)
♦ Supports Clock Stretching and Multiple Bus
Master Arbitration and Synchronization
♦ Optionally Disconnects Board from Backplane
When Bus is Stuck Low for ≥ 30ms
♦ Optionally Attempts to Recover a Stuck Bus by
Clocking Board SCL
♦ ±15kV ESD Protection (Human Body Model) on
Bus Pins
♦ Wide Operating Voltage Range: 2.7V to 5.5V
♦ 5V Tolerant I/Os
♦ Tiny 14-Pin, 3mm x 3mm TDFN Package
Rev: 111607
SMBus is a trademark of Intel Corp.
ATCA, AdvancedTCA, and CompactPCI are registered trademarks of PCI Industrial Computer Manufacturers Group (PICMG).


Similar Part No. - DS3205

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS320PR1601 TI-DS320PR1601 Datasheet
2Mb / 44P
[Old version datasheet]   DS320PR1601 32 Gbps 16 Lane PCIe® 5.0, CXL 2.0 Linear Redriver
JUNE 2023
DS320PR1601ZDGR TI-DS320PR1601ZDGR Datasheet
2Mb / 44P
[Old version datasheet]   DS320PR1601 32 Gbps 16 Lane PCIe® 5.0, CXL 2.0 Linear Redriver
JUNE 2023
DS320PR1601ZDGT TI-DS320PR1601ZDGT Datasheet
2Mb / 44P
[Old version datasheet]   DS320PR1601 32 Gbps 16 Lane PCIe® 5.0, CXL 2.0 Linear Redriver
JUNE 2023
DS320PR410 TI-DS320PR410 Datasheet
2Mb / 32P
[Old version datasheet]   DS320PR410 Four-Channel Linear Redriver for PCIe™ 5.0, CXL 2.0
OCTOBER 2023
DS320PR410RNQR TI-DS320PR410RNQR Datasheet
2Mb / 32P
[Old version datasheet]   DS320PR410 Four-Channel Linear Redriver for PCIe™ 5.0, CXL 2.0
OCTOBER 2023
More results

Similar Description - DS3205

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9510A NXP-PCA9510A Datasheet
153Kb / 24P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-18 August 2009
PCA9510A PHILIPS-PCA9510A Datasheet
140Kb / 23P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-8 September 2005
PCA9510 PHILIPS-PCA9510 Datasheet
151Kb / 19P
   Hot swappable I2C and SMBus bus buffer
2004 Oct 05
PCA9511A PHILIPS-PCA9511A Datasheet
144Kb / 23P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-15 August 2005
PCA9514A PHILIPS-PCA9514A Datasheet
154Kb / 25P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-11 October 2005
PCA9511DP-T NXP-PCA9511DP-T Datasheet
146Kb / 18P
   Hot swappable I2C-bus and SMBus bus buffer
2006 Aug 23
logo
ON Semiconductor
PCA9511A ONSEMI-PCA9511A Datasheet
352Kb / 17P
   Hot Swappable I2C-Bus and SMBus Bus Buffer
August, 2013 ??Rev. 0
logo
NXP Semiconductors
PCA9511A NXP-PCA9511A Datasheet
156Kb / 24P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-19 August 2009
PCA9513A NXP-PCA9513A Datasheet
172Kb / 26P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-18 August 2009
logo
Diodes Incorporated
PI6ULS5V9511A DIODES-PI6ULS5V9511A Datasheet
1Mb / 17P
   Hot Swappable I2C Bus/SMBus Buffer
December 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com