Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3205 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS3205
Description  Hot-Swappable Bus Buffer for I2C, SMBus, IPMI, and ATCA
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3205 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS3205 Datasheet HTML 5Page - Maxim Integrated Products DS3205 Datasheet HTML 6Page - Maxim Integrated Products DS3205 Datasheet HTML 7Page - Maxim Integrated Products DS3205 Datasheet HTML 8Page - Maxim Integrated Products DS3205 Datasheet HTML 9Page - Maxim Integrated Products DS3205 Datasheet HTML 10Page - Maxim Integrated Products DS3205 Datasheet HTML 11Page - Maxim Integrated Products DS3205 Datasheet HTML 12Page - Maxim Integrated Products DS3205 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
____________________________________________________________________________________________ DS3205
Rev: 111607
9 of 20
3.
Pin Descriptions
Table 3-1. Pin Descriptions
NAME
PIN
TYPE
FUNCTION
ENABLE
1
I
Enable Input. This input pin establishes the board-to-backplane connection when
driven to a level above VDD/2 (approximately) with 50mV hysteresis.
0 = Disable connection and enter low-power mode.
1 = Enable connection of backplane and board buses.
SCLOUT
2
I/O
Serial Clock Output. This pin is connected to the board’s SCL signal.
SDAOUT
3
I/O
Serial Data Output. This pin is connected to the board’s SDA signal.
ACIE
4
I
Accelerator Current on Inputs Enable. This input pin enables/disables the rise-
time accelerators on the bus input pins.
0 = Disable rise-time accelerator on SCLIN and SDAIN.
1 = Enable rise-time accelerator on SCLIN and SDAIN.
ACOE
5
I
Accelerator Current on Outputs Enable. This input pin enables/disables the rise-
time accelerators on the bus output pins.
0 = Disable rise-time accelerator on SCLOUT and SDAOUT.
1 = Enable rise-time accelerator on SCLOUT and SDAOUT.
ASR
6
I
Accelerator Slew Rate Threshold Select. This input pin selects the rate for the
rise-time accelerators.
0 = 0.8V/
μs
1 = 1.25V/
μs
VSS
7
P
Ground
READY
8
Ood
Connected Status Indicator. This is an open-drain output that goes high when the
device is in the ACTIVE state. See the state diagram in Figure 2-3. This pin should
have an external 10k
Ω pullup resistor.
0 = Backplane and board buses not connected.
1 (float) = Backplane and board buses connected.
FAULT
9
Ood
Active-Low Bus Fault Indicator. This open-drain output pin indicates a “stuck bus”
condition when = 0. This pin should have an external 10k
Ω pullup resistor.
0 = Either SCLOUT or SDAOUT has been low > 30ms.
1 = No stuck bus fault.
SBCLK
10
I
Stuck Bus Clocking Enable. Asserting this pin high causes the DS3205 to drive
clock pulses onto the SCLOUT pin in an attempt to free a stuck bus when a “stuck
bus” condition has been detected. See Section 4 and Figure 2-3 for more information
on the stuck bus condition.
0 = Disable automatic clocking during stuck bus fault.
1 = Enable automatic clocking during stuck bus fault.
Note: Asserting both SBDIS and SBCLK high at the same time is not valid and can
produce unwanted results.
SBDIS
11
I
Stuck Bus Disconnect Enable. Asserting this pin high causes the DS3205 to
disconnect the backplane signals from the board signals when a “stuck bus”
condition has been detected. See Section 4 and Figure 2-3 for more information on
the stuck bus condition.
0 = Disable automatic disconnect on stuck bus fault.
1 = Enable automatic disconnect on stuck bus fault.
Note: Asserting both SBDIS and SBCLK high at the same time is not valid and can
produce unwanted results.


Similar Part No. - DS3205

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS320PR1601 TI-DS320PR1601 Datasheet
2Mb / 44P
[Old version datasheet]   DS320PR1601 32 Gbps 16 Lane PCIe® 5.0, CXL 2.0 Linear Redriver
JUNE 2023
DS320PR1601ZDGR TI-DS320PR1601ZDGR Datasheet
2Mb / 44P
[Old version datasheet]   DS320PR1601 32 Gbps 16 Lane PCIe® 5.0, CXL 2.0 Linear Redriver
JUNE 2023
DS320PR1601ZDGT TI-DS320PR1601ZDGT Datasheet
2Mb / 44P
[Old version datasheet]   DS320PR1601 32 Gbps 16 Lane PCIe® 5.0, CXL 2.0 Linear Redriver
JUNE 2023
DS320PR410 TI-DS320PR410 Datasheet
2Mb / 32P
[Old version datasheet]   DS320PR410 Four-Channel Linear Redriver for PCIe™ 5.0, CXL 2.0
OCTOBER 2023
DS320PR410RNQR TI-DS320PR410RNQR Datasheet
2Mb / 32P
[Old version datasheet]   DS320PR410 Four-Channel Linear Redriver for PCIe™ 5.0, CXL 2.0
OCTOBER 2023
More results

Similar Description - DS3205

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9510A NXP-PCA9510A Datasheet
153Kb / 24P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-18 August 2009
PCA9510A PHILIPS-PCA9510A Datasheet
140Kb / 23P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-8 September 2005
PCA9510 PHILIPS-PCA9510 Datasheet
151Kb / 19P
   Hot swappable I2C and SMBus bus buffer
2004 Oct 05
PCA9511A PHILIPS-PCA9511A Datasheet
144Kb / 23P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-15 August 2005
PCA9514A PHILIPS-PCA9514A Datasheet
154Kb / 25P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-11 October 2005
PCA9511DP-T NXP-PCA9511DP-T Datasheet
146Kb / 18P
   Hot swappable I2C-bus and SMBus bus buffer
2006 Aug 23
logo
ON Semiconductor
PCA9511A ONSEMI-PCA9511A Datasheet
352Kb / 17P
   Hot Swappable I2C-Bus and SMBus Bus Buffer
August, 2013 ??Rev. 0
logo
NXP Semiconductors
PCA9511A NXP-PCA9511A Datasheet
156Kb / 24P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-19 August 2009
PCA9513A NXP-PCA9513A Datasheet
172Kb / 26P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-18 August 2009
logo
Diodes Incorporated
PI6ULS5V9511A DIODES-PI6ULS5V9511A Datasheet
1Mb / 17P
   Hot Swappable I2C Bus/SMBus Buffer
December 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com