Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTA412Y-600B Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BTA412Y-600B
Description  12 A Three-quadrant triacs, insulated, high commutation, high temperature
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BTA412Y-600B Datasheet(HTML) 5 Page - NXP Semiconductors

  BTA412Y-600B Datasheet HTML 1Page - NXP Semiconductors BTA412Y-600B Datasheet HTML 2Page - NXP Semiconductors BTA412Y-600B Datasheet HTML 3Page - NXP Semiconductors BTA412Y-600B Datasheet HTML 4Page - NXP Semiconductors BTA412Y-600B Datasheet HTML 5Page - NXP Semiconductors BTA412Y-600B Datasheet HTML 6Page - NXP Semiconductors BTA412Y-600B Datasheet HTML 7Page - NXP Semiconductors BTA412Y-600B Datasheet HTML 8Page - NXP Semiconductors BTA412Y-600B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
BTA412Y_SER_B_C_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 3 October 2007
5 of 12
NXP Semiconductors
BTA412Y series B and C
12 A 3-quadrant triacs, insulated, high commutation, high temperature
5.
Thermal characteristics
6.
Isolation characteristics
Table 4.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-mb)
thermal resistance from junction to
mounting base
full cycle; see Figure 6
-
-
2.1
K/W
Rth(j-a)
thermal resistance from junction to
ambient
in free air
-
60
-
K/W
Fig 6.
Transient thermal impedance from junction to mounting base as a function of pulse duration
003aab815
10−1
10−2
1
10
Zth(j-mb)
(K/W)
10−3
tp (s)
10−5
110
10−1
10−2
10−4
10−3
tp
P
t
Table 5.
Isolation limiting values and characteristics
Th = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Visol(RMS)
RMS isolation voltage
from all three terminals to
external heatsink; f = 50 Hz to
60 Hz; sinusoidal waveform;
RH
≤ 65 %; clean and dust free
-
-
2500
V
Cisol
isolation capacitance
from pin 2 to external heatsink;
f=1MHz
-10
-
pF


Similar Part No. - BTA412Y-600B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA412Y-600B NXP-BTA412Y-600B Datasheet
93Kb / 12P
   12 A three-quadrant triacs, insulated, high commutation, high temperature
Rev. 02-11 March 2008
logo
WeEn Semiconductors
BTA412Y-600B WEEN-BTA412Y-600B Datasheet
405Kb / 12P
   3Q Triac
More results

Similar Description - BTA412Y-600B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA412Y-600B NXP-BTA412Y-600B Datasheet
93Kb / 12P
   12 A three-quadrant triacs, insulated, high commutation, high temperature
Rev. 02-11 March 2008
BTA312Y NXP-BTA312Y Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation insulated
Rev. 01-27 September 2007
BTA312 NXP-BTA312 Datasheet
81Kb / 12P
   12 A Three-quadrant triacs high commutation high temperature
Rev. 01- 6 April 2007
BTA312B NXP-BTA312B_1 Datasheet
87Kb / 12P
   12 A Three-quadrant triacs high commutation high temperature
Rev. 01-11 April 2007
BTA312 NXP-BTA312_1 Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
BTA312X-600D NXP-BTA312X-600D Datasheet
94Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
BTA416Y NXP-BTA416Y Datasheet
82Kb / 12P
   16 A Three-quadrant triacs, insulated, high commutation, high temperature
Rev. 01-3 October 2007
BTA416Y-600B NXP-BTA416Y-600B Datasheet
90Kb / 12P
   16 A three-quadrant triacs insulated, high commutation, high temperature
Rev. 02-11 March 2008
BTA312-800B PHILIPS-BTA312-800B Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-13 March 2007
BTA312X NXP-BTA312X Datasheet
86Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01 - 11 April 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com