Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTA412Y Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BTA412Y
Description  12 A Three-quadrant triacs, insulated, high commutation, high temperature
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BTA412Y Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BTA412Y Datasheet HTML 4Page - NXP Semiconductors BTA412Y Datasheet HTML 5Page - NXP Semiconductors BTA412Y Datasheet HTML 6Page - NXP Semiconductors BTA412Y Datasheet HTML 7Page - NXP Semiconductors BTA412Y Datasheet HTML 8Page - NXP Semiconductors BTA412Y Datasheet HTML 9Page - NXP Semiconductors BTA412Y Datasheet HTML 10Page - NXP Semiconductors BTA412Y Datasheet HTML 11Page - NXP Semiconductors BTA412Y Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
BTA412Y_SER_B_C_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 3 October 2007
8 of 12
NXP Semiconductors
BTA412Y series B and C
12 A 3-quadrant triacs, insulated, high commutation, high temperature
Vo = 1.024 V
Rs = 0.021 Ω
(1) Tj = 150 °C; typical values
(2) Tj = 150 °C; maximum values
(3) Tj = 25 °C; maximum values
Fig 9.
On-state current as a function of on-state
voltage
Fig 10. Normalized latching current as a function of
junction temperature
Fig 11. Normalized holding current as a function of junction temperature
003aab666
0
10
20
30
40
50
0
0.5
1
1.5
2
VT (V)
IT
(A)
(1)
(2)
(3)
Tj (°C)
−50
150
100
050
001aag166
1
2
3
0
IL
IL(25°C)
Tj (°C)
−50
150
100
050
001aag167
1
2
3
0
IH
IH(25°C)


Similar Part No. - BTA412Y

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA412Y-600B NXP-BTA412Y-600B Datasheet
93Kb / 12P
   12 A three-quadrant triacs, insulated, high commutation, high temperature
Rev. 02-11 March 2008
logo
WeEn Semiconductors
BTA412Y-600B WEEN-BTA412Y-600B Datasheet
405Kb / 12P
   3Q Triac
logo
NXP Semiconductors
BTA412Y-600C NXP-BTA412Y-600C Datasheet
93Kb / 12P
   12 A three-quadrant triacs, insulated, high commutation, high temperature
Rev. 02-11 March 2008
logo
WeEn Semiconductors
BTA412Y-600C WEEN-BTA412Y-600C Datasheet
480Kb / 12P
   3Q Hi-Com Triac
logo
Inchange Semiconductor ...
BTA412Y-600ET ISC-BTA412Y-600ET Datasheet
173Kb / 1P
   isc Thyristors
More results

Similar Description - BTA412Y

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA412Y-600B NXP-BTA412Y-600B Datasheet
93Kb / 12P
   12 A three-quadrant triacs, insulated, high commutation, high temperature
Rev. 02-11 March 2008
BTA312Y NXP-BTA312Y Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation insulated
Rev. 01-27 September 2007
BTA312 NXP-BTA312 Datasheet
81Kb / 12P
   12 A Three-quadrant triacs high commutation high temperature
Rev. 01- 6 April 2007
BTA312B NXP-BTA312B_1 Datasheet
87Kb / 12P
   12 A Three-quadrant triacs high commutation high temperature
Rev. 01-11 April 2007
BTA312 NXP-BTA312_1 Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
BTA312X-600D NXP-BTA312X-600D Datasheet
94Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
BTA416Y NXP-BTA416Y Datasheet
82Kb / 12P
   16 A Three-quadrant triacs, insulated, high commutation, high temperature
Rev. 01-3 October 2007
BTA416Y-600B NXP-BTA416Y-600B Datasheet
90Kb / 12P
   16 A three-quadrant triacs insulated, high commutation, high temperature
Rev. 02-11 March 2008
BTA312-800B PHILIPS-BTA312-800B Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-13 March 2007
BTA312X NXP-BTA312X Datasheet
86Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01 - 11 April 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com